Part Number Hot Search : 
BAT14 5KP120 HSM126S 74LVC126 FA3621F RLZ24 140511 XMN2A02N
Product Description
Full Text Search
 

To Download TIC206D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  , o ne. 20 stern ave. springfield, new jersey 07081 u.s.a. tic206 series silicon triacs sensitive gate triacs 4 a rms glass passivated wafer 400 v to 800 v off-state voltage max igt of 5 ma (quadrants 1-3) to-220 pa (topv mt-i c mt2c fic ckage ew) 1 2 3 o pin 2 is in electrical contact with the mounting base absolute maximum ratings over operating case temperature (unless otherwise noted) rating repetitive peak off-state voltage (see note 1 ) TIC206D tic206m tic206s tic206n full-cycle rms on-state current at (or below) 85c case temperature (see note 2) peak on-state surge current full-sine-wave (see note 3) peak on-state surge current half-sine-wave (see note 4) peak gate current peak gate power dissipation at (or below) 85c case temperature (pulse width < 200 us) average gate power dissipation at (or below) 85c case temperature (see note 5) operating case temperature range storage temperature range lead temperature 1.6mm from case for 1 0 seconds symbol vdrm 'tirmsj !tsm 'tsm 'gm pgm pg(av) tc tstg tl value 400 600 700 800 4 25 30 0.2 1.3 0.3 -40to+110 -40to+125 230 unit v a a a a w w c c c notes: 1. these values apply bidirectionally for any value of resistance between the gate and main terminal 1. 2. this value applies for 50-hz full-sine-wave operation with resistive load. above 85c derate linearly to 110c case temperature at the rate of 160 matc. 3. this value applies for one 50-hz full-sine-wave when the device is operating at (or below) the rated value of on-state current. surge may be repeated after the device has returned to original thermal equilibrium. during the surge, gate control may be lost. 4. this value applies for one 50-hz half-sine-wave when the device is operating at (or below) the rated value of on-state current. surge may be repeated after the device has returned to original thermal equilibrium. during the surge, gate control may be lost. 5. this value applies for a maximum averaging time of 20 ms. electrical characteristics at 25c case temperature (unless otherwise noted) parameter repetitive peak drm off-state current peak gate trigger g? current peak gate trigger vg? voltage test conditions vd = rated vdrm ig = 0 tc = 110c v5uppiy = + 1 2 vt rl = 1 0 q tp(g) > 20 us vsupply = +12vt rl=10h tp(g)>20ns supply = -1 2 vt rl = 1 0 n tp(g) > 20 us vsupply = -12vt rl=10n tp(9)>20ms vsuppiy=+12vt rl=10n tp(9)>20ns vsuppiy = + 1 2 vt rl = 1 0 n tp(g) > 20 us vsupply = -1 2 vt rl = 1 0 q tp(g) > 20 us vsuppiy = -1 2 vt rl = 1 0 q tp(g) > 20 us win typ 0.5 -1.5 -2 3.6 0.7 -0.7 -0.8 0.8 max 1 5 -5 -5 10 2 -2 -2 2 unit ma ma v t all voltages are with respect to main terminal 1. nj semi-conductors reserves the right to change test conditions, parameter limits and package dimensions without notice. information furnished by nj semi-conductors is believed to.be both accurate and reliable at the time of going to press. however, nj semi-conductors assumes no responsibility for any errors or omissions discovered in its use. nj semi-conductors encourages customers to verify that datasheets are current before placing orders. quality semi-conductors
tic206 series silicon triacs electrical characteristics at 25c case temperature (unless otherwise noted) (continued) parameter vtm peak on-state voltage ih holding current il latching current critical rate of rise of dv/dt off-state voltage critical rise of dv/dt, ., 1 ' commutation voltage test conditions itm = 4.2 a ig = 50 ma (see note 6) vsuppiy = +12vt ig = 0 lnit'ltm= 100ma vsuppiy = -12 vt ig = 0 inif itm = -100ma ^:+;22vv; ^n^, v supply '' vt vdrm = rated vdrm ig = 0 tc = 1 1 0'c , vdrm = rated vdrm itrm = 4.2 a tc = 85c win 1 typ 1.3 2 -4 50 1.3 max 2.2 15 -15 30 -30 2.5 unit v ma ma v/us v/ms t all voltages are with respect to main terminal 1. notes: 6. this parameter must be measured using pulse techniques, tp = < 1 ms, duty cycle < 2 %. voltage-sensing contacts separate from the current carrying contacts are located within 3.2 mm from the device body. 7. the triacs are triggered by a 15-v (open circuit amplitude) pulse supplied by a generator with the following characteristics: rg = 100 n, tp(g) = 20 us, tr = < 15 ns, f = 1 khz. thermal characteristics parameter rejc junction to case thermal resistance r,3ja junction to free air thermal resistance min typ max 7.8 62.5 unit c/w c/w typical characteristics 1000 < e o u 's o 100 10 0-1 gate trigger current vs temperature vsu = : ppiy 'gtm ?f - , ~"-? - ^, "?? ??-? -=?-. ?? . >^^ ?? , ^^ * ^, ?^^ ^"^"^ ~vaa l?(g ?o^^ ' - . -^ ^^ = 12 v ? = 10 11 -20 ' h- _ h5 - -60 -40 -20 0 20 40 60 80 100 120 tc - case temperature - c figure 1. gate trigger voltage vs temperature tc05ab -60 -40 -20 0 20 40 60 80 100 120 tc - case temperature - c figure 2.


▲Up To Search▲   

 
Price & Availability of TIC206D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X