Part Number Hot Search : 
AO442 FR204 BCX5610 FR204 SA5901 LT8714 S3V39 21000
Product Description
Full Text Search
 

To Download TDP1603 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  molded, dual-in-line resistor networks tdp vishay thin film www.vishay.com for technical questi ons contact thin-film@vishay.com document number: 60045 80 revision: 10-may-06 through hole vishay thin film offers two standard circuits in a 14 and 16 pin molded dual- in-line over a 100 ohm to 100k ohm resistance range. the networks feature ratio tolerance to 0.05 % with a tcr tracking of 5 ppm/ c. features ? lead (pb)-free available ? standard rugged, molded case construction (14 and 16 pin) ? highly stable thin film (500 ppm at + 70 c at 2000 hrs.) ? low temperature coefficient ( 25 ppm/c) ? compatible with automatic insertion equipment ? standard isolated pin one common schematic typical performance schematic * pb containing terminations are not rohs compliant, exemptions may apply actual size abs tracking tcr 25 5 abs ratio tol 0.1 0.05 schematic tdp01 schematic tdp03 models: tdp1401 and tdp1601 models: tdp1403 and TDP1603 13 or 15 resistors w ith one pin common 7 or 8 isolated resistors tdp-1403 tdp-1603 pin n o. 1 tdp-1401 tdp-1601 pin n o. 1 standard electrical specifications test specifications conditions schematic tdp01, tdp03 resistance range 100 to 100 k tcr: ratio 5 ppm/c - 55 c to + 125 c absolute 25 ppm/c - 55 c to + 125 c tolerance: ratio 0.05 % to 0.5 % + 25 c absolute 0.1 % + 25 c power rating: resistor 01 circuit = 0.05 w/resistor 03 circuit = 0.10 w/resistor at + 25 c package 0.8 w/package max. at + 70 c stability: r absolute 500 ppm 2000 hrs at + 70 c r ratio 150 ppm 2000 hrs. at + 70 c voltage coefficient < 1 ppm/volt typical working voltage 100 volts operating temperature range - 55 c to + 125 c storage temperature range - 55 c to + 150 c noise < - 30 db thermal emf 0.08 v/c shelf life stability: absolute 100 ppm 1 year at + 25 c ratio 20 ppm 1 year at + 25 c a v aila b le p b -free rohs* compliant free datasheet http://
tdp molded, dual-in-line resistor networks vishay thin film document number: 60045 for technical questions contact thin-film@vishay.com www.vishay.com revision: 10-may-06 81 through hole dimensions and imprinting in inches and millimeters a b part pin #1 vishay lo g o date code tdp14xx c d e f g h j m l k dimension inches millimeters a 0.755 19.18 b 0.250 6.35 c 0.075 1.91 d 0.100 2.54 e 0.018 0.46 f 0.060 1.52 g 0.025 0.64 h 0.190 4.83 j 0.130 3.30 k 0.320 8.13 l 0.310 7.87 m 0.010 0.25 a b part pin #1 vishay lo g o date code tdp16xx c d e f g h j m l k dimension inches millimeters a 0.755 19.18 b 0.250 6.35 c 0.025 0.64 d 0.100 2.54 e 0.018 0.46 f 0.060 1.52 g 0.025 0.64 h 0.190 4.83 j 0.130 3.30 k 0.320 8.13 l 0.310 7.87 m 0.010 0.25 free datasheet http://
tdp vishay thin film molded, dual-in-line resistor networks www.vishay.com for technical questi ons contact thin-film@vishay.com document number: 60045 82 revision: 10-may-06 through hole mechanical sp ecifications resistive element ta m e l ox substrate material silicon or alumina body molded epoxy terminals copper alloy #42 plating sn60 marking resistance to solvents per mil-prf-83401 lead (pb)-free option 100 % sn matte** lead (pb)-free finish plated global part number information new global part numbering: tdp14031002buf (preferred part number format) global model (3 or 4 digits) pins schematic resistance tolerance and ratio tolerance pac k ag i n g tdp (tin lead) tdpt (lead(pb)-free) (e3) 14 16 01 = 13 or 15 resistors with 1 common pin 03 = 7 or 8 isolated resistors first 3 digits are significant figures and the last digit specifies the number of zeroes to follow. example: 1001 = 1k 1002 = 10k abs. tol. *a = 0.1 % b = 0.1 % c = 0.25 % d = 0.5 % f = 1 % ratio 0.05 % 0.1% 0.1 % 0.1 % 0.5 % uf = tubed * tol. available on 1 k and up only r1 is reference resistors historical part number example: tdp14031001f (will continue to be accepted) tdp 14 03 1001 f series pins schematic resistance tolerance and ratio tolerance pt16 310 0 td 3auf 0 p14 310 0 td 2buf 0 free datasheet http://
legal disclaimer notice vishay document number: 91000 www.vishay.com revision: 08-apr-05 1 notice specifications of the products displayed herein are subjec t to change without notice. vishay intertechnology, inc., or anyone on its behalf, assume s no responsibility or liability fo r any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. except as provided in vishay's terms and conditions of sale for such products, vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and /or use of vishay products including liab ility or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyrigh t, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify vishay for any damages resulting from such improper use or sale. free datasheet http://


▲Up To Search▲   

 
Price & Availability of TDP1603

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X