Part Number Hot Search : 
645ET RXE110K KTC3208 W9020 LTC2908 28C512 2N2879 MINISM
Product Description
Full Text Search
 

To Download STPR1010CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  STPR1010CT thru 1060ct maximum ratings and electrical characteristics ratings at 25 ambient temperature unless otherwise specified. features glass passivated chip superfast switching time for high efficiency low forward voltage drop and high current capabilit y low reverse leakage current high surge capacity plastic package has ul flammability classification 94v0 mechanical data case : to220ab molded plastic polarity : as marked on the body weight : 0.08 ounces, 2.24 grams mounting position : any max. mounting torque = 0.5 n.m (5.1 kgf.cm) notes : 1.measured at 1.0mhz and applied reverse vo ltage of 4.0v dc. 2.reverse recovery test conditions:i f =0.5a,i r =1.0a,i rr 0.25a. v rms v dc v rrm i (av) i fsm v f maximum average forward rectified current @t c = 125 non repetitive peak forward surge current per diode sinusoidal maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum forward voltage pulse width =300us duty cycle 10 t j ,t stg operating and storage temperature range 55 to +150 typical thermal resistance r jc 4.0 /w c j typical junction capacitance per element (note 1) 80 pf i r @t j =100 maximum dc reverse current at rated dc blocking voltage @t j =25 10 250 ua v a a v unit v v characteristics symbol maximum reverse recovery time (note 2) t rr ns t p = 8.3ms 55 to-220ab all dimensions in millimeter to-220ab dim. min. max. ac d e f g h b 14.22 15.88 10.67 9.65 2.54 3.43 6.86 5.84 8.26 9.28 6.35 12.70 14.73 0.51 2.79 n m l k j i 1.14 2.29 0.64 0.30 3.53 4.09 3.56 4.83 1.14 1.40 2.92 2.03 pin 1 pin 3 pin 2 case a b c k j i h g f e d n m l h pin 1 3 2 super fast glass passivated rectifiers reverse voltage 100 to 600 volts forward current 10 amperes semiconductor lite-on i f =5a@t j =25 i f =5a@t j =125 i f =10a@t j =25 i f =10a@t j =125 rev. 2, sep2010, ktgc10 stpr 1010ct 140 300 210 400 280 500 350 600 420 200 300 400 500 600 200 stpr 1020ct stpr 1030ct stpr 1040ct stpr 1050ct stpr 1060ct 70 100 100 1.3 1.2 1.5 1.4 1.5 1.4 1.7 1.6 1.1 1.0 1.25 1.20 35 50 30
rating and characteristic curves STPR1010CT thru stpr1060ct fig.1 forward current derating curve average forward current amperes 25 75 100 125 150 4 0 50 12 175 10 0 8 single phase half wave 60hz resistive or inductive load case temperature , c 2 6 fig.2 maximum nonrepetitive surge current number of cycles at 60hz peak forward surge current, amperes 1 5 10 50 100 2 20 0 10 20 30 40 50 60 single halfsinewave t p =10ms t p =8.3ms fig.5 typical junction capacitance capacitance , (pf) reverse voltage , volts 10 1 100 1000 100 10 0.1 4 t j = 25 c, f= 1mhz percent of rated peak reverse voltage, (%) fig.3 typical reverse characteristics instantaneous reverse current ,(ua) 20 140 0 .001 0.1 1.0 100.0 10.0 60 100 t j = 100 c 0.01 t j = 25 c t j = 75 c fig.4 typical forward characteristics 0 20 40 60 80 100 120 140 160 180 200 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 instantaneous forward voltage, volts percent of forward current (%) vb@ 100~200v vb@ 300~400v vb@ 500~600v percent of forward current ,(%) 1e3 1e2 1e1 1e+0 duration time ( sec. ) 0 10 20 30 40 50 60 70 im, surge forward current (a) fig.6 maximum non repetitive surge peak forward current versus overload duration per diode tj = 25 tj = 125 duty=50% im t
legal disclaimer notice STPR1010CT thru stpr1060ct lsc reserves the right to make changes to this docu ment and its products and specifications at any time without notice. custome rs should obtain and confirm the latest product information and specifications b efore final design, purchase or use. lsc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does l sc assume any liability for application assistance or customer product design. lsc does not warrant or accept any liability with products which are purcha sed or used for any unintended or unauthorized application. no license is granted by implication or otherwise u nder any intellectual property rights of lsc. lsc products are not authorized for use as critical components in life support devices or systems without express written approval of lsc. important notice and disclaimer


▲Up To Search▲   

 
Price & Availability of STPR1010CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X