Part Number Hot Search : 
MPC56 25256XE 936818 5H123 2SA1960 KSC3502E SP2526 ADE5566
Product Description
Full Text Search
 

To Download SSL22 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in inches and (millimeters) SSL22 - ssl24 2.0 amp. surface mount low v f schottky barrier rectifiers smb/do-214aa features  for surface mounted application  metal silicon junction, majority carrier conduction  low forward voltage drop  easy pick and place  high surge current capability  plastic material used carries underwriters laboratory classification 94v-0  epitaxial construction  high temperature soldering: 260 o c / 10 seconds at terminals m echanical data  cases: molded plastic  terminals: matte tin plating  polarity: indicated by cathode band  weight: 0.093 gram m aximum ratings and electrical characteristics rating at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol SSL22 ssl23 ssl24 unit s maximum recurrent peak reverse voltage v rrm 20 30 40 v maximum rms voltage v rms 14 21 28 v maximum dc blocking voltage v dc 20 30 40 v maximum average forward rectified current see fig. 1 i (av) 2.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 80 a maximum instantaneous forward voltage (note 1) @ 2.0a v f 0.41 v 0.4 maximum dc reverse current @ t a =25 o c at rated dc blocking voltage @ t a =100 o c i r 50 60 ma ma maximum thermal resistance (note 2) r jl r ja 25 70 o c /w marking code sl22 sl23 sl24 operating temperature range t j -55 to +125 o c storage temperature range t stg -55 to + 150 o c notes: 1. pulse test with pw=300 usec, 1% duty cycle. 2. measured on p.c. board with 0. 4 x .4?(10 x 10mm) copper pad areas. http://www.luguang.cn mail:lge@luguang.cn
ratings and characteristic curves (ssl22 thru ssl24) fig.2- maximum non-repetitive forward surge current peak forward surge current. (a) 1 10 100 0 20 40 80 60 100 number of cycles at 60hz at rated tl 8.3ms single half sine wave jedec method fig.4- typical reverse characteristics instantaneous reverse current. (ma) 0 20 40 60 80 100 120 140 0.1 1 10 100 1000 percent of rated peak reverse voltage. (%) 0 tj=100 c 0 tj=25 c 0 tj=75 c fig.5- typical junction capacitance junction capacitance.(pf) .1 1.0 10 100 10 100 400 reverse voltage. (v) 0 tj=25 c f=1.0mhz vsig=50mvp-p fig.1- maximum forward current derating curve average forward current. (a) 50 60 70 80 90 100 110 120 170160150140130 0 1.0 2.0 o lead temperature. ( c) resistive or inductive load pcb mounted on 0.2x0.2" (5.0x5.0mm) copper pad areas fig.3- typical forward characteristics instantaneous forward current. (a) 0 .2 .4 .6 .8 1.0 1.2 1.4 1.6 0.01 0.1 1.0 10.0 50 forward voltage. (v) 0 tj=25 c pulse width=300 s 1% duty cycle SSL22 - ssl24 2.0 amp. surface mount low v f schottky barrier rectifiers http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of SSL22

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X