Part Number Hot Search : 
ON1111 68710H VCS1625 Q4840 SDA803AS 1GT101DC P89C52BN 1N5236
Product Description
Full Text Search
 

To Download SSL22 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art 2.0amps. surface mount low v f schottk y barrier rectifiers ? for surface mounted application ? metal silicon junction, majority carrier conduction ? low forward voltage drop ? easy pick & place ? high surge current capability sl2x = specific device code g = green compound y = year m = work month maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% symbol unit v rrm v v rms v v dc v i f(av) a t j o c t stg o c typical thermal resistance (note 2) r jl r ja 25 70 o c/w maximum instantaneous forward voltage (note 1) @ 2 a v f 0.41 v sl23 sl24 - 55 to + 125 ? high temperature soldering guaranteed: 260 /10s at terminals ? green compound with suffix "g" on packing code & prefix "g" on datecode peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) i fsm ? case: molded plastic mechanical data ? weight: 0.093 grams type number maximum average forward rectified current 14 maximum rms voltage maximum dc blocking voltage 40 i r ? epitaxial construction features ? plastic material used carriers underwriters laboratory classigication 94v-0 SSL22 - ssl24 marking diagram smb/d0-214aa note 2: mount on cu-pad size 10mm 10mm on p.c.b. marking code note 1: pulse test with pw=300u sec, 1% duty cycle operating temperature range storage temperature range maximum dc reverse current t a =25 at rated dc blocking voltage t a =100 version:d11 maximum repetitive peak reverse voltage 30 28 40 2 21 0.4 - 55 to + 150 sl22 ? terminal: matte tin plating ? packaging: 12mm tape per eia std rs-481 20 30 SSL22 ssl23 ? polarity: indicated by cathode band 50 60 80 dimensions in inches and (millimeters) ssl24 ma 20 a pb rohs compliance rohs compliance
version:d11 ratings and characteristic curves (SSL22 thru ssl24) fig.1 forward current derating curve 0 0.5 1 1.5 2 50 60 70 80 90 100 110 120 130 140 150 160 170 lead temperature ( o c) average forward a current (a resistive or inductive load fig. 2 maximum non-repetitive forward surge current 0 20 40 60 80 100 1 10 100 number of cycles at 60 hz peak forward surge a current (a) 8.3ms single half sine-wave jedec method fig. 4 typical reverse characteristics 0.1 1 10 100 1000 0 20 40 60 80 100 120 140 percent of rated peak reverse volyage(%) instantaneous reverse a current (ma) ta=25 ta=75 ta=100 fig. 5 typical junction capacitance 10 100 1000 0.1 1 10 100 reverse voltage (v) capacitance (pf) a ta=25 f=1.0mhz vslg=50mvp-p fig. 3 typical forward characteristics 0.01 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 forward voltage (v) instantaneous forward a current (a) pulse width=300us 1% duty cycle ta=25


▲Up To Search▲   

 
Price & Availability of SSL22

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X