Part Number Hot Search : 
J100CA 100CL MN6627 OCH2548 PACUS HEF405 879XBH 74VCX1
Product Description
Full Text Search
 

To Download SNAP-FUSE4AB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  snap digital input modules page 1 data sheet form 773-080826 snap digital input modules features four channels per module 4,000-volt transient isolation convenient pluggable wiring terminals channel-specific leds operating temperature: 0 to 70 c ul and ce approved accepts up to 14 awg wire factory mutual approved (part numbers ending in fm) description opto 22 snap i/o digital input modules are part of the snap pac system. optical isolation on these modules provides 4,000 volts of transient (4000 v for 1 ms) protection for sensitive control electronics from industrial field signals. digital input modules can sense either ac or dc signals. all snap digital modules have removable top-mounted connectors to provide easy access for field wiring, and all operate on 5 vdc control logic. each digital module features integral channel- specific leds for convenient troubleshooting and maintenance. each module is factory tested twice and is ul and ce approved. in addition, part numbers ending in fm are factory mutual approved. snap input modules are used to sense the on or off status for ac or dc voltages from such sources as proximity switches, push buttons, or auxiliary contacts. the snap-idc5g is ideal for detecting 48 vdc in telecom applications. the snap- idc5-ht is designed for sensors that have a high leakage current. the snap-idc5-sw and snap-idc5- sw-nc modules supply power to an external dry contact switch and sense part numbers part description snap-iac5 snap 4-channel 90?140 vac input, 5 vdc logic snap-iac5a snap 4-channel 180?280 vac input, 5 vdc logic snap-iac5ma* snap 4-channel isolated 90?140 vac/vdc input, 5 vdc logic, with manual/auto switches snap-iac5fm snap 4-channel 90?140 vac/vdc input, 5 vdc logic, factory mutual approved snap-iac5afm snap 4-channel 180?280 vac input, 5 vdc logic, factory mutual approved snap-idc5 snap 4-channel 10?32 vdc input, 5 vdc logic snap-idc5d snap 4-channel 2.5?28 vdc input, 5 vdc logic snap-idc5fast snap 4-channel high-speed 2.5?16 vdc input, vdc logic snap-idc5-fast-a* snap 4-channel high-speed 18?32 vdc input, 5 vdc logic snap-idc5g* snap 4-channel 35?75 vac/dc input, 5 vdc logic snap-idc5af snap 4-channel high-speed 75?140 vdc input, 5 vdc logic snap-idc5gf snap 4-channel high-speed 35?75 vdc input, 5 vdc logic snap-idc5ht snap 4-channel 15?32 vdc leakage-tolerant input, 5 vdc logic snap-idc5ma snap 4-channel isolated high-speed 10?32 vac/vdc input, 5 vdc logic, with manual/auto switches snap-idc5-sw* snap 4-channel switch status input, normally open snap-idc5-sw-nc* snap 4-channel switch status input, normally closed snap-idc5fm snap 4-channel 10?32 vdc input, 5 vdc logic, factory mutual approved snap-idc5dfm snap 4-channel 2.5?28 vdc input, 5 vdc logic snap-retn4 snap 4-module retention rail (oem) snap-retn4b snap 4-module ret ention rail, 25-pack (oem) snap-retn6 snap 6-module retention rail (oem) snap-retn6b snap 6-module ret ention rail, 25-pack (oem) SNAP-FUSE4AB snap 4-amp fuse, 25-pac * ul approval pending snap digital input modules
snap digital input modules . snap digital input modules data sheet form 773-080826 page 3 specifications: dc input modules see page 7 for snap-idc5-sw and snap-idc5- sw-nc specifications and wiring. snap-idc5 snap-idc5d snap-idc5g snap-idc5-ht key feature -- -- -- leakage-tolerant field side ratings (each channel) nominal input voltage 24 vac/vdc 5 vdc 48 vac/vdc 24 vac/vdc channel-to-channel isola- tion 300 vac (1,500 v transient) 300 vac (1,500 v transient) 300 vac (1,500 v transient) 300 vac (1,500 v transient) input voltage range 10?32 vac/vdc 2.5?28 vdc 35?75 vac/vdc 15?32 vac/vdc turn-on voltage 10 vac/vdc 2.5 vdc 35 vac/vdc 15 vac/vdc tur n-off voltage 3 vac/vdc 1 vdc 7 vac/vdc 8 vac/vdc input resistance 15 k ohms (nominal) 3 k ohms ( nominal) 64 k ohms (nominal) 3 k ohms (nominal) logic side ratings logic output voltage <.5 v max. (on) @ 2 ma sinking 2.7 v min. (off) @ 0.4 ma sourcing <.5 v max. (on) @ 2 ma sinking 2.7 v min. (off) @ 0.4 ma sourcing <.5 v max. (on) @ 2 ma sinking 2.7 v min. (off) @ 0.4 ma sourcing <.5 v max. (on) @ 2 ma sinking 2.7 v min. (off) @ 0.4 ma sourcing logic supply voltage*** 5 vdc 0.25 vdc 5 vdc 0.25 vdc 5 vdc 0.25 vdc 5 vdc 0.25 vdc logic supply current 50 ma maximum 50 ma maximum 50 ma maximum 50 ma maximum negative true logic out- put drive ttl 74 series = 1 ul ttl 74ls series = 5 ul ttl 74 series = 1 ul ttl 74ls series = 5 ul ttl 74 series = 1 ul ttl 74ls series = 5 ul ttl 74 series = 1 ul ttl 74ls series = 5 ul module ratings number of channels per module 4 444 turn-on time 5 msec 1 msec 5 msec 20 msec turn-off time 15 msec 1 msec 15 msec 25 msec optical isolation (field side to logic side) 4,000 volts (transient) 4,000 volts (transient) 4,000 volts (transient) 4,000 volts (transient) temperature 0 c to 70 c, operating -30 c to 85 c, storage 0 c to 70 c, operating -30 c to 85 c, storage 0 c to 70 c, operating -30 c to 85 c, storage 0 c to 70 c, operating -30 c to 85 c, storage * at 20khz, 5vp-p square wave input, 50% duty cycle. ** at 20khz, 28vp-p square wave input, 50% duty cycle. *** when used with an i/o processor (brain or on-the-ra ck controller), the processor requires 5.0 to 5.2 vdc.
snap digital input modules . snap digital input modules data sheet form 773-080826 page 9 dimensional drawing all modules except ma
snap digital input modules snap digital input modules page 12 data sheet form 773-080826 dimensional drawing all models snap digital module mounted on snap rack


▲Up To Search▲   

 
Price & Availability of SNAP-FUSE4AB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X