Part Number Hot Search : 
FR35231 PN2222 TDA8405 APE0504 M27C32 TEA6850 PG12864 KBU603
Product Description
Full Text Search
 

To Download SD103BWS-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sd103aws - sd103cws document number: ds30101 rev. 17 - 2 1 of 4 www.diodes.com july 2013 ? diodes incorporated sd103aws - sd103cws surface mount schottky barrier diode features ? low forward voltage drop ? guard ring construction for transient protection ? negligible reverse recovery time ? low reverse capacitance ? ultra-small surface mount package ? totally lead-free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (note 3) ? qualified to aec-q101 standards for high reliability ? ppap capable (note 4) mechanical data ? case: sod323 ? case material: molded plastic. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020d ? leads: solderable per mil-std-202, method 208 ? lead free plating (matte tin finish annealed over alloy 42 leadframe). ? polarity: cathode band ? marking information: see below ? ordering information: see below ? weight: 0.004 grams (approximate) ordering information (note 5) part number compliance case packaging sd103aws-7-f aec-q101 sod323 3000/tape & reel SD103BWS-7-f aec-q101 sod323 3000/tape & reel sd103cws-7-f aec-q101 sod323 3000/tape & reel sd103bwsq-7-f automotive sod323 3000/tape & reel notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. see http://www.diodes.com/quality/lead_free.html for more in formation about diodes incorporated?s definitions of halogen- a nd antimony-free, "green" and lead-free. 3. halogen- and antimony-free "green? products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 4. automotive products are aec-q101 qualified and are ppap capable. automotive, aec-q101 and standard products are electricall y and thermally the same, except where specified. for more inform ation, please refer to http:// www.diodes.com/quality/product_complian ce_definitions/. 5. for packaging details, go to our websit e at http://www.diodes.com /products/packages.html. marking information top view xx = product type marking code s4 = sd103aws s5 or s4 = sd103bws s6 or s5 or s4 = sd103cws xx e3
sd103aws - sd103cws document number: ds30101 rev. 17 - 2 2 of 4 www.diodes.com july 2013 ? diodes incorporated sd103aws - sd103cws maximum ratings (@t a = +25c, unless otherwise specified.) characteristic symbol sd103aws sd103bws sd103cws unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 40 30 20 v rms reverse voltage v r(rms) 28 21 14 v forward continuous current (note 6) i fm 350 ma non-repetitive peak forward surge current @ t ? 1.0s i fsm 1.5 a thermal characteristics characteristic symbol value unit power dissipation (note 6) p d 200 mw thermal resistance, junction to ambient air (note 6) r ja 625 c/w operating and storage temperature range t j, t stg -65 to +125 c electrical characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test conditions reverse breakdown voltage (note 7) sd103aws sd103bws sd103cws v (br)r 40 30 20 ? ? v i r = 100a i r = 100a i r = 100a forward voltage drop v f ? ? 0.37 0.60 v i f = 20ma i f = 200ma peak reverse current (note 7) sd103aws sd103bws sd103cws i r ? ? 5.0 ? a v r = 30v v r = 20v v r = 10v total capacitance c t ? 28 ? pf v r = 0v, f = 1.0mhz reverse recovery time t rr ? 10 ? ns i f = i r = 200ma, i rr = 0.1 x i r , r l = 100 ? notes: 6. part mounted on fr-4 pc board with recommended pad layout, which can be found on our website at http://www.diodes.com /datasheets/ap02001.pdf. 7. short duration test pulse used to minimize self-heating effect.
sd103aws - sd103cws document number: ds30101 rev. 17 - 2 3 of 4 www.diodes.com july 2013 ? diodes incorporated sd103aws - sd103cws package outline dimensions please see ap02002 at http://www.diodes.com /datasheets/ap02002.pdf for latest version. 0.01 0.1 1 0.001 0.0001 0 800 600 400 200 1,000 i , ins t an t ane o u s f o r wa r d c u r r en t (a) f v , instantaneous forward voltage (mv) fig. 1 typical forward characteristics f t = 25c a t= 75c a t = 125 c a t = 0c a t = -40c a 0.01 0.1 1 10 100 1,000 0 5 10 15 35 302520 v , instantaneous reverse voltage (v) fig. 2 typical reverse characteristics r 40 0 10 5 15 25 20 30 0 10 20 30 40 v , dc reverse voltage (v) fig. 3 total capacitance vs. reverse voltage r f = 1.0mhz c , t o t al c a p a c i t a n c e ( p f ) t 0 100 0255075100125 p , p o we r dissi p a t i o n (mw) d t , ambient temperature ( c) fig. 4 power derating curve a 200 sod323 dim min max a 0.25 0.35 b 1.20 1.40 c 2.30 2.70 h 1.60 1.80 j 0.00 0.10 k 1.0 1.1 l 0.20 0.40 m 0.10 0.15 ?? 0 8 all dimensions in mm note 4 k l m j c h b a
sd103aws - sd103cws document number: ds30101 rev. 17 - 2 4 of 4 www.diodes.com july 2013 ? diodes incorporated sd103aws - sd103cws suggested pad layout please see ap02002 at http://www.diodes.com /datasheets/ap02002.pdf for latest version. important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability arising out of the application or use of this document or an y product described herein; neither does di odes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of t his document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical component s in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2013, diodes incorporated www.diodes.com dimensions value (in mm) z 3.75 g 1.05 x 0.65 y 1.35 c 2.40 z x c g y


▲Up To Search▲   

 
Price & Availability of SD103BWS-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X