Part Number Hot Search : 
MCP320 BS6004 74LV1G SM4001 X9801406 1N5407 V495ME04 AN1090M4
Product Description
Full Text Search
 

To Download R2701F2LB0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specifications subject to change without notice b apem , po box 8288, haverhill, ma usa 01835-0788 toll free: (877 ) 246-7890 fax: (781) 245-4531 e-mail: info@apem.com b38 features materials contacts: silver cadmium alloy lamps: neon or fluorescent. terminals: silver plated copper illumination available actuator: nylon type 66 (ul94v-2 min.) only with function 1 (on off). case: nylon type 66 (ul94v-2 min.) specifications contact ratings: 16a 125vac 1/4 hp (ul/csa). 16a 250vac 1/4 hp (ul/csa). 20a 125vac 3/4 hp 250vac (ul) 16(4)a 250v ~ t125 1e4 10(2)a 250v ~ 5e4 (vde, semco, nemco, demco, fimco, sev). initial contact resistance: 20 milliohms max. insulation resistance: 100 megohms min. at 500 v dielectric strength: 1000 vac for 1 minute electrical life: 16(4)a 250vac: 10,000 cycles 10(2)a 250vac: 50,000 cycles operating temperature range: -20 c to 125 c agency recognition ul, csa, vde, semko, nemko, demko, femko, & sev. models are sup plied with agency markings. cost effective illuminated or non-illuminated models. single pole & double pole maintained or momentary action models . actuator and case color selections. standard actuator marking options. r series snap-in rocker switches single pole - quick connect terminals - curved actuator d s new! model no. circuit r1101c2nbb on off r1201c2nbb on off r1301c2nbb on off o n r1401c2nbb (on) off r1501c2nbb (on) on r1601c2nbb (on) off (on) r1701c2nbb (on) off on parenthesis indicates momentary action. models in table have black actuator and black case. model no. circuit r2101c2nbb on off r2201c2nbb on off r2301c2nbb on off o n r2401c2nbb (on) off r2501c2nbb (on) on r2601c2nbb (on) off (on) r2701c2nbb (on) off on double pole - quick connect terminals - curved actuator parenthesis indicates momentary action. models in table have black actuator and black case. b38-b53 9/10/00, 10:40 am 38
specifications subject to change without notice b apem , po box 8288, haverhill, ma usa 01835-0788 toll free: (877 ) 246-7890 fax: (781) 245-4531 e-mail: info@apem.com 'build your own switch' order format fill in boxes with selections shown for complete model number. allowable selections are shown below each respective box. note 'none' indicates box may be left empty. additional ordering information: commonly ordered models are shown above with complete model num bers and specificat- ions. below is an order format that enables you to 'build your own switch' and specify the correct switch model number by simp ly selecting from all available options shown and filling in the b oxes. r 1 single pole 2 double pole series number electric al terminals actuator actuator marking/ of poles fu nctions shape type lens color example of completely specified model number: r2301c6nbrw termin als panel cut-outs quick-connect solder lug screw b39 r series snap-in rocker switches l illuminated n non-illum. c round lens r square lens illuminated case actuator waterproof type color color cover a gray b black w white (none) w waterproof 0 quick-connect 1 solder lug 3 screw type 0 1 single 2 twin 1 on off 2 on on 3 on off on 4 (on) off 5 (on) on 6 (on) off (on) 7 (on) off on parenthesis = momentary c curved f flat note: only flat actuator is available with full illumination- i.e.-no lens 1 hi lo 2 no marking 3 on off 4 o i 5 o 6 o ii twin actuators: 7 g green lens r red lens o orange lens 13 pnl. tk'ness. a +0, -.004 b +.006, -.0 .029-.049" 1.181" .866" .050-.078" 1.189" .866" .079-.118" 1.200" .866" new! double pole - illuminated - quick connect terminals - flat actu ator 0ii 0i parenthesis indicates momentary action. models in table have orange actuator and black case. model no. circuit r2101f2lb0 on off r2201f2lb0 on off r2301f2lb0 on off on r2401f2lb0 (on) off r2501f2lb0 (on) on r2601f2lb0 (on) off (on) R2701F2LB0 (on) off on a gray b black g green o orange r red w white b38-b53 9/10/00, 10:40 am 39


▲Up To Search▲   

 
Price & Availability of R2701F2LB0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X