Part Number Hot Search : 
23PN010 IRF9540N HT6116 LTC34 ECH8410 GP1S566 CD4454 MP151
Product Description
Full Text Search
 

To Download PPBCV2800 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec-00429 h proline? ext ern a l c o m ponen ts proline? t op s a n d bas e s equipment protection solutions subject to change without notice mo du l a r e nclo su re s yst e ms 1 spec-00429 h 763.422.2211 763.422.2600 mo du l a r e nclo su re s yst e ms proline? ext ern a l c o m ponen ts proline? top s a n d bas e s 0-mm soli d bas e the 0-mm bases are finished with ral 7035 textured light-gray polyester powder paint (except stainless steel). emc bases are finished with paint over plated surfaces. bases are made of 16-gauge steel. bulletin: p 20, p 20 e m, p 20s catalog number fits frame b x c w (mm) w (in.) d (mm) d (in.) pb045 400 x 500 353 13.90 453 17.83 pb046 400 x 600 353 13.90 592 23.31 pb064 600 x 400 592 23.31 353 13.90 pb064hf2 600 x 400 592 23.31 353 13.90 pb065hf2 600 x 500 592 23.31 453 17.83 pb066 600 x 600 592 23.31 553 21.77 pb066hf2 600 x 600 592 23.31 553 21.77 pb066ss 600 x 600 592 23.31 553 21.77 pb068 600 x 800 592 23.31 753 29.65 pb068hf2 600 x 800 592 23.31 753 29.65 pb068ss 600 x 800 592 23.31 753 29.65 pb076 700 x 600 692 27.24 553 21.77 pb076hf2 700 x 600 692 27.24 553 21.77 pb078 700 x 800 692 27.24 753 29.65 pb078hf2 700 x 800 692 27.24 753 29.65 pb079 700 x 900 692 27.24 853 33.58 pb079hf2 700 x 900 692 27.24 853 33.58 pb084 800 x 400 792 31.18 353 13.90 pb084hf2 800 x 400 792 31.18 353 13.90 pb085 800 x 500 792 31.18 453 17.83 pb085hf2 800 x 500 792 31.18 453 17.83 pb086 800 x 600 792 31.18 553 21.77 pb086hf2 800 x 600 792 31.18 553 21.77 pb086ss 800 x 600 792 31.18 553 21.77 pb088 800 x 800 792 31.18 753 29.65 pb088hf2 800 x 800 792 31.18 753 29.65 pb088ss 800 x 800 792 31.18 753 29.65 pb089hf2 800 x 900 792 31.18 853 33.58 pb0105 1000 x 500 992 39.06 453 17.83 pb0105hf2 1000 x 500 992 39.06 453 17.83 pb0106 1000 x 600 992 39.06 553 21.77 pb0106hf2 1000 x 600 992 39.06 553 21.77 pb0106ss 1000 x 600 992 39.06 553 21.77 pb0108 1000 x 800 992 39.06 753 29.65 pb0108ss 1000 x 800 992 39.06 753 29.65 pb0124 1200 x 400 1192 46.93 353 13.90 pb0125 1200 x 500 1192 46.93 453 17.83 pb0126 1200 x 600 1192 46.93 553 21.77 pb0126ss 1200 x 600 1192 46.93 553 21.77 pb0128 1200 x 800 1192 46.93 753 29.65 pb0165 1600 x 500 1592 62.68 453 17.83 pb0166 1600 x 600 1592 62.68 553 21.77 pb0168 1600 x 800 1592 62.68 753 29.65
spec-00429 h proline? ext ern a l c o m ponen ts proline? t op s a n d bas e s ph 763.422.2211 ? fax 763.422.2600 ? hoffmanonline.com equipment protection solutions mo du l a r e nclo su re s yst e ms 2 100-mm soli d bas e the 100-mm base is finished with ral 9005 textured black polyester powder paint (except stainless steel). emc bases are finished with paint over plated surfaces. side gland plates and drill points for locating optional casters are included. bulletin: p 20, p 20 e m, p 20s catalog number fits frame b x c gauge w (mm) w (in.) d (mm) d (in.) pb145 400 x 500 16 353 13.90 453 17.83 pb146 400 x 600 16 353 13.90 592 23.31 pb164 600 x 400 16 599 23.58 359 14.13 pb165 600 x 500 16 599 23.58 459 18.07 pb165hf 600 x 500 16 599 23.58 459 18.07 pb166 600 x 600 16 599 23.58 559 22.01 pb166ss 600 x 600 16 599 23.58 559 22.01 pb168 600 x 800 16 599 23.58 759 29.88 pb168hf 600 x 800 16 599 23.58 759 29.88 pb168ss 600 x 800 16 599 23.58 759 29.88 pb176 700 x 600 16 699 27.52 559 22.01 pb178 700 x 800 16 699 27.52 759 29.88 pb179hf 700 x 900 14 699 27.52 859 33.82 pb184 800 x 400 16 799 31.46 359 14.13 pb184hf 800 x 400 16 799 31.46 359 14.13 pb185 800 x 500 16 799 31.46 459 18.07 pb185hf 800 x 500 16 799 31.46 459 18.07 pb186 800 x 600 16 799 31.46 559 22.01 pb188 800 x 800 14 799 31.46 759 29.88 pb189 800 x 900 14 799 31.46 859 33.82 pb1105 1000 x 500 16 999 39.33 459 18.07 pb1105hf 1000 x 500 16 999 39.33 459 18.07 pb1106 1000 x 600 16 999 39.33 559 22.01 pb1106ss 1000 x 600 16 999 39.33 559 22.01 pb1108 1000 x 800 14 999 39.33 759 29.88 pb1108hf 1000 x 800 14 999 39.33 759 29.88 pb1108ss 1000 x 800 14 999 39.33 759 29.88 pb1124 1200 x 400 16 1199 47.20 359 14.13 pb1125 1200 x 500 16 1199 47.20 459 18.07 pb1126 1200 x 600 16 1199 47.20 559 22.01 pb1126ss 1200 x 600 16 1199 47.20 559 22.01 pb1128 1200 x 800 14 1199 47.20 759 29.88 pb1128ss 1200 x 800 14 1199 47.20 759 29.88 pb1165 1600 x 500 16 1599 62.95 459 18.07 pb1166 1600 x 600 16 1599 62.95 559 22.01 pb1168 1600 x 800 14 1599 62.95 759 29.88 proline? f r am e f loor - mo u n t in g b r a c k e t provides a structural method of bolting a proline? frame to the floor. fits all frame sizes. made of 12 gauge steel with plated finish. kit includes four brackets and mounting hardware. not for use on colocation frames, which include welded-in floor mounting brackets. bulletin: d p y catalog number description pfbk proline frame floor-mounting bracket
spec-00429 h proline? ext ern a l c o m ponen ts proline? t op s a n d bas e s equipment protection solutions subject to change without notice mo du l a r e nclo su re s yst e ms 3 100-mm soli d bas e j oinin g, si d e -t o - si d e joining provides a seal between the gland plate openings on adjacent 100-mm solid bases and is used in combination with either of the side-to-side frame joining kits. a nylon wire edge protector (see drawing) prevents wear and abrasion of wires and cables. bulletin: p 20, p 20 e m catalog number description pj2fb solid base joining, 100-mm solid bases, side-to-side pj2fbhf2 emc solid base joining, 100-mm solid bases, side-to-side ca ble e n t r y gl a n d p l at e fits all standard proline? 100- mm solid base gland openings. solid base gland openings. can be used in place of standard solid gland plates furnished with 100-mm solid base. adjustable opening for cable entry is foam-lined to maintain a dust-tight seal. cable entry plate is 14 gauge steel and finished with ral 9005 textured black polyester powder paint. bulletin: p 20 catalog number pcegp f r am e f ee t four die-cast feet for use on the bottom of proline? frames that raise the frame 9 mm. bulletin: p 20 catalog number description pffm12 frame feet l e v eler s four post-type levelers allow adjustment for uneven floors. levelers can be attached to the bottom of a frame or to a 0-mm solid base. levelers are plated and the leveler base is capped with plastic to provide resistance to marring. adjustable for 17-mm to 35-mm height. ball and socket construction. four levelers will support a maximum of 453.6 kg (1000 lb.). bulletin: p 20 catalog number description plm12 post-type levelers
spec-00429 h proline? ext ern a l c o m ponen ts proline? t op s a n d bas e s ph 763.422.2211 ? fax 763.422.2600 ? hoffmanonline.com equipment protection solutions mo du l a r e nclo su re s yst e ms 4 100-mm p lin th bas e plinth bases install under an enclosure to provide space for cables to enter from below. a plinth base consists of four corner supports connected to four access panels. the corner supports are cast aluminum. the access panels are 16 gauge steel and attach to the corner supports with screws. plinth bases are finished with ral 9005 black textured polyester powder paint and include all necessary mounting hardware. order a gland plate system to provide type 12 protection when using a plinth base. bulletin: p 20 catalog number fits frame b x c w mm/in. d mm/in. ppb145 400 x 500 399 15.71 459 18.07 ppb146 400 x 600 399 15.71 559 22.01 ppb164 600 x 400 599 23.58 359 14.13 ppb165 600 x 500 599 23.58 459 18.07 ppb166 600 x 600 599 23.58 559 22.01 ppb168 600 x 800 599 23.58 759 29.88 ppb176 700 x 600 699 27.52 559 22.01 ppb178 700 x 800 699 27.52 759 29.88 ppb179 700 x 900 699 27.52 859 33.82 ppb184 800 x 400 799 31.46 359 14.13 ppb185 800 x 500 799 31.46 459 18.07 ppb186 800 x 600 799 31.46 559 22.01 ppb188 800 x 800 799 31.46 759 29.88 ppb189 800 x 900 799 31.46 859 33.82 ppb1105 1000 x 500 999 39.33 459 18.07 ppb1106 1000 x 600 999 39.33 559 22.01 ppb1108 1000 x 800 999 39.33 759 29.88 ppb1124 1200 x 400 1199 47.20 359 14.13 ppb1125 1200 x 500 1199 47.20 459 18.07 ppb1126 1200 x 600 1199 47.20 559 22.01 ppb1128 1200 x 800 1199 47.20 759 29.88 ppb1165 1600 x 500 1599 62.95 459 18.07 ppb1166 1600 x 600 1599 62.95 559 22.01 ppb1168 1600 x 800 1599 62.95 759 29.88
spec-00429 h proline? ext ern a l c o m ponen ts proline? t op s a n d bas e s equipment protection solutions subject to change without notice mo du l a r e nclo su re s yst e ms 5 200-mm p lin th bas e plinth bases install under an enclosure to provide space for cables to enter from below. a plinth base consists of eight corner supports connected to four access panels. the corner supports are cast aluminum. the access panels are 16 gauge steel and attach to the corner supports with screws. plinth bases have are finished with ral 9005 black textured polyester powder paint and include all necessary mounting hardware. order a gland plate system to provide type 12 protection when using a plinth base. bulletin: p 20 catalog number fits frame b x c w mm/in. d mm/in. ppb245 400 x 500 399 15.71 459 18.07 ppb266 600 x 600 599 23.58 559 22.01 ppb268 600 x 800 599 23.58 759 29.88 ppb276 700 x 600 699 27.52 559 22.01 ppb284 800 x 400 799 31.46 359 14.13 ppb285 800 x 500 799 31.46 459 18.07 ppb286 800 x 600 799 31.46 559 22.01 ppb288 800 x 800 799 31.46 759 29.88 ppb289 800 x 900 799 31.46 859 33.82 ppb2105 1000 x 500 999 39.33 459 18.07 ppb2106 1000 x 600 999 39.33 559 22.01 ppb2108 1000 x 800 999 39.33 759 29.88 ppb2124 1200 x 400 1199 47.20 359 14.13 ppb2125 1200 x 500 1199 47.20 459 18.07 ppb2126 1200 x 600 1199 47.20 559 22.01 ppb2128 1200 x 800 1199 47.20 759 29.88 ppb2165 1600 x 500 1599 62.95 459 18.07 ppb2166 1600 x 600 1599 62.95 559 22.01 ppb2168 1600 x 800 1599 62.95 759 29.88
spec-00429 h proline? ext ern a l c o m ponen ts proline? t op s a n d bas e s ph 763.422.2211 ? fax 763.422.2600 ? hoffmanonline.com equipment protection solutions mo du l a r e nclo su re s yst e ms 6 ven t e d p lin th bas e c o v er s vented plinth base covers install in the front and rear openings of a standard plinth base in place of solid covers. vented covers allow air to circulate into the enclosure. vented plinth base covers are available in 100-mm and 200-mm heights. these covers are finished with ral 9005 black polyester powder paint and include all necessary mounting hardware. a standard plinth base must be ordered in combination with vented plinth base covers to form a vented plinth base. if using a gland plate with the vented plinth base, order a vented gland plate to provide air circulation through the bottom of the enclosure. bulletin: p 20 ?100-mm v ented plinth base covers catalog number fits frame type fits frame (b dimension) w mm/in. ppbcv1600 single-bay 600 599 23.58 ppbcv1700 single-bay 700 699 27.52 ppbcv1800 single-bay 800 799 31.46 ppbcv11000 single-bay 1000 999 39.33 ppbcv11200 double-bay 1200 1199 47.20 ppbcv11600 double-bay 1600 1599 62.95 ?200-mm v ented plinth base covers catalog number fits frame type fits frame (b dimension) w mm/in. ppbcv2600 single-bay 600 599 23.58 ppbcv2700 single-bay 700 699 27.52 PPBCV2800 single-bay 800 799 31.46 ppbcv21000 single-bay 1000 999 39.33 ppbcv21600 double-bay 1600 1599 62.95 p lin th bas e s ta c k in g ki t plinth bases are stackable with a maximum recommendation of 400- mm high. kit consists of eight bolts and nuts and eight each of two types of washers used to join plinth bases. bulletin: p 20 catalog number description ppbsk plinth base stacking kit r epl a ce m en t f il t er ki t for f il t ere d gl a n d p l at e kit includes 12 disposable two-ply polyester replacement filters for filtered gland plates. two filters are required for double-bay frames. bulletin: p 20 catalog number filter size mm/in. fits frame b x c pfk4012 406 x 127 16.00 x 5.00 600 x 400 pfk6020 609 x 203 24.00 x 8.00 800 x 500, 800 x 600, 800 x 800, 800 x 900, 1600 x 500, 1600 x 600, 1600 x 800 pfk8120 813 x 203 32.00 x 8.00 1000 x 500, 1000 x 600, 1000 x 800
spec-00429 h proline? ext ern a l c o m ponen ts proline? t op s a n d bas e s equipment protection solutions subject to change without notice mo du l a r e nclo su re s yst e ms 7 gl a n d p l at e s adjustable gland plates are used to seal the bottom of the proline? frame. solid, vented and shielded gland plates are available. solid and filtered gland plates include covers that are gasketed to maintain type 12 enclosure requirements. gland plates are 16 gauge steel and are finished with ral 7035 textured light- gray polyester powder paint. emc gland plates are finished with paint over plated surfaces. all installation hardware is included. solid gland plate and emc gland plate are accessories to 100-mm solid base, 100-mm/200-mm plinth base, mobile base and transportation base. these gland plates can be used without a base if casters, levelers or frame feet are installed. emc gland plate maintains a type 1 rating. s olid g land plate the solid gland plate can be used with all proline subpanels or rack angles. the gland plate consists of a base mounting surface and two adjustable foam-gasketed plates that permit cable entry. the plate can be rotated 180 degrees for front or rear cable entry. filtered ( v ented) g land plate filtered gland plate is used only in conjunction with vented plinth base covers. the plate can be used with all proline subpanels or rack angles. it consists of a mounting base, three adjustable plates for cable entry, a filter and filter retaining rails. manufactured from 16 gauge steel and finished with ral 7035 textured light-gray polyester powder paint. replacement filters available. e m c g land plate this gland plate can be used with subpanels or rack angles. gland plate consists of a base mounting surface and two adjustable gland plates (both have a conductive coating) with conductive fabric-over- foam gasket for cable entry. bulletin: p 20 ?g land plates for s ingle-bay frames catalog number type fits frame size, width fits frame size, depth pgp64 solid 600 400 pgp64ahf emc 600 400 pgpv64 filtered 600 400 pgp65 solid 600 500 pgp65ahf emc 600 500 pgpv65 filtered 600 500 pgp66 solid 600 600 pgp66ahf emc 600 600 pgpv66 filtered 600 600 pgp68 solid 600 800 pgp68ahf emc 600 800 pgpv68 filtered 600 800 pgpv76 filtered 700 600 pgp78 solid 700 800 pgp78ahf emc 700 800 pgpv78 filtered 700 800 pgp79 solid 700 900 pgp79ahf emc 700 900 pgp84 solid 800 400 pgp85 solid 800 500 pgpv85 filtered 800 500 pgp86 solid 800 600 pgpv86 filtered 800 600 pgp88 solid 800 800 pgp88ahf emc 800 800 pgpv88 filtered 800 800 pgp89 solid 800 900 pgp89ahf emc 800 900 pgpv89 filtered 800 900 pgp105 solid 1000 500 pgp105ahf emc 1000 500 pgp106 solid 1000 600 pgpv106 filtered 1000 600 pgp108 solid 1000 800 pgp108ahf emc 1000 800 pgpv108 filtered 1000 800
spec-00429 h proline? ext ern a l c o m ponen ts proline? t op s a n d bas e s ph 763.422.2211 ? fax 763.422.2600 ? hoffmanonline.com equipment protection solutions mo du l a r e nclo su re s yst e ms 8 ?g land plates for d ouble-bay frames catalog number type fits frame size, width fits frame size, depth pgp124 solid 1200 400 pgp125 solid 1200 500 pgpv125 filtered 1200 500 pgp126 solid 1200 600 pgpv126 filtered 1200 600 pgp128 solid 1200 800 pgpv128 filtered 1200 800 pgp165 solid 1600 500 pgpv165 filtered 1600 500 pgp166 solid 1600 600 pgpv166 filtered 1600 600 pgp168 solid 1600 800 pgp186 solid 1800 600 mobile bas e mobile bases fit 600- and 800-mm wide frames. they extend beyond the front and rear of 600-mm cabinets to provide enhanced stability. provides front extension only on 800-mm cabinets. constructed of steel finished in ral 9005 textured black polyester powder paint. the base fastens to the underside of the frame and provides integral mounting of furnished casters. the front and rear top surfaces of the base are trimmed with black rubber mats 3-mm thick. casters and mounting hardware are furnished. four non-locking casters provide a maximum load-bearing capacity of 1000 lb. (453.6 kg). exercise care when using casters to move the cabinet. avoid tipping and damage to the cabinet and its contents by slowly moving the cabinet on its casters across smooth, flat flooring. avoid: ? large cracks ? floor displacement ? seams ? gravel ? any other obstruction never use casters while transporting a cabinet by truck on roadways. contact hoffman if further information is needed. bulletin: p 20 catalog number axb in. axb mm fits frame b x c (mm) pmb66 40.91 x 23.62 1039 x 600 600 x 500 and 600 x 600 pmb69 52.72 x 23.62 1339 x 600 600 x 800 and 600 x 900 pmb86 40.91 x 31.50 1039 x 800 800 x 500 and 800 x 600 pmb89 52.72 x 31.50 1339 x 800 800 x 800 and 800 x 900 mobile bas e l e v elin g ki t levelers mount in the outer corners of the mobile base, providing load- bearing capacity of 1000 lb. (453.6 kg). bulletin: p 20 catalog number description use with pmblm12 mobile base leveling kit mobile base
spec-00429 h proline? ext ern a l c o m ponen ts proline? t op s a n d bas e s equipment protection solutions subject to change without notice mo du l a r e nclo su re s yst e ms 9 proline? tr a n s por tat ion bas e proline? transportation bases provide safe transportation for proline frames, from a single bay up to a maximum of 3000 mm (118.11 in.) in a multiple-bay system. transportation bases can be configured in a variety of combinations. constructed from 10 gauge steel and finished with ral 9005 textured black polyester powder paint. unique design allows rol- a-lift ? lifting access from each end. a removable gland plate allows wire access between bases. rol-a-lift is a trademark of skarnes inc. bulletin: p 20 catalog number axbxc in. axbxc mm ptb166 6.57 x 23.62 x 23.62 167 x 600 x 600 ptb168 6.57 x 23.62 x 31.50 167 x 600 x 800 ptb186 6.57 x 31.50 x 23.62 167 x 800 x 600 ptb1106 6.57 x 39.37 x 23.62 167 x 1000 x 600 ptb1126 6.57 x 47.24 x 23.62 167 x 1200 x 600 tr a n s por tat ion bas e j oinin g, si d e -t o - si d e interconnects transportation bases. no provision for environmental seal. grommet, applied to edge of wire feed, is furnished. kit consists of six m10 bolts and washers. bulletin: p 20 catalog number description ptjt transportation base joining, side-to-side
spec-00429 h proline? ext ern a l c o m ponen ts proline? t op s a n d bas e s ph 763.422.2211 ? fax 763.422.2600 ? hoffmanonline.com equipment protection solutions mo du l a r e nclo su re s yst e ms 10 cast er ki t a set of four casters (two locking, two non-locking) that mount directly to the bottom of a proline? frame, 0-mm, or 100-mm solid base or a console. ( d o not use on plinth bases.) casters elevate the enclosure 110 mm (4.33 in.) when installed. caster frames are plated steel with ball-bearing pivots. caster wheels are made of a black polyamide material. kit includes m12 mounting hardware. order separately. casters m aximum load: 1000 lb. (453 kg) exercise care when using casters to move the cabinet. avoid tipping and damage to the cabinet and its contents by slowly moving the cabinet on its casters across smooth, flat flooring. avoid: ? large cracks ? floor displacement ? seams ? gravel ? any other obstruction never use casters while transporting a cabinet by truck on roadways. contact hoffman if further information is needed. bulletin: p 20 catalog number description pc1m12 set of 4 casters


▲Up To Search▲   

 
Price & Availability of PPBCV2800

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X