Part Number Hot Search : 
HIP9011 M38503 57840 002FT 2SC2791 H78L24 ZMY20MTA 1E106
Product Description
Full Text Search
 

To Download PICO-CV011308 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  05-1 pico-cv01 intel? atom? n2600 processor up to 1.6 ghz 204-pin sodimm ddr3 800mhz memory up to 2 gb gigabit ethernet x 1, rj-45 x 1 mini hdmi support 18-bit single channel lvds lcds hd audio for line-in/out & mic msata/ mini card (half size) x 1, sata 2 x 1 usb2.0 x 5, com x 2, 4-bit digital i/o +12v power input pico-itx fanless board with hdmi and intel? atom? n2600 processor ? 170204010s mb power cable ? 1709070500 sata data cable ? 1702150155 sata power cable ? 9657666600 jumper cap ? product cd ? pico-cv01 w/heatsink packing list system form factor pico-itx board processor intel? atom? n2600 processor up to 1.6 ghz system memory sodimm ddr3 800mhz up to 2 gb chipset intel? atom? n2600 + nm10 i/o chipset fintek f81801u-i ethernet realtek rtl8111e for 10/1000/1000base-tx, rj-45 x 1 bios amiC32mb rom wake on lan yes watchdog timer 255 levels h/w status monitoring vcore, +1.5v_ddr expansion interface mini card/ msata (half size) x 1 battery lithium battery power requirement +12v, at/atx (default) power consumption (typical) intel? atom? n2600 1.6ghz, ddr3 800mhz 2gb 0.83a@+12v board size 3.94 (l) x 2.756 (w) (100mm x 72mm) gross weight 1.2 lb (0.5 kg) operation temperature 32 f ~ 140 f (0 c ~ 60 c) storage temperature -40 f ~ 176 f (-40 c ~ 80 c) operation humidity 0% ~ 90% relative humidity, non-condensing mtbf (hours) 95,000 display chipset intel? atom? n2600 processor resolution lvds up to 1366 x 768 (18 bit) @ 60hz; vga & hdmi up to 1920 x 1200 @ 60hz lcd interface 18-bit single channel lvds with pwm function i/o storage sata3.0 gb/s x 1, msata x 1 (shared with mini card control by bios) serial port rs-232 x 1, rs-232/422/485 x 1 parallel port usb usb 2.0 x 5 ps/2 port digital i/o 4-bit digital i/o (programmable, 2-in/2-out) audio audio buzzer x 1, hd audio code (realtek alc662) for line-in/out & mic x 1 power audio usb front panel lvds vga lan usb mini hdmi dio com sata sata power lcd inverter 05 features pico-itx boards specifications
05-2 pico-cv01 ? 1700050207 usb cable, length 20cm ? 1701090150 com1 cable, length 15cm ? 1709100254 audio cable, length 25cm ? 1701100156 front panel cable, length 15cm ? 1701090150 com 2 cable for rs-232, length 15cm ? 170302010c buzzer cable ordering information optional accessories part number cpu ram fan/fanless display storage lvds lan usb rs-232 rs-232/422/485 expansion slot power temp. pico-cv01-a10-10 inte? atom? n2600 sodimm fanless crt + lvds, crt + hdmi sata2 x 1, msata x 1 18b, 1ch gbe x 1 5 1 1 mini card x 1 or msata (half-size) x 1 +12v, at/atx 0c ~ 60c pico-cv01w1-a10-10 inte? atom? n2600 sodimm fanless crt + lvds, crt + hdmi sata2 x 1, msata x 1 18b, 1ch gbe x 1 5 1 1 mini card x 1 or msata (half-size) x 1 +12v, at/atx -20c ~ 70c dimension unit: mm


▲Up To Search▲   

 
Price & Availability of PICO-CV011308

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X