Part Number Hot Search : 
CMOZ7V5 203319B A123J 314IRAB CYTMA448 FU9024 S25D30 MX98715
Product Description
Full Text Search
 

To Download NSPE-T560M63V10X128NBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  34 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com nspe-t series hybrid aluminum electrolytic capacitors rated voltage range 25 ~ 125v dc rated capacitance range 6.8 ~ 330 f operating temp. range -55 ~ +125c capacitance tolerance 20% (m) max. leakage current after 2 minutes @ 20c less than 0.05cv or 100 a whichever is greater working and surge voltage ratings w.v. (vdc) 25 35 40 50 63 80 100 125 s.v. (vdc) 32 44 50 63 79 100 125 157 tan @ 120hz/20c 0.16 impedance ratio z -55c/z +20c 1 ~ 2.5 z +125c/z +20c 0.6 ~ 1.0 load life test @ 125c and rated voltage w.v. (vdc) 25 35 40 50 63 80 100 125 case dia. 6.3mm 6.3x6.3 = 1,500 hrs, 6.3x8= 2000 hrs. 8 & 10mm 3000 hrs. capacitance change within 30% of initial measured value tan and esr less than 200% of speci ed max. value leakage current less than speci ed max. value esr less than 200% of speci ed max. value resistance to soldering heat hot plate at +250c for 30 seconds with electrodes facing downward capacitance change within 10% of the initial measured value dissipation factor less than the initial limit leakage current less then the initial limit characteristics ? cylindrical v-chip construction for surface mounting ? extended load life at high temperature (1,500 ~ 3,000 hours @ +125c) ? high voltage ratings (25 ~ 125vdc) ? low esr and high ripple current ratings ? 6.3x6.3mm ~ 10x10.8mm case sizes ? reflow soldering rated to +260c (+250c 80v & 125v) expanded values & 125v part number cap. ( f) working voltage case size (d x l) mm max. tan 120hz/20c max. esr (m ) at 100khz/20c max. ripple current (ma rms) at 100khz/125c load life hours (+125c) nspe-t470m25v6.3x6.3nbf 47 25 6.3x6.3 0.16 60 890 1500 nspe-t680m25v6.3x8nbf 68 6.3x8 0.16 45 980 2000 nspe-t151m25v8x10.8nbf 150 8x10.8 0.16 27 1330 3000 nspe-t271m25v10x10.8nbf 270 10x10.8 0.16 22 1520 3000 nspe-t331m25v10x12.8nbf 330 10x12.8 0.16 16 1740 3000 nspe-t270m35v6.3x6.3nbf 27 35 6.3x6.3 0.16 100 760 1500 nspe-t470m35v6.3x8nbf 47 6.3x8 0.16 60 910 2000 nspe-t101m35v8x10.8nbf 100 8x10.8 0.16 30 1260 3000 nspe-t151m35v10x10.8nbf 150 10x10.8 0.16 23 1480 3000 nspe-t221m35v10x12.8nbf 220 10x12.8 0.16 17 1700 3000 nspe-t180m40v6.3x6.3nbf 18 40 6.3x6.3 0.16 110 720 1500 nspe-t270m40v6.3x8nbf 27 6.3x8 0.16 70 870 2000 nspe-t560m40v8x10.8nbf 56 8x10.8 0.16 32 1220 3000 nspe-t101m40v10x10.8nbf 100 10x10.8 0.16 24 1440 3000 nspe-t121m40v10x12.8nbf 120 10x12.8 0.16 18 1650 3000 nspe-t100m50v6.3x6.3nbf 10 50 6.3x6.3 0.16 120 690 1500 nspe-t150m50v6.3x8nbf 15 6.3x8 0.16 80 840 2000 nspe-t330m50v8x10.8nbf 33 8x10.8 0.16 35 1170 3000 nspe-t560m50v10x10.8nbf 56 10x10.8 0.16 25 1390 3000 nspe-t820m50v10x12.8nbf 82 10x12.8 0.16 19 1590 3000 standard products and case sizes d x l (mm) new values for automotive applications see part numbering system
35 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com ww w.smtmagnetics. com part number cap. ( f) working voltage case size (d x l) mm max. tan 120hz/20c max. esr (m ) at 100khz/20c max. ripple current (ma rms) at 100khz/125c load life hours (+125c) nspe-t6r8m63v6.3x6.3nbf 6.8 63 6.3x6.3 0.16 150 670 1500 nspe-t100m63v6.3x8nbf 10 6.3x8 0.16 100 740 2000 nspe-t220m63v8x10.8nbf 22 8x10.8 0.16 40 1090 3000 nspe-t330m63v8x10.8nbf 33 8x10.8 0.16 40 1090 3000 nspe-t330m63v10x10.8nbf 33 10x10.8 0.16 30 1260 3000 nspe-t470m63v10x10.8nbf 47 10x10.8 0.16 30 1260 3000 nspe-t560m63v10x12.8nbf 56 10x12.8 0.16 22 1440 3000 nspe-t120m80v10x10.8lbf 12 80 10x10.8 0.16 70 900 3000 nspe-t150m80v10x10.8lbf 15 10x10.8 0.16 70 900 3000 nspe-t180m80v10x12.8lbf 18 10x12.8 0.16 50 1100 3000 nspe-t100m100v10x10.8lbf 10 100 10x10.8 0.16 80 870 3000 nspe-t120m100v10x10.8lbf 12 10x10.8 0.16 80 870 3000 npse-t150m100v10x12.8lbf 15 10x12.8 0.16 60 1000 3000 nspe-t100m125v10x10.8lbf 10 125 10x10.8 0.16 90 750 3000 standard products and case sizes d x l (mm) new values for automotive applications see part numbering system nspe-t series hybrid aluminum electrolytic capacitors part marking capacitance value voltage lot code series code 6r8 63v t__ dimensions (mm) 0.3mm max. d l case size d 0.5 l max. a, b 0.2 w i 0.2 p 0.2 6.3x6.3 6.3 6.3 6.6 0.5 ~ 0.8 2.5 2.2 6.3x8 6.3 8.0 6.6 0.5 ~ 0.8 2.5 2.2 8x10.8 8.0 10.8 8.3 0.7 ~ 1.0 2.9 3.2 10x10.8 10 10.8 10.3 1.0 ~ 1.4 3.2 4.6 10x12.8 10 12.8 10.3 1.0 ~ 1.4 3.2 4.6 + - i i w p a b nspe-t 220 m 63v 8x10.8 n b y f rohs compliant b=sn-bi finish & 13" reel, l=sn-bi finish & 15" reel re ow temp. code (n=+260c, l=+250c) size in mm working voltage tolerance code m=20% capacitance code in f, rst 2 digits are signi cant third digit is no. of zeros, ?r? indicates decimal for values under 10 f series part number system optional: suitable for automotive equipment, sourced to special production and inspection at ts-16949 certi ed production site ripple current frequency correction factor frequency 100hz 1khz 10khz 100khz 6.8 ~ 33 f 0.05 0.32 0.67 1.0 47 ~ 330 f 0.10 0.35 0.70 1.0
36 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com nspe-t series hybrid aluminum electrolytic capacitors land pattern dim. (mm) + - aa p b case dia. a b p 6.3 3.6 1.8 1.8 8 4.1 2.1 2.8 10 4.4 2.5 4.3 rated voltage/diameter time above +200c time above +217c time above +230c peak temperature 25v ~ 63v / 6.3mm ~ 10mm 100 sec. max. 80 sec. max. 40 sec. max. +260c (5 sec. max.) 80 ~ 125v / 10mm +250c (5 sec. max.) peak temperature and duration recommended reflow soldering profile* time above 200c (80 seconds max.) 50 100 150 200 time (seconds) temperature - deg. c preheat - 120 seconds max. (+150c ~ +190c) peak temperature (260c/5 seconds) 260 230 time above 230c (40 seconds max.) *two re ow passes are permissible with a cool down to room temperature required between the rst and second pass. t a p feeding + - 1.5 ? +0.1/- 1.75 d b c 1.5 +0.1/-0 1.75 + 0.15 t 4 + 0.1 case size a 0.5 b 0.5 c 0.3 d 0.1 p 0.1 t 0.2 t max. 6.3x6.3 7.0 7.0 16.0 7.5 12.0 6.5 0.6 6.3x8 7.0 7.0 16.0 7.5 12.0 8.2 0.6 8x10.8 8.7 8.7 24.0 11.5 16.0 11.0 0.6 10x10.8 10.7 10.7 24.0 11.5 16.0 11.0 0.6 10x12.8 10.7 10.7 24.0 11.5 16.0 13.3 0.6 case size w 1.0 qty per reel 13" (330mm) 15" (380mm) 6.3x6.3 18 800 1000 6.3x8 18 500 900 8x10.5 26 300 500 10x10.5 26 300 500 10x12.8 26 300 400 reel dimensions (mm) taping specifications (mm) 1. both leader and trailer tape: minimum 40mm (1.57") empty carrier tape pockets. 2. leader tape: approximately 20cm of cover tape at leader. 3. connection: maximum 3 connections (slices) per reel. 2mm 0.5mm 13mm 0.5mm 21mm 0.8mm 330mm 2.0mm or 380mm 2.0mm 50mm min. w 3mm


▲Up To Search▲   

 
Price & Availability of NSPE-T560M63V10X128NBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X