Part Number Hot Search : 
Z8L382 TC4063BF 80C85AH 80C85AH EC100 CM6400 80C85AH TSCD14WS
Product Description
Full Text Search
 

To Download NP043A6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  composite transistors publication date: february 2005 sjj 00312 aed 1 NP043A6 silicon npn epitaxial planar type (tr 1 ) silicon pnp epitaxial planar type (tr 2 ) for digital circuits ? features ? f e a t u r e s ? ? reduction of the mounting area and assembly cost by one half ? r e d u c t i o n o f t h e m o u n t i n g a r e a a n d a s s e m b l y c o s t b y o n e h a l f ? ? maximum package height ( 0 . 4 mm) contributes to develop thinner equipments ? m a x i m u m p a c k a g e h e i g h t ( 0 . 4 m m ) c o n t r i b u t e s t o d e v e l o p t h i n n e r e q u i p m e n t s ? ? basic part number ? b a s i c p a r t n u m b e r ? ? unr 31 a 6 + unr 32 a 6 ? u n r 3 1 a 6 + u n r 3 2 a 6 ? ? absolute maximum ratings ? a b s o l u t e m a x i m u m r a t i n g s ? t a = 25 a = 2 5 a c parameter symbol rating unit tr 1 collector-base voltage (emitter open) v cbo 50 v collector-emitter voltage (base open) v ceo 50 v collector current i c 80 ma tr 2 collector-base voltage (emitter open) v cbo ? 50 v collector-emitter voltage (base open) v ceo ? 50 v collector current i c ? 80 ma overall total power dissipation * p t 125 mw junction temperature t j t j t 125 c storage temperature t stg t s t g t C 55 to + 125 c note) * : measuring on substrate at 17 mm 10 mm 1 mm marking symbol: 7 u internal connection unit: mm 1: emitter (t r1) 4: emitter (t r2) 2: base (t r1) 5: base (t r2) 3: collector (t r2) 6: collector (t r1) sssmini6-f1 package 0 to 0.02 6 5 4 1 2 3 1.00 0.04 (0.10) 0.10 1.00 0.05 display at no.1 lead 0.80 0.05 0.10 (0.35) (0.35) 0.12 +0.03 - 0.02 0.37 +0.03 - 0.02 3 4 1 2 6 5 tr 1 tr 2 maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/ this product complies with the rohs directive (eu 2002/95/ec).
np 043 a 6 2 sjj 00312 aed ? electrical characteristics ? e l e c t r i c a l c h a r a c t e r i s t i c s ? t a = 25 a = 2 5 a c 3 c ? tr 1 ? t r 1 ? parameter symbol conditions min typ max unit collector-base voltage (emitter open) v cbo i c = 10 c = 1 0 c a, i e = 0 e = 0 e 50 v collector-emitter voltage (base open) * v ceo i c = 2 ma, i c = 2 m a , i c b = 0 50 v collector-base cutoff current (emitter open) i cbo v cb = 50 v, i e = 0 e = 0 e 0 . 1 a collector-emitter cutoff current (base open) i ceo v ce = 50 v, i ce = 5 0 v , i ce b = 0 0 . 5 a emitter-base cutoff current (collector open) i ebo v eb = 6 v, i c = 0 c = 0 c 0 . 01 ma forward current transfer ratio h fe h f e h v ce = 10 v, i ce = 1 0 v , i ce c = 5 ma c = 5 m a c 160 460 ? collector-emitter saturation voltage v ce(sat) i c = 10 ma, i c = 1 0 m a , i c b = 0 . 3 ma 0 . 25 v output voltage high-level v oh v cc = 5 v, v cc = 5 v , v cc b = 5 v, v b = 5 v, v = 0 . 5 v, r l = 0 . 5 v, r l = 0 . 5 v, r = 1 k l = 1 k l ? = 1 k ? = 1 k 4 . 9 v output voltage low-level v ol v cc = 5 v, v cc = 5 v , v cc b = 5 v, v b = 5 v, v = 2 . 5 v, r l = 2 . 5 v, r l = 2 . 5 v, r = 1 k l = 1 k l ? = 1 k ? = 1 k 0 . 2 v input resistance r 1 30 % 4 . 7 + 30 % k ? k ? k transition frequency f t f t f v cb = 10 v, i e = e = e ? 2 ma, f = 200 mhz 150 mhz note) 1 . measuring methods are based on japanese industrial standard jis c 7030 measuring methods for transistors. 2. * : pulse measurement ? tr 2 ? t r 2 ? parameter symbol conditions min typ max unit collector-base voltage (emitter open) v cbo i c = C 10 c = C 1 0 c a, i e = 0 e = 0 e C 50 v collector-emitter voltage (base open) v ceo i c = C 2 ma, i c = C 2 m a , i c b = 0 C 50 v collector-base cutoff current (emitter open) i cbo v cb = C 50 v, i e = 0 e = 0 e C 0 . 1 a collector-emitter cutoff current (base open) i ceo v ce = C 50 v, i ce = C 5 0 v , i ce b = 0 C 0 . 5 a emitter-base cutoff current (collector open) i ebo v eb = C 6 v, i c = 0 c = 0 c C 0 . 01 ma forward current transfer ratio h fe h f e h v ce = C 10 v, i ce = C 1 0 v , i ce c = C 5 ma c = C 5 m a c 160 460 ? collector-emitter saturation voltage v ce(sat) i c = C 10 ma, i c = C 1 0 m a , i c b = C 0 . 3 ma C 0 . 25 v output voltage high-level v oh v cc = C 5 v, v cc = C 5 v , v cc b = C 5 v, v b = C 5 v, v = C 0 . 5 v, r l = C 0 . 5 v, r l = C 0 . 5 v, r = 1 k l = 1 k l ? = 1 k ? = 1 k C 4 . 9 v output voltage low-level v ol v cc = C 5 v, v cc = C 5 v , v cc b = C 5 v, v b = C 5 v, v = C 2 . 5 v, r l = C 2 . 5 v, r l = C 2 . 5 v, r = 1 k l = 1 k l ? = 1 k ? = 1 k C 0 . 2 v input resistance r 1 30 % 4 . 7 + 30 % k ? k ? k transition frequency f t f t f v cb = C 10 v, i e = 1 ma, f = 200 mhz e = 1 m a , f = 2 0 0 m h z e 80 mhz note) measuring methods are based on japanese industrial standard jis c 7030 measuring methods for transistors. maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/ this product complies with the rohs directive (eu 2002/95/ec).
request for your special attention and precautions in using the technical information and semiconductors described in this book (1) if any of the products or technical information described in this book is to be exported or provided to non-residents, the laws and regulations of the exporting country, especially, those with regard to security export control, must be observed. (2) the technical information described in this book is intended only to show the main characteristics and application circuit examples of the products, and no license is granted under any intellectual property right or other right owned by our company or any other company. therefore, no responsibility is assumed by our company as to the infringement upon any such right owned by any other company which may arise as a result of the use of technical information described in this book. (3) the products described in this book are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the prod- ucts may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (4) the products and product specifications described in this book are subject to change without notice for modification and/or im- provement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifications satisfy your requirements. (5) when designing your equipment, comply with the range of absolute maximum rating and the guaranteed operating conditions (operating power supply voltage and operating environment etc.). especially, please be careful not to exceed the range of absolute maximum rating on the transient state, such as power-on, power-off and mode-switching. otherwise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (6) comply with the instructions for use in order to prevent breakdown and characteristics change due to external factors (esd, eos, thermal stress and mechanical stress) at the time of handling, mounting or at customer's process. when using products for which damp-proof packing is required, satisfy the conditions, such as shelf life and the elapsed time since first opening the packages. (7) this book may be not reprinted or reproduced whether wholly or partially, without the prior written permission of matsushita electric industrial co., ltd. maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/


▲Up To Search▲   

 
Price & Availability of NP043A6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X