Part Number Hot Search : 
KBPC1005 P1C4F RSS070 IRFC130R VCX162 PST9332U 14D331K OV6620
Product Description
Full Text Search
 

To Download MTNN8452KQ8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c559q8 issued date : 2012.04.27 revised date : 2012.04.30 page no. : 1/12 MTNN8452KQ8 cystek product specification asymmetric dual n-channel enhancement mode mosfet MTNN8452KQ8 fet1 fet 2 bv dss 30v 30v i d 8a 10.2a r dson(typ.) @v gs =10v 11m 11m r dson(typ.) @v gs =4.5v 18m 18m description the MTNN8452KQ8 uses advanced trench technology to provide excellent r ds(on) and low gate charge. the two mosfets make a compact and efficient switch and synchronous rectifier combination for use in dc-dc converters. a schottky diode in parallel with the synchronous mosfet to boost efficiency further. the sop-8 package is universally preferred for all commercial-industrial surface mount applications. features ? simple drive requirement ? low on-resistance ? fast switching speed ? pb-free lead plating and halogen-free package equivalent circuit outline MTNN8452KQ8 sop-8 g gate s source d drain
cystech electronics corp. spec. no. : c559q8 issued date : 2012.04.27 revised date : 2012.04.30 page no. : 2/12 MTNN8452KQ8 cystek product specification absolute maximum ratings (t c =25 c, unless otherwise noted) limits parameter symbol fet 1 fet 2 unit drain-source breakdown voltage bv dss 30 30 gate-source voltage v gs 20 20 v t a =25 c, v gs =10v 8 10.2 continuous drain current (note 2) t a =70 c, v gs =10v i d 6.4 8.1 pulsed drain current (note 1) i dm 40 40 a 1.2 (note 2) 2 (note 2) power dissipation p d 0.7 (note 3) 1.1 (note 3) w operating junction and storage temp erature range tj; tstg -55~+150 c thermal data parameter symbol value unit thermal resistance, junction-to-case, max r th,j-c 40 c/w 104 (note 2) 62.5 (note 2) c/w thermal resistance, junction-to-ambient, max r th,j-a 178 (note 3) 114 (note 3) c/w note : 1.pulse width limited by maximum junction temperature. 2.surface mounted on 1 in2 copper pad of fr-4 board, pulse width 10s. 3.surface mounted on minimum copper pad, pulse width 10s. fet 1 electrical characteristics (tj=25 c, unless otherwise specified) symbol min. typ. max. unit test conditions static bv dss 30 - - v v gs =0, i d =250 a v gs(th) 1.0 1.8 2.5 v v ds =v gs , i d =250 a i gss - - 100 na v gs =20v, v ds =0 - - 1 v ds =30v, v gs =0 i dss - - 10 a v ds =24v, v gs =0, tj=125 c - 11 15 v gs =10v, i d =8a *r ds(on) - 18 23 m v gs =4.5v, i d =6a *g fs - 9 - s v ds =5v, i d =5a dynamic ciss - 1120 - coss - 124 - crss - 103 - pf v ds =15v, v gs =0, f=1mhz *td (on) - 5.8 - *tr - 4.7 - *td (off) - 16 - *tf - 5.4 - ns v ds =15v, i d =1a, v gs =10v, r g =3 *qg - 12.5 - *qgs - 4.3 - *qgd - 4.6 - nc v ds =15v, i d =8a, v gs =10v rg - 2 - v gs =15mv, v ds =0v, f=1mhz
cystech electronics corp. spec. no. : c559q8 issued date : 2012.04.27 revised date : 2012.04.30 page no. : 3/12 MTNN8452KQ8 cystek product specification body diode *i s - - 4.5 *i sm - - 18 a *v sd - 0.72 1 v v gs= 0v, i s =1a *trr - 18 - ns *qrr - 11 - nc i s =8a, v gs =0v, di/dt=100a/ s *pulse test : pulse width 300 s, duty cycle 2% fet 2 electrical characteristics (tj=25 c, unless otherwise specified) symbol min. typ. max. unit test conditions static bv dss 30 - - v gs =0, i d =250 a v gs(th) 1.0 1.8 2.5 v v ds =v gs , i d =250 a i gss - - 100 na v gs =20v, v ds =0 - - 50 a v ds =24v, v gs =0 i dss - - 25 ma v ds =24v, v gs =0, tj=125 c - 11 15 v gs =10v, i d =9a *r ds(on) - 18 23 m v gs =4.5v, i d =7a *g fs - 9 - s v ds =5v, i d =5a dynamic ciss - 1090 - coss - 149 - crss - 105 - pf v ds =15v, v gs =0, f=1mhz *td (on) - 5.8 - *tr - 4.7 - *td (off) - 16 - *tf - 5.4 - ns v ds =15v, i d =1a, v gs =10v, r g =3 *qg - 12.7 - *qgs - 4.5 - *qgd - 4.6 - nc v ds =15v, i d =9a, v gs =10v rg - 2 - v gs =15mv, v ds =0v, f=1mhz body diode *i s - - 4.5 *i sm - - 18 a *v sd - 0.5 0.6 v v gs =0v, i s =1a *trr - 20 - ns *qrr - 12 - nc i s =9a, v gs =0v, di/dt=100a/ s *pulse test : pulse width 300 s, duty cycle 2% ordering information device package shipping marking MTNN8452KQ8 sop-8 (pb-free lead plating & halogen-free package) 2500 pcs / tape & reel 8452
cystech electronics corp. spec. no. : c559q8 issued date : 2012.04.27 revised date : 2012.04.30 page no. : 4/12 MTNN8452KQ8 cystek product specification typical characteristics : fet 1 typical output characteristics 0 5 10 15 20 25 30 35 40 01234 5 static drain-source on-state resistance vs drain current 1 10 100 1000 0.01 0.1 1 10 100 i d , drain current(a) r ds(on) , static drain-source on-state resistance(m) v gs =3v v gs =2.5v v gs =10v v gs =4.5v 10v, 9v, 8v, 7v, 6v, 5v vds, drain-source voltage(v) i d , drain current (a) v gs =2v v gs =3v 4v reverse drain current vs source-drain voltage 0.2 0.4 0.6 0.8 1 1.2 04812162 0 static drain-source on-state resistance vs gate-source voltage 0 20 40 60 80 100 120 140 160 180 200 024681 v gs , gate-source voltage(v) r ds(on) , static drain-source on- state resistance(m) i dr , reverse drain current(a) v sd , source-drain voltage(v) v gs =0v 0 i d =8a tj=25c tj=150c drain-source on-state resistance vs junction tempearture 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 -60 -20 20 60 100 140 180 tj, junction temperature(c) r ds(on) , normalized static drain- source on-state resistance v gs =10v, i d =8a capacitance vs drain-to-source voltage 10 100 1000 10000 0.1 1 10 100 v ds , drain-source voltage(v) capacitance---(pf) c oss ciss crss
cystech electronics corp. spec. no. : c559q8 issued date : 2012.04.27 revised date : 2012.04.30 page no. : 5/12 MTNN8452KQ8 cystek product specification typical characteristics(cont.) : fet 1 forward transfer admittance vs drain current 0.01 0.1 1 10 100 0.001 0.01 0.1 1 10 100 i d , drain current(a) g fs , forward transfer admittance(s) v ds =5v pulsed ta=25c gate charge characteristics 0 2 4 6 8 10 02468101214 qg, total gate charge(nc) v gs , gate-source voltage(v) i d =8a v ds =12v v ds =15v v ds =24v maximum safe operating area 0.01 0.1 1 10 100 0.1 1 10 100 v ds , drain-source voltage(v) i d , drain current(a) t a =25c, tj=150c v gs =10v, ja =104c/w single pulse dc 100ms r dson limite 100 s 10ms 1ms 1s maximum drain current vs case temperature 0 1 2 3 4 5 6 7 8 9 10 25 50 75 100 125 150 175 tj, junction temperature(c) i d , maximum drain current(a) t a =25c v gs =10v r ja =104c/w transient thermal response curves 0.001 0.01 0.1 1 1.e-04 1.e-03 1.e-02 1.e-01 1.e+00 1.e+01 1.e+02 1.e+03 t 1 , square wave pulse duration(s) r(t), normalized transient thermal resistance single pulse 0.01 0.02 0.05 0.1 0.2 d=0.5 1.r ja (t)=r(t)*r ja 2.duty factor, d=t1/t2 3.t jm -t a =p dm *r ja (t) 4.r ja =104c/w
cystech electronics corp. spec. no. : c559q8 issued date : 2012.04.27 revised date : 2012.04.30 page no. : 6/12 MTNN8452KQ8 cystek product specification typical characteristics : fet 2 typical output characteristics 0 5 10 15 20 25 30 35 40 01234 5 static drain-source on-state resistance vs drain current 1 10 100 1000 0.01 0.1 1 10 100 i d , drain current(a) r ds(on) , static drain-source on-state resistance(m) v gs =3v v gs =2.5v v gs =10v v gs =4.5v 10v, 9v, 8v, 7v, 6v, 5v vds, drain-source voltage(v) i d , drain current (a) v gs = 2v v gs =3v 4v reverse drain current vs source-drain voltage 0.2 0.4 0.6 0.8 1 1.2 0 4 8 12 16 20 i dr , reverse drain current(a) v sd , source-drain voltage(v) tj=25c tj=150c v gs =0v static drain-source on-state resistance vs gate-source voltage 0 20 40 60 80 100 120 140 160 180 200 024681 v gs , gate-source voltage(v) r ds(on) , static drain-source on- state resistance(m) 0 i d =10a drain-source on-state resistance vs junction tempearture 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 -60 -20 20 60 100 140 180 tj, junction temperature(c) r ds(on) , normalized static drain- source on-state resistance v gs =10v, i d =10a capacitance vs drain-to-source voltage 10 100 1000 10000 0.1 1 10 100 v ds , drain-source voltage(v) capacitance---(pf) c oss ciss crss
cystech electronics corp. spec. no. : c559q8 issued date : 2012.04.27 revised date : 2012.04.30 page no. : 7/12 MTNN8452KQ8 cystek product specification typical characteristics(cont.) : fet 2 forward transfer admittance vs drain current 0.01 0.1 1 10 100 0.001 0.01 0.1 1 10 100 i d , drain current(a) g fs , forward transfer admittance(s) v ds =5v pulsed ta=25c gate charge characteristics 0 2 4 6 8 10 02468101214 qg, total gate charge(nc) v gs , gate-source voltage(v) i d =9a v ds =12v v ds =15v v d s =24v maximum safe operating area 0.01 0.1 1 10 100 0.1 1 10 100 v ds , drain-source voltage(v) i d , drain current(a) t a =25c, tj=150c v gs =10v, ja =62.5c/w single pulse dc 100ms r dson limite 100 s 10ms 1ms 1s maximum drain current vs case temperature 0 2 4 6 8 10 12 25 50 75 100 125 150 175 tj, junction temperature(c) i d , maximum drain current(a) t a =25c v gs =10v r ja =62.5c/w transient thermal response curves 0.001 0.01 0.1 1 1.e-04 1.e-03 1.e-02 1.e-01 1.e+00 1.e+01 1.e+02 1.e+03 t 1 , square wave pulse duration(s) r(t), normalized transient thermal resistance single pulse 0.01 0.02 0.05 0.1 0.2 d=0.5 1.r ja (t)=r(t)*r ja 2.duty factor, d=t1/t2 3.t jm -t a =p dm *r ja (t) 4.r ja =62.5c/w
cystech electronics corp. spec. no. : c559q8 issued date : 2012.04.27 revised date : 2012.04.30 page no. : 8/12 MTNN8452KQ8 cystek product specification reel dimension carrier tape dimension
cystech electronics corp. spec. no. : c559q8 issued date : 2012.04.27 revised date : 2012.04.30 page no. : 9/12 MTNN8452KQ8 cystek product specification recommended wave soldering condition product peak temperature soldering time pb-free devices 260 +0/-5 c 5 +1/-1 seconds recommended temperature profile for ir reflow profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (tsmax to tp) 3 c/second max. 3c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained above: ? temperature (t l ) ? time (t l ) 183 c 60-150 seconds 217 c 60-150 seconds peak temperature(t p ) 240 +0/-5 c 260 +0/-5 c time within 5 c of actual peak temperature(tp) 10-30 seconds 20-40 seconds ramp down rate 6 c/second max. 6c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note : all temperatures refer to topside of the package, measured on the package body surface.
cystech electronics corp. issued date : 2012.04.27 revised date : 2012.04.30 page no. : 10/12 spec. no. : c559q8 MTNN8452KQ8 cystek product specification sop-8 dimension *: typical inches millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.1909 0.2007 4.85 5.10 i 0.0019 0.0078 0.05 0.20 b 0.1515 0.1555 3.85 3.95 j 0.0118 0.0275 0.30 0.70 c 0.2283 0.2441 5.80 6.20 k 0.0074 0.0098 0.19 0.25 d 0.0480 0.0519 1.22 1.32 l 0.0145 0.0204 0.37 0.52 e 0.0145 0.0185 0.37 0.47 m 0.0118 0.0197 0.30 0.50 f 0.1472 0.1527 3.74 3.88 n 0.0031 0.0051 0.08 0.13 g 0.0570 0.0649 1.45 1.65 o 0.0000 0.0059 0.00 0.15 h 0.1889 0.2007 4.80 5.10 notes: 1.controlling dimension: millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing spec ification or packing method, please cont act your local cystek sales office. material: ? lead: pure tin plated. ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0. important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitab le for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance . marking: 8-lead sop-8 plastic package cystek packa g e code: q8 top view a b front view f c d e g i part a h j k o m l n right side view part a date code 8452 device name


▲Up To Search▲   

 
Price & Availability of MTNN8452KQ8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X