Part Number Hot Search : 
1N5930 12121 2SC1468 MLFDR102 1N5938B OX1140 E000948 MBT2907A
Product Description
Full Text Search
 

To Download MSS1278-103ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. please specify termination and packaging codes: mss1278-105k ld termination: l = rohs compliant matte tin over nickel over phos bronze. special order: t = rohs tin-silver-copper (95.5/4/0.5) or s = non-rohs tin-lead (63/37). packaging: d = 13 machine-ready reel. eia- 481 embossed plastic tape (500 parts per full reel). b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter d instead. 2. inductance tested at 100 khz, 0.1 vrms, 0 adc us - ing an agilent/hp 4263b lcr meter or equivalent. 3. dcr measured on a micro-ohmmeter and a coilcraft ccf858 test fxture. 4. srf measured using an agilent/hp 4191a or equivalent. 5. dc current at which the inductance drops the specifed amount from its value without current. 6. current that causes the specifed temperature rise from 25c ambient. 7. electrical specifcations at 25c. refer to doc 362 soldering surface mount components before soldering. document 322-1 document 322-1 revised 04/04/13 smt power inductors C mss1278 dcr 3 srf i sat (a) 5 i rms (a) 6 inductance 2 (mohms) typ 4 10% 20% 30% 20c 40c part number 1 (h) typ max (mhz) drop drop drop rise rise mss1278-142ml_ 1.4 20% 8.8 9.8 80.0 25.2 28.6 30.6 7.00 10.00 mss1278-472ml_ 4.7 20% 13.9 15.5 30.0 13.7 15.2 15.9 4.30 6.20 mss1278-562ml_ 5.6 20% 15.7 17.5 24.0 12.2 13.7 14.6 4.30 6.20 mss1278-682ml_ 6.8 20% 19.1 21.3 21.0 11.3 12.7 13.7 4.20 6.00 mss1278-822ml_ 8.2 20% 20.3 22.6 20.0 10.1 11.5 12.3 4.10 5.90 MSS1278-103ML_ 10 20% 21.8 24.3 17.0 9.36 10.6 11.2 4.00 5.70 mss1278-123ml_ 12 20% 23.2 25.8 15.0 8.84 10.0 10.7 3.70 5.20 mss1278-153ml_ 15 20% 27.9 31.0 13.0 7.30 8.36 9.00 3.50 4.90 mss1278-183ml_ 18 20% 30.8 34.3 12.0 6.10 7.10 7.74 3.00 4.50 mss1278-223ml_ 22 20% 35.5 39.5 11.0 6.04 6.78 7.24 2.90 4.00 mss1278-273ml_ 27 20% 45.0 50.0 10.0 5.80 6.56 7.02 2.60 3.60 mss1278-333ml_ 33 20% 61.9 68.8 9.5 5.22 5.90 6.30 2.30 3.10 mss1278-393ml_ 39 20% 69.1 76.8 8.5 4.68 5.42 5.80 2.10 3.00 mss1278-473ml_ 47 20% 72.3 80.4 7.5 4.40 5.02 5.32 2.00 2.90 mss1278-563ml_ 56 20% 80.2 89.2 7.0 4.02 4.60 4.90 1.90 2.70 mss1278-683ml_ 68 20% 91.3 101.5 6.5 3.40 3.86 4.26 1.80 2.60 mss1278-823ml_ 82 20% 125.9 139.9 5.0 3.12 3.58 3.80 1.60 2.30 mss1278-104ml_ 100 20% 135.1 150.2 4.5 2.88 3.28 3.52 1.50 2.20 mss1278-124kl_ 120 10% 182.3 202.6 4.3 2.62 3.00 3.24 1.40 1.90 mss1278-154kl_ 150 10% 216.5 240.6 4.1 2.48 2.86 3.02 1.30 1.80 mss1278-184kl_ 180 10% 229.0 254.5 4.0 2.26 2.58 2.74 1.20 1.70 mss1278-224kl_ 220 10% 323.6 359.6 3.4 1.96 2.22 2.36 1.00 1.60 mss1278-274kl_ 270 10% 415.6 461.8 3.1 1.74 2.04 2.18 0.90 1.20 mss1278-334kl_ 330 10% 487.3 541.5 2.9 1.66 1.86 2.00 0.80 1.00 mss1278-394kl_ 390 10% 533.6 592.9 2.7 1.52 1.72 1.88 0.75 1.00 mss1278-474kl_ 470 10% 707.5 786.2 2.2 1.34 1.54 1.64 0.66 0.90 mss1278-564kl_ 560 10% 777.4 863.8 2.0 1.24 1.42 1.50 0.60 0.80 mss1278-684kl_ 680 10% 1045 1162 1.7 1.16 1.28 1.38 0.55 0.75 mss1278-824kl_ 820 10% 1166 1296 1.4 1.04 1.16 1.26 0.50 0.70 mss1278-105kl_ 1000 10% 1334 1483 1.3 0.97 1.10 1.14 0.48 0.68 designers kit c380 contains 3 each of all values. core material ferrite core and winding loss see www.coilcraft.com/coreloss terminations rohs compliant matte tin over nickel over phos bronze. other terminations available at additional cost. weight: 3.8 C 4.6 g ambient temperature C40c to +85c with i rms current, +85c to +125c with derated current storage temperature component: C40c to +125c. tape and reel packaging: C40c to +80c resistance to soldering heat max three 40 second refows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) 38 per billion hours / 26,315,789 hours, calculated per telcordia sr-332 packaging 500/13 reel; plastic tape: 24 mm wide, 0.5 mm thick, 16 mm pocket spacing, 8.7 mm pocket depth pcb washing tested with pure water or alcohol only. for other solvents, see doc787_pcb_washing.pdf. ? 12.3 12.3 mm footprint; 8 mm high shielded inductors ? low dcr and excellent current handling us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2013 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation.
document 322-2 document 322-2 revised 04/04/13 smt power inductors C mss1278 typical l vs current typical l vs frequency 1 10 100 1000 10000 0.01 0.1 10 1 inductance (h) frequency (mhz) 4.7 h 100 h 10 h 1000 h 1 10 100 1000 10000 0.1 1 100 10 inductance (h) current (a) 1000 h 100 h 10 h 4.7 h 0.217 5,5 recommende d land pattern 0.157 4,0 0.197 0.008 5,0 0,2 0.197 0.008 5,0 0,2 0.334 8,5 0.138 0.008 3,5 0,2 0.472 0.012 12,0 0,3 0.472 0.012 12,0 0,3 0.307 0.010 7,8 0,25 0.025 0,635 123 x parts m anufactured p rior to s ept. 2007 w ere m arked with o nly th e d ash n umber. internal c ode dash n umber -40 -2 00 20 40 60 80 100 140 120 a mbient t emperatur e (c) pe r cent of r ated c urrent 120 110 100 90 80 70 60 50 40 30 20 10 0 i sat i rm s 25 c typical current derating dimensions are in inches mm us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2013 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation.


▲Up To Search▲   

 
Price & Availability of MSS1278-103ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X