Part Number Hot Search : 
KIA7423F 0ACSE E0026 BROAD HI562800 SHA396A 30006 TK11816
Product Description
Full Text Search
 

To Download MLF1608DR10MTA00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product name multilayer inductor for signal line series mlf series type 1608 type part number MLF1608DR10MTA00 product lifecycle stage prod specification mounting method flag yes processing multi-layer shape smd size code 1608 body length(l) nom 1.6 m m body breadth(w) nom 0.8 m m body height(t) nom 0.8 m m rated inductance nom 0.1 micro h inductance tolerance (%) min -20 % max 20 % test frequency of inductance nom 25 m hz q min 15 typ 25 test frequency of q nom 25 m hz self resonant frequency min 450 m hz typ 600 m hz dc resistance max 0.35 ohm dc resistance nom 0.2 ohm rated current max 200 m a terminal material ag(100%)/sn plating polarity marking no magnetic shielding yes soldering method reflow,iron soldering measuring equipment(l, q, rdc) lq:4294a,rdc:7561 category temperature range min -25 cel max 85 cel storage temperature range min -40 cel max 85 cel weight nom 0.004 g summary/applications/feature summary this is a multilayer inductor with magnetic shielding by ferrite material. applications pc,hdd,etc feature high-reliability monolithic structure. the products contain no lead and also support lead-free soldering. packaging packing punched (paper)taping [180mm reel] minumum package qty nom 4000 pcs minimum order qty nom 4000 pcs [ caution ] page 1 of 2 3/27/2009 http://roots.tdk.co.jp/rootsme.asp?id=tja024&no=mlf 1608dr10mta002...
specifications which provide more details for the p roper and safe use of the described product are available upon request. [ notice of revision and improve ] all specifications are subject to change without no tice. copyright(c) 1996-2008 all rights reserved. page 2 of 2 3/27/2009 http://roots.tdk.co.jp/rootsme.asp?id=tja024&no=mlf 1608dr10mta002...


▲Up To Search▲   

 
Price & Availability of MLF1608DR10MTA00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X