|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MIG200Q101H 2003-08-07 1 toshiba intelligent power module silicon n channel igbt MIG200Q101H high power switching applications motor control applications integrates inverter power circuits & control circu its (igbt drive units, pr otection units for over ? current, under ? voltage & over ? temperature) in one package. the electrodes are isolated from case. high speed type igbt : v ce (sat) = 3.5v (max.) t off = 3.8s (max.) t rr = 0.24s (max.) outline : toshiba 2 ? 121a1a weight : 510g equivalent circuit 1
MIG200Q101H 2003-08-07 2 maximum ratings (t j = 25c) stage characteristic conditi on symbol ratings unit supply voltage p ? n power terminal v cc 900 v collector ? emitter voltage D v ces 1200 v collector current tc = 25c, dc i c 200 a forward current tc = 25c, dc i f 200 a collector power dissipation tc = 25c p c 1600 w inverter junction temperature D t j 150 c control supply voltage v d ? gnd terminal v d 20 v input voltage in ? gnd terminal v in 20 v fault output voltage fo ? gnd (l) terminal v fo 20 v control fault output current fo sink current i fo 14 ma operating temperature D t c ? 20~+100 c storage temperature range D t stg ? 40~+125 c isolation voltage ac 1 minute v iso 2500 v module screw torque m6 D 3 nm electrical characteristics (t j = 25c) a. inverter stage characteristic symbol test condition min typ. max unit t j = 25c D D 2 collector cut ? off current i cex v cex = 1200v t j = 125c D D 40 ma t j = 25c D 2.7 3.5 collector ? emitter saturation voltage v ce (sat) v d = 15v, i c = 200a v in = 3v 0v t j = 125c D 2.6 D v forward voltage v f i f = 200a D 2.0 2.7 v t on 0.8 1.5 2.2 t c (on) D 0.5 1.0 t rr D 0.16 0.24 t off D 3.3 3.8 switching time t c (off) v cc = 600v, i c = 200a v d = 15v, v in = 3v ? 0v inductive load (note 1) D 0.4 0.8 s MIG200Q101H 2003-08-07 3 b. control stage (t j = 25c) characteristic symbol test condition min typ. max unit control circuit current i d v d = 15v D 20 30 ma input on signal voltage v in (on) v d = 15v, i c = 200ma 0.9 1.1 1.3 v protection i fo (on) 8 10 12 fault output current normal i fo (off) v d = 15v D D 1 ma over current protection trip level oc v d = 15v, t j = 125c 280 400 D a short circuit protection trip level sc v d = 15v, t j = 125c 420 600 D a over current cut ? off time t off (oc) v d = 15v D 10 D s trip level ot 111 118 125 over temperature protection reset level otr case temperature 93 100 107 c trip level uv 11.3 12.0 12.7 control supply under voltage protection reset level uvr D 11.8 12.5 13.2 v fault output pulse width t fo v d = 15v 1 2 3 ms c. thermal resistance (t j = 25c) characteristic symbol test condition min typ. max unit igbt D D 0.078 junction to case thermal resistance r th (j ? c) frd D D 0.25 c / w case to fin thermal resistance r th (c ? f) compound is applied D 0.05 D c / w MIG200Q101H 2003-08-07 4 note 1: switching time test circuit & timing chart 1 intelligent power module pg tlp559 (igm) 15 v 15 k ? v d in gnd out v s gnd c2/e1 c1 v cc 15 v 15 k ? v d in gnd out v s gnd e2 0.1 f 68 f 0.1 f 68 f 300 ? MIG200Q101H 2003-08-07 5 1 1 1 1 1 1 MIG200Q101H 2003-08-07 6 1 1 MIG200Q101H 2003-08-07 7 package dimensions toshiba 2-121a1a unit: mm MIG200Q101H 2003-08-07 8 ? the information contained herein is subject to change without notice. ? the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba for any infringements of patents or other rights of the third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of toshiba or others. ? toshiba is continually working to improve the quality and reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inhe rent electrical sensitivity and vulnerability to physical stress. it is the responsibility of t he buyer, when utilizing toshiba products , to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within s pecified operating ranges as set forth in the most recent toshi ba products specifications. also, pl ease keep in mind the precautions and conditions set forth in the ?handling guide for semicond uctor devices,? or ?toshiba semiconductor reliability handbook? etc.. ? the toshiba products listed in this document are inte nded for usage in general electronics applications (computer, personal equipment, office equipment, measuri ng equipment, industrial robotics, domestic appliances, etc.). these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunc tion or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage include atomic energy control in struments, airplane or spaceship instruments, transportation instruments, traffic signa l instruments, combusti on control instruments, medical instruments, all types of safety devices, et c.. unintended usage of toshiba products listed in this document shall be made at th e customer?s own risk. ? toshiba products should not be embedded to the down stream products which are prohibited to be produced and sold, under any law and regulations. 030619ea a restrictions on product use |
Price & Availability of MIG200Q101H |