Part Number Hot Search : 
2SA637 TC0150A 20010 ACE632 EM91455 M38C81M1 D3L20U TBWB2AB
Product Description
Full Text Search
 

To Download MCR25 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/6 www.rohm.com c 2012 rohm co., ltd. all rights reserved. 2012.11 - rev.d thick film chip resistors mcr series < automotive > ? features 1) full line up from ultra small size (01005) to 2512 with jumper type. 2) high reliability metal glazed thick film. 3) rohm resistors have obtained is o9001/iso/ts16949 certification. 4) "automotive" product is aec-q200 compliant. ?please contact us for status of aec-q200 on "general purpose" products. part no. packing specification quantity / reel (mm) type code size general purpose paper tape (2mm pitch) paper tape (2mm pitch) paper tape (4mm pitch) embossed tape (1mm pitch) embossed tape (4mm pitch) 0402 0603 1005 1608 2012 3216 3225 5025 6432 01005 0201 0402 0603 0805 1206 yrt rzp yzp 15,000 40,000 15,000 10,000 bulk case 50,000 5,000 paper tape (4mm pitch) 5,000 4,000 mrt ert ert ert yzp ? ? mzp pzpi (*for further information on datasheet, please refer to automotive datasheet.) mzp : paper tape (2mm pitch) pzpi : bulk case mzp : 10,000 pzpi : 25,000 mzp / pzpi (*for further information on datasheet, please refer to automotive datasheet.) ezp ezp ezp 1210 jzh jzh jzh 2010 2512 mcr004 mcr006 mcr01 mcr03 mcr10 mcr18 MCR25 mcr50 mcr100 (inch) automotive ?corresponds to aec?q200 ? part number description 06 mcr (micro chip resistors) 0 yt r c mr part no. resistance code, 3 or 4 digits. 000 denotes jumper type. ex.) 1 = 1r0 ( 5% ) 9.1 = 9r1 ( 5% ) 10 = 10r0 ( 0.5%,1% ) 100 ( 5% ) 2.2m = 2204 ( 1% ) 225 ( 5% ) d,f j : : 4 digits 3 digits resistance tolerance resistance code 004 (0402 [01005]) 006 (0603 [0201]) 01 (1005 [0402]) 03 (1608 [0603]) 10 (2012 [0805]) 18 (3216 [1206]) 25 (3225 [1210]) 50 (5025 [2010]) 100 (6432 [2512]) d ( 0.5% ) f ( 1% ) fx ( 1% ) ? only mcr03ezp/mzp/pzpi j ( 5% ) (including jumper type) size (mm [inch]) resistance tolerance nominal resistance j0 1 0 type code free datasheet http:///
2/6 www.rohm.com c 2012 rohm co., ltd. all rights reserved. 2012.11 - rev.d data sheet mcr series < automotive > ? products list limiting element voltage (v) maximum overload voltage (v) temperature coefficient (ppm / c ) resistance tolerance (%) operating temperature range ( c ) type code resistance range series part no. rated power (70 c) (w) mcr006 yzp mcr01 mzp pzpi 0.05 25 jumper type : rmax = 50m / imax. = 0.5a jumper type : rmax = 50m / imax. = 1a jumper type : rmax = 50m / imax. = 1a jumper type : rmax = 50m / imax. = 2a jumper type : rmax = 50m / imax. = 2a jumper type : rmax = 50m / imax. = 2a jumper type : rmax = 50m / imax. = 3a jumper type : rmax = 50m / imax. = 4a ?design and specifications are subject to change without notice. carefully check the specification sheet supplied with the product before using or ordering it. 50 50 150 200 200 400 400 200 300 100 ? ? 0.063 ezp mzp pzpi ezp ezp jzh jzh mcr03 mcr10 mcr18 MCR25 mcr100 0.1 0.1 0.125 0.25 1 400 j(5%) fx(1%) d(0.5%) j(5%) f(1%) j(5%) j(5%) f(1%) f(1%) ?55 to +125 ?55 to +155 ?55 to +125 d(0.5%) 100 50 100 200 1.0 to 9.1 10 to 10m 100 to 1m 10 to 91 10 to 10m e24 e24,e96 e24 e24,e96 e24 e24,e96 e24 e24,e96 1.0 to 2.0 2.2 to 5.1 5.6 to 3.3m 500350 500 200 +600 / ?200 j(5%) f(1%) d(0.5%) 250 100 200 250 1.0 to 9.1 10 to 10m 1k to 1m 10 to 910 10 to 10m e24 +500 / ?250 j(5%) f(1%) d(0.5%) 100 50 100 200 1.0 to 9.1 10 to 2.2m 100 to 1m 10 to 91 10 to 10m e24 e24,e96 e24 500350 350 100 200 500 1.0 to 2.0 10 to 22 10 to 82k 24 to 100k 2.2 to 9.1 200 400 jzh mcr50 0.5 j(5%) f(1%) e24 e24,e96 500350 200 100 350 500 1.0 to 2.0 10 to 330k 10 to 180k 360k to 560k 2.2 to 9.1 400 100 50 100 200 1.0 to 9.1 10 to 2.2m 100 to 1m 10 to 91 10 to 10m 200 400 0.125 0.25 j(5%) f(1%) d(0.5%) e24 e24,e96 400 100 50 100 200 1.0 to 9.1 10 to 2.2m 100 to 1m 10 to 91 10 to 10m 10 to 1m 100 free datasheet http:///
3/6 www.rohm.com c 2012 rohm co., ltd. all rights reserved. 2012.11 - rev.d data sheet mcr series < automotive > ? chip resistor dimensions and markings there are three or four digits used for the calculation number according to iec code and ?r?is used for the decimal point. part no. type code (mm) (inch) l w t a b marking existence (unit : mm) mcr006 yzp 0603 0201 0.6 0.03 0.3 0.03 0.23 0.03 0.1 0.05 0.150.05 no mcr01 mzp pzpi 1005 0402 1.0 0.05 0.5 0.05 0.35 0.05 0.20.1 no mcr03 ezp mzp pzpi 1608 0603 1.6 0.1 0.8 0.1 0.45 0.1 0.3 0.2 0.3 0.2 yes ? mcr10 ezp 2012 0805 2.0 0.1 1.25 0.1 0.55 0.1 0.4 0.2 0.40.2 yes mcr18 ezp 3216 1206 3.2 0.15 1.6 0.15 0.55 0.1 0.5 0.25 0.50.25 yes MCR25 jzh 3225 1210 3.2 0.15 2.5 0.15 0.55 0.15 0.5 0.25 0.50.25 yes mcr50 jzh 5025 2010 5.0 0.15 2.5 0.15 0.55 0.15 0.6 0.25 0.60.25 yes mcr100 jzh 6432 2512 6.3 0.15 3.2 0.15 0.55 0.15 0.6 0.25 0.60.25 yes 0.25 +0.05 ?0.1 marking method of jumper type jumper type mcr006 / 01 / 25 / 50 / 100 mcr03 / 10 / 18 no yes marking existence ? marking method of mcr03 for mcr03 series resistors, the printing process re stricts the marking to th ree digits/characters. consequently, 1% tolerance resistors with values from the e24 series will be marked the same as 5% resistors with the same value, but 1% tolerance resistors with values from the e96 series will not be marked. examples: mcr03ezpj243 (5% tolerance, e24 / 24 k ? ) marking = 243 mcr03ezpfx2402 (1% tolerance, e24 / 24 k ? ) marking = 243 mcr03ezpfx2432 (1% tolerance, e96 / 24.3 k ? ) no marking mcr18ezpj243 (5% tolerance, e24 / 24 k ? ) marking = 243 mcr18ezpf2402 (1% tolerance, e24 / 24 k ? ) marking = 2402 mcr18ezpf2432 (1% tolerance, e96 / 24.3 k ? ) marking = 2432 ? land pattern example b d a land c dimensions part no. type code a mcr006 mcr01 mcr03 mcr10 mcr18 MCR25 mcr50 mcr100 yzp mzp pzpi ezp mzp pzpi ezp ezp jzh jzh jzh 0.3 0.5 1.0 1.2 2.2 2.2 3.8 5.1 b 0.84 1.3 2.0 2.6 4.0 4.0 6.0 8.1 c 0.3 0.5 0.8 1.15 1.5 2.3 2.3 3.0 d 0.27 0.4 0.5 0.7 0.9 0.9 1.1 1.5 (unit : mm) b bb 103 l l w w t t a aa mcr004 / 006 / 01 / 03 mcr10 / 18 / 25 / 50 / 100 free datasheet http:///
4/6 www.rohm.com c 2012 rohm co., ltd. all rights reserved. 2012.11 - rev.d data sheet mcr series < automotive > ? derating curve when the ambient temperature ex ceeds 70c, power dissipation must be adjust ed according to the derating curves below. 0 20 40 60 80 100 ?55 0 70 100 125 ambient temperature (c) percent rated power (%) mcr006 / 100 ? characteristics test items test conditions resistor type guaranteed value jumper type resistance variation of resistance with temperature solderability damp heat, steady state endurance at 70c endurance rapid change of temperature bend strength of the end face plating resistance to solvent resistance to soldering heat overload (2.0%+0.1) max. 50m (1.0%+0.05) (3.0%+0.1) max. 50m max. 100m see "products list" see "products list" 20 c no remarkable abnormality on the appearance. a new uniform coating of minimum of 95% of the surface being immersed and no soldering damage. without mechanical damage such as breaks. compliance standard(s) : iec60115? 8 jisc 5201? 8 measurement : +20 / ?55 / +20 / +125c soldering condition : 2605 c duration of immersion : 101s 40c, 93%rh (relative humidity) test time : 1,000h to 1,048h (3.0%+0.1) (3.0%+0.1) (1.0%+0.05) (1.0%+0.05) (1.0%+0.05) max. 100m max. 100m max. 50m max. 50m max. 50m 70c rated voltage (current) 1.5h : on ? 0.5h : off test time : 1,000h to 1,048h 125c (mcr006 / 25 / 50 / 100) 155c (mcr01 / 03 / 10 / 18) test time : 1,000h to 1,048h 235 c , immersion cleaning, 50.5min solvent : 2?propanol ? test temp. ?55 c to +125 c 100cycle (mcr006 / 01 / 03) ?55 c to +125 c 5cycle (mcr10 / 18 / 25 / 50 / 100) rosinethanol : 25% (weight) soldering condition : 2355 c duration of immersion : 2.00.5s rated voltage (current) 2.5, 2s. maximum overload voltage ? chip weight (typical value) parameter unit mcr006 yzp mcr01 mzp / pzpi mcr03 ezp / mzp / pzpi mcr10 ezp mcr18 ezp MCR25 jzh mcr50 jzh mcr100 jzh mg/pc 0.157 0.70 2.12 5.03 9.46 16.5 25.8 42.0 weight mcr01 / 03 / 10 / 18 / 25 / 50 0 20 40 60 80 100 ?55 0 70 100 155 ambient temperature ( c) percent rated power (%) free datasheet http:///
5/6 www.rohm.com c 2012 rohm co., ltd. all rights reserved. 2012.11 - rev.d data sheet mcr series < automotive > ? tape dimensions ? paper tape ? embossed tape ? paper tape (narrow pitch taping) a 0 p 1 p 0 p 2 b 0 f w t 2 e d 0 p 0 p 2 p 1 e f w t 2 d 0 a 0 b 0 b ase paper (bottom tape) components cavity top tape 0.38 0.03 0.680.03 0.7 0.1 1.20.1 1.1 0.1 1.90.1 (unit : mm ) w type code part no. f e a 0 b 0 8.00.2 mcr006 yzp 3.5 0.05 1.750.1 8.00.3 mcr01 mzp 3.5 0.05 1.750.1 8.00.3 mcr03 ezp 3.5 0.05 1.750.1 8.00.3 mcr10 ezp 3.5 0.05 1.750.1 8.00.3 mcr18 ezp 3.5 0.05 1.750.1 1.5 +0.1 0 1.65 +0.2 ?0.1 2.4 +0.2 ?0.1 3.5 +0.15 ?0.05 1.95 +0.1 ?0.05 1.5 +0.1 0 1.5 +0.1 0 1.5 +0.1 0 1.5 +0.1 0 2.0 0.05 max 0.5 2.00.05 2.00.05 2.00.05 2.00.05 max 1.1 max 1.1 max 1.1 max 1.1 d 0 type code part no. p 0 p 1 p 2 t 2 4.00.1 4.00.1 4.00.1 4.00.1 4.00.1 mcr006 yzp 2.00.05 mcr01 mzp 2.00.05 mcr03 ezp 4.00.1 mcr10 ezp 4.00.1 mcr18 ezp mzp 4.00.1 3.0 0.1 3.50.1 3.4 0.2 5.60.2 3.5 0.2 6.70.2 (unit : mm ) w type code part no. f e a 0 b 0 8.00.3 MCR25 jzh 3.5 0.05 1.750.1 120.3 mcr50 jzh 5.5 0.05 1.750.1 120.3 mcr100 jzh 5.5 0.05 1.750.1 1.5 +0.1 0 1.5 +0.1 0 1.5 +0.1 0 2.0 0.05 max 1.1 2.00.05 2.00.05 max 1.1 max 1.1 d 0 type code part no. p 0 p 1 p 2 t 2 4.00.1 4.00.1 4.00.1 MCR25 jzh 4.00.1 mcr50 jzh 4.00.1 mcr100 jzh 4.00.1 p 0 p 2 e f w d 0 a 0 b 0 b ase paper (bottom tape) components cavity top tape p 1 t 2 1.1 0.1 1.90.1 (unit : mm ) wf ea 0 b 0 d 0 p 0 p 1 p 2 t 2 8.00.3 mcr03 3.5 0.05 1.750.1 2.0 0.05 max 1.1 4.0 0.1 2.00.5 1.5 +0.1 0 type code part no. free datasheet http:///
6/6 www.rohm.com c 2012 rohm co., ltd. all rights reserved. 2012.11 - rev.d data sheet mcr series < automotive > ? reel dimensions 0 2 0 4 0 6 0 8 0 2 0 4 0 6 0 8 c abd label according eiaj et-7200b a type code part no. b c d (unit : mm ) 130.2 180 0 ?1.5 60 +1.0 0 mcr006 yzp mcr01 mzp mcr03 ezp mzp mcr10 ezp mcr18 ezp MCR25 jzh mcr50 jzh mcr100 jzh 9 +1.0 0 13 +1.0 0 ? bulk case dimensions 1100.7 12.00.1 (unit : mm) slider shutter eiaj et-7200b compliant 36 0 ?0.2 ? mcr01pzpi ? mcr03pzpi free datasheet http:///
r1120a www.rohm.com ? 2012 rohm co., ltd. all rights reserved. notice rohm customer support system http://www.rohm.com/contact/ thank you for your accessing to rohm product informations. more detail product informations and catalogs are available, please contact us. notes no copying or reproduction of this document, in part or in whole, is permitted without the consent of rohm co.,ltd. the content specified herein is subject to change for improvement without notice. the content specified herein is for the purpose of introducing rohm's products (hereinafter "products"). if you wish to use any such product, please be sure to refer to the specifications, which can be obtained from rohm upon request. examples of application circuits, circuit constants and any other information contained herein illustrate the standard usage and operations of the products. the peripheral conditions must be taken into account when design ing circuits for mass production. great care was taken in ensuring the accuracy of the information specified in this document. however, should you incur any damage arising from any inaccuracy or misprint of such information, rohm shall bear no responsibility for such damage. the technical information specified herein is intended only to show the typical functions of and examples of application circuits for the produc ts. rohm does not grant you, explicitly or implicitly, any license to use or exercise intellectual property or other rights held by rohm and other parties. rohm shall bear no responsibility whatsoever for any dispute arising from the use of such technical information. the products specified in this document are intended to be used with general-use electronic equipment or devices (such as audio visual equipment, office-automation equipment, commu- nication devices, electronic appliances and amusement devices). the products specified in this document are not designed to be radiation tolerant. while rohm always makes efforts to enhance the quality and reliability of its products, a product may fail or malfunction for a variety of reasons. please be sure to implement in your equipment using the products safety measures to guard against the possibility of physical injury, fire or any other damage caused in the event of the failure of any product, such as derating, redundancy, fire control and fail-safe designs. rohm shall bear no responsibility whatsoever for your use of any product outside of the prescribed scope or not in accordance with the instruction manual. the products are not designed or manufactured to be used with any equipment, device or system which requires an extremely high level of reliability the failure or malfunction of which may result in a direct threat to human life or create a risk of human injury (such as a medical instrument, transportation equipment, aerospace machinery, nuclear-reactor controller, fuel- controller or other safety device). rohm shall bear no responsibility in any way for use of any of the products for the above special purposes. if a product is intended to be used for any such special purpose, please contact a rohm sales representative before purchasing. if you intend to export or ship overseas any product or technology specified herein that may be controlled under the foreign exchange and the foreign trade law, you will be required to obtain a license or permit under the law. free datasheet http:///


▲Up To Search▲   

 
Price & Availability of MCR25

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X