Part Number Hot Search : 
P9430 DC718B 0000F 01CA3AKR 54104 APPLE KTY82210 00101
Product Description
Full Text Search
 

To Download MCR102A-22RL-127SF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c18 smartmedia connectors mcr102a series tm features 1. conforms to the ssfdc forum proposal of "smartmedia" miniature storage media product development using postage stamp sized miniature memory cards for such items as digital cameras and pda is now a regular practice. the mcr102 series of miniature, thin connectors conforms to the ssfdc forum proposal of "smartmedia" miniature storage media. 2. miniature low-profile smt board occupation area was taken into account in the design of these miniature,thin connectors, the dimensions of which are 40 mm wide, 38.5 mm long, and 3.0 mm high (excluding the card insertion slot). the covers are designed to make connection with the ground of the printed circuit board. 3. connectors are available in theree types:a 3.3-v card type, a 5-v card type, and a combined type for both 3.3-v and 5-v cards. 4. prevention of incorrect card insertion an incorrect insertion prevention mechanism serves to prevent the insertion of a different type of voltage card. the combined type can use 3.3-v and 5-v cards. 5. original card detection switch mechanism (patents pending) the contact portion separates when the card has been firmily inserted all the way.(normally closed type) the switch contact portion is of the two-point contact type which improves contact stability.the contact timing of the signal contacts and switch contacts is as follows. after the signal contacts makes contacts makes contact, there is a 1.2 mm distance until the switch contact operates and this permits reliable card detection. the 3.3 v/5 v combined card, witch is currently being standardized (with a provisional name of dual voltage card), is also designed with a structure that permits card detection. 6. equiped with write protect (wp) contact for erroneous data deletion protection 7. equiped with a board positioning boss. the boss position prevents incorrect insertion to the board. 8. suited to automatic mounting a placement area of 8.2 mm x 30 mm has been maintained to correspond with the placement nozzle of the automatic mounter. 9. solder repairability the smt arrangement of the 2 rows of 22 signal pins into a single row on one side improves the level of solder repairability. applications digital cameras, pda, voice recorders, and other equipment that uses smartmedia.
c19 ordering information materials color:black contact portion: gold plating lead portion: solder plating contact portion: gold plating lead portion: solder plating series name: mcr 102 a number of contacts: 22 contact pitch: 1.27 mm terminal type : sf: smt type power supply voltage type rl: 3.3 v type rh: 5 v type r: combined (3.3 v/5 v) type part insulator signal contacts switch contacts cover material synthetic resin finish remarks ul94v-0 phosphor bronze beryllium copper brass stainless mcr 102a -- 22 rl -- 1.27 sf 1 1 2 3 4 5 2 3 4 5 1. insulation resistance 1000 m ohms min.(initial value) 500 vdc 2. withstanding voltage 500 v ac / 1 minute 3. contact resistance 100 m ohms max.(initial value) 20 mv ac max.,measured at 1 ma 4. vibration 5. shock 6. humidity(steady state) 7. temperature cycle 8.durability (mating/unmating) 9. resistance to soldering heat item specification conditions no electrical discontinuity of 100ns or more no damage, cracks, or parts looseness no electrical discontinuity of 100ns or more no damage, cracks, or parts looseness. contact resistance: amount of change from the onset is 40 m ohms max. insulation resistance: 100 m ohms min. no damage, cracks, or parts looseness. contact resistance: amount of change from the onset is 40 m ohms max. insulation resistance: 100 m ohms min. no damage, cracks, or parts looseness. contact resistance: amount of change from the onset is 40 m ohms max. no damage, cracks, or parts looseness. no deformation of components affecting performance. frequency: 10 to 2000 hz, full amplitude of 1.52 mm or acceleration of 147 m/s 2 (peak),4 hours in each of the 3 directions. acceleration of 490 m/s 2 , 11 ms duration, sine half- wave waveform, 3 cycles in each of the 3 axis 96 hours at temperature of 40? and humidity of 90% to 95% temperature: -55? / 5 to 35 / 85 / 5 to 35? time: 30 / max. 5 / 30 / max. 5 minutes left coupled for 5 cycles under aforementioned conditions 10000 cycles at 400 to 600 cycles per hour reflow: at the recommended temperature profile manual soldering: 300? for 3 seconds no flashover or insulation breakdown. leakage current of 1 ma max. ? product specifications note :the aforementionned standards are representative of this series. please refer to the specifications for individual, formal exchanges. rating current rating voltage rating 0.5a 125v ac operating temperature operating humidity -20 ? to +60 ? 95 % r.h. or less (without condensation) storage temperature storage humidity -40 ? to +70 ? 95 % r.h. or less (without condensation)
c20 548-0210-4 548-0211-7 548-0212-0 mcr102a-22r-1.27sf mcr102a-22rl-1.27sf mcr102a-22rh-1.27sf combined (3.3 v/5 v) type 3.3 v type 5 v type tr ay cl no. part number power supply voltage type delivery form note : 1 this product is marked with "3.3 v" when it is designed for use with a 3.3 v card, "5 v" when designed for a 5 v card, and "w" when designed for both 3.3 v and 5 v cards. 2 the switch contacts are constructed to separate when the card is inserted. 3 c l indicates the 37.2 center line. 4 the co-planarity at the smt lead edge portion is 0.1 maximum. 5 fig. 1 illustrates the connector before the cover is attached. 6 the cover is designed to short-circuit to the pcb via a strengthened fitting as an emi countermeasure. 7 please understand that molding sink countermeasures may be added for the purpose of product improve ment,etc. 2 1 a a a 6l 3.3v a 6l c l c l fig.1 aa(free) 2 36.5 1.5 no.1 p=1.27 no.22 no.21 no.2 no.12 no.11 26.67 2.54 1.27 (6.985) 2.54 27.5 40 37.2 2- ?1 18 3 4 30 4.5 (t0.25xw0.3) (t0.25xw0.5) (t0.2xw0.5) 2.54 0.45 2.54 (t0.25xw1.5) (t0.25xw0.5) (10.3) (0.05) 3 (0.8) 3.75 30 (0.8) 4 1.8 8.8 19 26.2 1 (0.05) 3.15 0.75 (5.15) (0.7)
c21 pcb mounting pattern temperature profile $ l ?1.1 + 0.1 0 0.70.05 p= 1.270.15 26.670.08 1.270.08 2.540.08 no.11 no.12 2.25 0 -0.1 4.45 min no.22 no.1 no.21 no.2 2.50.05 4.45 min 18 0.05 8.6max 11.6min 14.175min pattern prohibited area 13.725min 18.8max 21.8min 13.725min 14.175min ?1.1 +0.1 0 300.05 3max 5.735 min 10.775min 2.5 0 -0.1 4.7min 2.5 +0.1 0 2.5 +0.1 0 0.9 +0.1 0 6.9850.08 2.540.08 27.50.1 0.80.05 applicable conditions reflow system :ir reflow solder: paste type 63 sn/37 pb (flux content 9 wt%) test board glass epoxy 60mm x 60mm x 1.6 mm metal mask thickness: 0.15 mm 5 s max. 240? 200? 160? 150? 25? (60 s) (60 s) (30 s) (20 to 30 s) soldering time preheating time time (seconds) start 60 0 50 100 150 (?) 200 250 temperature 120
c22 connector card 1. the orientation of the card should have the contact surface inserted face-down as illustrated in the diagram below. 2. at the time of card insertion, check the card voltage type. this product is furnished with an incorrent insertion prevention mechanism, but forced insertion of a different type of voltage card may result in damage to the card. 3. the card should be firmly inserted all the way to the back. the switch mechanism requirea that the card be firmly inserted all the way so that the contact portion serparates; failing to firmly insert the card may result in the mechan ism not operating. 4. after the card has been inserted, be sure not to apply excessive force to the card portion that protrudes from the insertion slot. the application of force may damage the card. 5. the packaging form used for this product is soft tray (polystyrene) packaging. depending on the type of mounter, adjustment may be required for automatic mounting. in view of this, we recommend that a check be made with the article in question. for more detailed information, please contact your hirose account representative. rwhen using water type cleaning agents(e.g., terpene, and alkali saponifiers),select the cleaning agent based on the documentation issued by the various manufacturers of cleaning agents which describes the effects on metals and resins.be careful that parts are not left with moisture remaining on them contact surface for use precautions wsahing conditions organic solvent washing water type washing residual fiux or cleaning agent on the contacts when washing with organic solvents or water type cleaners can give rise to the deterioration of electrical performance. in this regard it is important to check whether a thorough washing has been performed. washing precautions this product is a no-wash item, but in the case of washing, please observe the following conditions. solvent ipa(isopropyl alcohol) hcfc(hydrochlorofluorocarbon) normal temperature washing yes yes heated washing yes yes


▲Up To Search▲   

 
Price & Availability of MCR102A-22RL-127SF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X