Part Number Hot Search : 
DRC4143T 2SD2179 MCJ16CA 2SJ387 P4KE11C 0F0FZ00 PNZ155 508AF
Product Description
Full Text Search
 

To Download KB-200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  radial lead transient voltage suppressors (tvs) revision september 25, 2013 1 / 4 @ socay electronics co., ltd. 2013 specifications are subject to change without notice. please refer to www.socay.com for current information. kb series socay electronics co., ltd. www.socay.com the kb series of high current transient suppressors have been specially designed for use in a.c. line protection and any demanding applications (ac or dc). any voltage rise due to increased current conduction is contained to a minimum, providing the best possible protection level. they can also be connected in series and/or parallel to create very high capacity protection solutions. u axial lead terminals u high current transient suppressor u excellent clamping capability u glass passivated junction u bi-directional u low slope resistance u repetition rate (duty cycle):0.01% u hazardous substances free u rohs compliant u high temperature soldering: 260 c/10 seconds at terminals u epoxy encapsulated u silver plated leads u solderable per mil-std-202 method 208 parameter symbol value unit operating junction t j -55 to +150 c storage temperature range t stg -55 to +150 c current rating 1 i pp 6 ka notes: 1. rated ipp measured with 8 20 s pulse. maximum ratings (t a =25 unless otherwise noted) description features functional diagram bi-directional
radial lead transient voltage suppressors (tvs) revision september 25, 2013 2 / 4 @ socay electronics co., ltd. 2013 specifications are subject to change without notice. please refer to www.socay.com for current information. kb series socay electronics co., ltd. www.socay.com reverse stand-off voltage breakdow n voltage test current current rating maximum energy maximum clamping voltage reverse leakage part number vac(v) vdc(v) v br (v) min.@i t i t (ma) i pp 8/20 s (ka) 10/1000 s (a) v c (v) @i pp i r ( a) @vdc kb-012 8.5 12.8 14 1 6 1000 28 20 kb-015 11 15 17 1 6 1300 30 20 kb-020 14 20 22 1 6 1600 40 20 kb-025 17 25 28 1 6 1900 50 20 kb-030 21 30 33 1 6 2400 60 20 kb-042 30 42 47 1 6 3400 77 20 kb-058 40 58 64 1 6 4900 110 20 kb-066 45 66 70 1 6 5200 125 20 kb-076 54 76 83 1 6 5600 135 20 kb-100 72 100 110 1 6 8500 165 20 kb-133 100 133 147 1 6 10600 220 20 kb-170 130 170 180 1 6 14000 260 20 kb-190 145 190 200 1 6 16800 290 20 KB-200 150 200 222 1 6 17200 330 20 kb-240 180 240 250 1 6 18000 340 20 kb-275 210 275 300 1 6 19000 435 20 kb-300 230 300 330 1 6 25500 470 20 kb-380 275 380 401 1 6 30000 520 20 electrical characteristics (t a =25 unless otherwise noted)
radial lead transient voltage suppressors (tvs) revision september 25, 2013 3 / 4 @ socay electronics co., ltd. 2013 specifications are subject to change without notice. please refer to www.socay.com for current information. kb series socay electronics co., ltd. www.socay.com weight contact manufacturer case epoxy encapsulated terminal silver plated leads, solderable per mil-std-750, method 2026 reflow condition lead C free assembly -temperature min (t s(min) ) 150 c -temperature max (t s(max) ) 200 c pre heat - time (min to max) (t s ) 60 -180 seconds average ramp up rate ( liquidus temp t l ) to peak 3 c/second max t s(max) to tl - ramp-up rate 3 c/second max - temperature (t l ) (liquidus) 217 c reflow - time (min to max) (t l ) 60 -150 seconds peak temperature (t p ) 260 +0/-5 c time within 5 c of actual peak temperature (t p ) 20 -40 seconds peak temperature : 265 c ramp-down rate 6 c/second max dipping time : 10 seconds time 25 c to peak temperature (t p ) 8 minutes max soldering : 1 time do not exceed 280 c ramp-down preheat critical zone t l to t p time to peak temperature (t 25 to peak) t p t l t s(max) t s(min) 25 te mperature ramp-up time ratings and characteristic curves ( t a =25 c unles s otherwise noted ) (continued) soldering parameters physical specifications flow/wave soldering (solder dipping) ratings and characteristic curves (ta=25 c unless otherwise noted) pulse derating curve 0 25 50 75 100 125 150 175 200 100 80 60 40 20 0 t a -ambient temperature( c) peak pulse derating in percentage of peak power or current (%)
radial lead transient voltage suppressors (tvs) revision september 25, 2013 4 / 4 @ socay electronics co., ltd. 2013 specifications are subject to change without notice. please refer to www.socay.com for current information. kb series socay electronics co., ltd. www.socay.com dimensions inches millimeters a max 0.571 max 14.5 b max0.500 max 12.7 c 0.051 0.004 1.30 0.1 d 0.236 0.040 6.0 1.0 e 0.950 0.028 24.15 0.7 f max 0.10 max 2.5 dimensions kb - stand off voltage series part marking part numbering k b - xxx socay logo product type


▲Up To Search▲   

 
Price & Availability of KB-200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X