Part Number Hot Search : 
9251US 1700FP 2SK35 08100 BZX84C27 WMS7120 NTXV2N6 SE2600S
Product Description
Full Text Search
 

To Download KA1080-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ul formula molded case circuit breakers - 3.5 na = not available w = width h = hole height d = depth ? = diameter s = standard r = on request terminal es terminal es with cable lug terminal es wi th busbar terminal fccual terminal fccual with cable front extended spread terminal - es (iec only) busbar dimensions [mm/in] cable lug [mm/in] tightening torques terminal covers [mm/in] separators [mm/in] type poles w d ? w ? terminal cable or busbar 2/.07 7.5/.29 50/1.96 60/2.36 50/1.96 80/3.14 100/3.93 200 /7.87 a1 2 3 20/.78 6/.23 8.5/.33 20/.78 8.5/.33 m6 3 m8 9 - - - - - - s - a2 2 3 30/1.18 4/.15 10.5/.41 10.5/.41 na m8 8 m10 18 - - - - - - s - front terminals for copper aluminium cables - fccua l cable [mm/in] tightening torques length of cable stripping [mm/in] terminal covers [mm/in] separators [mm/in] type assembly poles rigid terminal cable or busbar 2/.07 7.5/.29 50/1.96 60/2.36 50/1.96 80/3.14 100/3.93 200 /7.87 a1 internal 1 (1) 2 (1) 3 14-2 awg m6 35lb-in - 14 - 10 awg; 20lb-in 8 awg; 35lb-in 6 - 2 awg; 75lb-in 16/.62 - s (1) r - - - - - a1 internal 1 (1) 2 (1) 3 4-1 awg m6 35lb-in - 75lb-in 16/.62 - s (1) r - - - - - a2 internal 1 2 3 1 awg - 300 kcmil m8 135lb-in - 135lb-in 20/.78 - s (1) - r - - - - a2 internal 1 2 3 300 - 350 kcmil m8 135lb-in - 177lb-in 22 /.86 - s (1) - r - - - - (1) the terminal covers are not supplied for 1p and 2p, the use of phase separators, supplied with the standard circuit breaker, and the insulating of sw itchboard door are mandatory. h w d accessories mechanical accessories
3.6 - ul formula molded case circuit breakers accessories mechanical accessories front terminals 1 piece 2 pieces 3 pieces 4 pieces 6 pieces kit f a1 ka1f-1 ka1f-2 ka1f-3 ka1f-4 ka1f-6 kit f a2 ka2f-1 ka2f-2 ka2f-3 ka2f-4 ka2f-6 front extended terminals (iec only) kit ef a1 ka1ef-1 ka1ef-2 ka1ef-3 ka1ef-4 ka1ef-6 kit ef a2 ka2ef-1 ka2ef-2 ka2ef-3 ka2ef-4 ka2ef-6 front extended spread terminals (iec only) kit es a1 ka1es-1 ka1es-2 ka1es-3 ka1es-4 ka1es-6 kit es a2 ka2es-1 ka2es-2 ka2es-3 ka2es-4 ka2es-6 front terminals for copper aluminium cables - fccual kit fc cual a1 80a KA1080-1 ka1080-2 ka1080-3 ka1080-4 ka1080-6 kit fc cual a1 100a ka1100-1 ka1100-2 ka1100-3 ka1100-4 ka1100-6 kit fc cual a2; 250a cu cables and 225a al cables ka2225-1 ka2225-2 ka2225-3 ka2225-4 ka2225-6 kit fc cual a2 250a ka2250-1 ka2250-2 ka2250-3 ka2250-4 ka2250-6
ul formula molded case circuit breakers - 6.5 3.94 100 0.79 20 0.79 20 0.79 20 0.33 8.5 3.79 96.25 4.14 105.25 4.14 105.25 3.79 96.25 0.33 8.5 3.94 100 3.94 100 1.57 40 1.57 40 2.17 55 1.38 35 0.20 5 0.79 20 0.79 20 0.98 25 0.20 5 caption 1 front extended spread terminals 2 100mm insulating barriers between the terminals (compulsory) supplied 3 pole 2 pole es terminals approximate dimensions a1 - circuit breaker and terminals
6.6 - ul formula molded case circuit breakers 3.0076.2 2.85 72.5 2.25 57.25 1.38 35 0.4110.5 1.97 50 2.56 65 1.0025.4 2.0050.8 1.97 50 2.56 65 1.38 35 2.25 57.25 50.8 2.17 55 2.17 55 1.38 35 1.38 35 fccual 4-1 awg terminals caption 3 bottom terminal covers with ip40 degree of protection (compulsory) 4 fccual 4-1 awg terminals 6 50mm insulating barriers between the terminals (compulsory) not supplied with fccual terminals kit, but with the circuit breaker in base version 7 compartment door drilling template and ?xing insulation (provided by customer) 8 compulsory internal 1 pole - 2 pole insulation plates (provided by customer) 3 pole 3 pole 1-2 pole 1-2 pole 1-2 pole 1-2 pole a [mm/in] b [mm/in] c [mm/in] without flange 69/2.72 33/1.30 66/2.60 1 pole 69/2.72 58/2.28 91/3.58 2 pole 61*/2.40* 33/1.30 66/2.60 1 pole 61*/2.40* 58/2.28 91/3.58 2 pole * distance only possible with insulation plate max 1mm / 0.04in thick approximate dimensions a1 - circuit breaker and terminals
ul formula molded case circuit breakers - 6.7 50.8 2.17 55 2.17 55 1.38 35 1.38 35 3.0076.2 2.85 72.5 2.25 57.25 0.55 14 0.28 7 1.4436.5 1.97 50 2.56 65 1.0025.4 2.0050.8 1.97 50 2.56 65 1.4436.5 0.28 7 2.25 57.25 fccual 14 - 2 awg terminals caption 3 bottom terminal covers with ip40 degree of protection (compulsory) 5 fccual 14-2 awg terminals 6 50mm insulating barriers between the terminals (compulsory) not supplied with fccual terminals kit, but with the circuit breaker in base version 7 compartment door drilling template and ?xing insulation (provided by customer) 8 compulsory internal 1 pole - 2 pole insulation plates (provided by customer) 3 pole 3 pole 1-2 pole 1-2 pole 1-2 pole 1-2 pole a [mm/in] b [mm/in] c [mm/in] without flange 69/2.72 33/1.30 66/2.60 1 pole 69/2.72 58/2.28 91/3.58 2 pole 61*/2.40* 33/1.30 66/2.60 1 pole 61*/2.40* 58/2.28 91/3.58 2 pole * distance only possible with insulation plate max 1mm/0.039in thick approximate dimensions a1 - circuit breaker and terminals
6.12 - ul formula molded case circuit breakers 5.12 130 1.97 50 1.97 50 1.18 30 1.18 30 1.18 30 4.96 126 4.49 114 3.94 100 0.4110.5 2.95 75 1.57 40 0.20 5 1.18 30 1.18 30 0.4110.5 3.94 100 4.49 114 4.96 126 0.24 max 6 0.98 25 es terminals caption 1 front extended spread terminals 2 100mm insulating barriers between the terminals (compulsory) supplied 3 pole 2 pole approximate dimensions a2 - circuit breaker and terminals
ul formula molded case circuit breakers - 6.13 1.5639.5 0.71 18 2.52 64 0.82 20.8 135lb-in 30lb-in 177lb-in 4.13 105 3.25 82.5 3.15 80 2.95 75 1.38 35 3.15 80 2.95 75 2.76 70 1.5639.5 0.71 18 2.52 64 0.82 20.8 177lb-in fccual 300kcmil - 350kcmil terminals caption 3 terminal covers (compulsory) 5 terminals fccual 300kcmil - 350kcmil 6 80mm insulating barriers between the terminals (compulsory) not supplied with fccual terminals kit, but with the circuit breaker in base version 7 compartment door drilling template and fixing insulation (provided by customer) 1 pole 8 compulsory internal insulation plates (provided by customer) max 1mm/0.039in thick 3 pole 3 pole 1 pole 2 pole 1-2 pole 1-2 pole 1-2 pole approximate dimensions a2 - circuit breaker and terminals 2.76 70 2.76 70 1.26 32 1.26 32 a [mm/in] b [mm/in] c [mm/in] without flange 69/2.72 37.5/1.48 75/2.95 1 pole 69/2.72 C C 2 pole 61/2.40 37.5/1.48 75/2.95 1 pole 61/2.40 C C 2 pole
6.14 - ul formula molded case circuit breakers 2.76 70 2.76 70 1.26 32 1.26 32 4.13 105 3.25 82.5 1.50 38 0.67 17 2.52 64 0.71 18 135lb-in 30lb-in 177lb-in 3.15 80 2.95 75 1.38 35 3.15 80 2.95 75 2.76 70 1 pole 2 pole 1-2 pole 1.50 38 0.67 17 2.52 64 0.71 18 177lb-in fccual 1 awg - 300kcmil terminals caption 3 terminal covers (compulsory) 4 terminals fccual 1 awg - 300kcmil 6 80mm insulating barriers between the terminals (compulsory) not supplied with fccual terminals kit, but with the circuit breaker in base version 7 compartment door drilling template and fixing insulation (provided by customer) 1 pole 8 compulsory internal insulation plates (provided by customer) max 1mm/0.039in thick 3 pole 3 pole 1-2 pole 1-2 pole a [mm/in] b [mm/in] c [mm/in] without flange 69/2.72 42.5/1.67 85/3.35 1 pole 69/2.72 C C 2 pole 61/2.40 42.5/1.67 85/3.35 1 pole 61/2.40 C C 2 pole approximate dimensions a2 - circuit breaker and terminals


▲Up To Search▲   

 
Price & Availability of KA1080-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X