Part Number Hot Search : 
2SD2300 0CTQ1 63000 EGA64 BRPFI 10020 MRF401 STACK
Product Description
Full Text Search
 

To Download GRM21AR72E152KW01D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  109 15 ! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. chip monolithic ceramic capacitors medium-voltage high-capacitance for general-use n features 1. a new monolithic structure for small, high capacitance capable of operating at high voltage levels. 2. sn-plated external electrodes realized good solderability. 3. use the grm18/21/31 types with flow or reflow soldering, and other types with reflow soldering only. n applications 1. ideal for use as a hot-cold coupling for dc/dc converter. 2. ideal for use on line filters and ringer detectors for telephones, facsimiles and modems. 3. ideal for use on diode-snubber circuits for switching power supplies. free datasheet http://
110 15 ! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. part number rated voltage (v) tc code (standard) capacitance length l (mm) width w (mm) thickness t (mm) electrode g min. (mm) electrode e (mm) continued from the preceding page. grm31br72j332kw01l dc630 x7r (eia) 3300pf 10% 3.2 1.6 1.25 1.2 0.3 min. grm31br72j472kw01l dc630 x7r (eia) 4700pf 10% 3.2 1.6 1.25 1.2 0.3 min. grm31br72j682kw01l dc630 x7r (eia) 6800pf 10% 3.2 1.6 1.25 1.2 0.3 min. grm31br72j103kw01l dc630 x7r (eia) 10000pf 10% 3.2 1.6 1.25 1.2 0.3 min. grm31cr72j153kw03l dc630 x7r (eia) 15000pf 10% 3.2 1.6 1.6 1.2 0.3 min. grm32qr72j223kw01l dc630 x7r (eia) 22000pf 10% 3.2 2.5 1.5 1.2 0.3 min. grm32dr72j333kw01l dc630 x7r (eia) 33000pf 10% 3.2 2.5 2.0 1.2 0.3 min. grm32dr72j473kw01l dc630 x7r (eia) 47000pf 10% 3.2 2.5 2.0 1.2 0.3 min. grm43qr72j683kw01l dc630 x7r (eia) 68000pf 10% 4.5 3.2 1.5 2.2 0.3 min. grm43dr72j104kw01l dc630 x7r (eia) 0.10 f 10% 4.5 3.2 2.0 2.2 0.3 min. grm55dr72j154kw01l dc630 x7r (eia) 0.15 f 10% 5.7 5.0 2.0 3.2 0.3 min. grm55dr72j224kw01l dc630 x7r (eia) 0.22 f 10% 5.7 5.0 2.0 3.2 0.3 min. grm31br73a102kw01l dc1000 x7r (eia) 1000pf 10% 3.2 1.6 1.25 1.2 0.3 min. grm31br73a152kw01l dc1000 x7r (eia) 1500pf 10% 3.2 1.6 1.25 1.2 0.3 min. grm31br73a222kw01l dc1000 x7r (eia) 2200pf 10% 3.2 1.6 1.25 1.2 0.3 min. grm31br73a332kw01l dc1000 x7r (eia) 3300pf 10% 3.2 1.6 1.25 1.2 0.3 min. grm31br73a472kw01l dc1000 x7r (eia) 4700pf 10% 3.2 1.6 1.25 1.2 0.3 min. grm32qr73a682kw01l dc1000 x7r (eia) 6800pf 10% 3.2 2.5 1.5 1.2 0.3 min. grm32qr73a103kw01l dc1000 x7r (eia) 10000pf 10% 3.2 2.5 1.5 1.2 0.3 min. grm32dr73a153kw01l dc1000 x7r (eia) 15000pf 10% 3.2 2.5 2.0 1.2 0.3 min. grm32dr73a223kw01l dc1000 x7r (eia) 22000pf 10% 3.2 2.5 2.0 1.2 0.3 min. grm43dr73a333kw01l dc1000 x7r (eia) 33000pf 10% 4.5 3.2 2.0 2.2 0.3 min. grm43dr73a473kw01l dc1000 x7r (eia) 47000pf 10% 4.5 3.2 2.0 2.2 0.3 min. grm55dr73a104kw01l dc1000 x7r (eia) 0.10 f 10% 5.7 5.0 2.0 2.5 0.3 min. please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering. ! note c02e10.pdf 04.1.20 free datasheet http://
continued on the following page. no removal of the terminations or other defect should occur. adhesive strength of termination 9 solder the capacitor to the testing jig (glass epoxy board) shown in fig. 1 using a eutectic solder. then apply 10n force in the direction of the arrow. the soldering should be done either with an iron or using the reflow method and should be conducted with care so that the soldering is uniform and free of defects such as heat shock. 10n (5n : size 1.6 g 0.8mm only), 10 t 1s speed : 1.0mm/s glass epoxy board solder resist cu glass epoxy board cap. change within t 15% (temp. range : y 55 to w 125 d ) capacitance temperature characteristics 8 the range of capacitance change compared with the 25 d value within y 55 to w 125 d should be within the specified range. # pretreatment perform a heat treatment at 150 d for 60 t 5 min. and then let sit for 24 t 2 hrs. at *room condition. w 0 y 10 fig. 1 no. item specifications test method within the specified dimensions no defects or abnormalities no defects or abnormalities y 55 to w 125 d operating temperature range appearance dimensions dielectric strength 1 2 3 4 using calipers no failure should be observed when 150% of the rated voltage (200% of the rated voltage in case of rated voltage : dc250v, 120% of the rated voltage in case of rated voltage : dc1kv) is applied between the terminations for 1 to 5 sec., provided the charge/discharge current is less than 50ma. visual inspection y c u 0.01 m f : more than 100m ? m f c f 0.01 m f : more than 10,000m insulation resistance (i.r.) 5 the insulation resistance should be measured with dc500 t 50v (dc250 t 50v in case of rated voltage : dc250v) and within 60 t 5 sec. of charging. 0.025 max. within the specified tolerance capacitance dissipation factor (d.f.) 6 7 the capacitance/d.f. should be measured at 25 d at a frequency of 1 t 0.2khz and a voltage of ac1 t 0.2v (r.m.s.) # pretreatment perform a heat treatment at 150 d for 60 t 5 min. and then let sit for 24 t 2 hrs. at *room condition. w 0 y 10 * "room condition" temperature : 15 to 35 d , relative humidity : 45 to 75%, atmospheric pressure : 86 to 106kpa 0.025 max. no defects or abnormalities within the specified tolerance vibration resistance 10 solder the capacitor to the test jig (glass epoxy board). the capacitor should be subjected to a simple harmonic motion having a total amplitude of 1.5mm, the frequency being varied uniformly between the approximate limits of 10 and 55hz. the frequency range, from 10 to 55hz and return to 10hz, should be traversed in approximately 1 min. this motion should be applied for a period of 2 hrs. in each 3 mutually perpendicular directions (total of 6 hrs.). appearance capacitance d.f. fig. 2 deflection 11 solder the capacitor to the testing jig (glass epoxy board) shown in fig. 2 using a eutectic solder. then apply a force in the direction shown in fig. 3. the soldering should be done either with an iron or using the reflow method and should be conducted with care so that the soldering is uniform and free of defects such as heat shock.   q s t   q s t b    q r ss t    q rr s s  r  q r a  q r  q s c   q s t  s 100   s t  q r 40 f 4.5 t : 1.6 d capacitance meter flexure=1 20 50 r230 45 45 pressurizing speed : 1.0mm/s pressurize fig. 3 no cracking or marking defects should occur. (in mm) l z w (mm) 1.6 z 0.8 0 2.0 z 1.25 3.2 z 1.6 0 3.2 z 2.5 0 4.5 z 3.2 0 5.7 z 5.0 0 1.0 1.2 2.2 2.2 3.5 4.5 3.0 4.0 5.0 5.0 7.0 8.0 1.2 5 1.65 2.0 5 2.9 5 3.7 5 5.6 5 1.0 dimension (mm) abcd specifications and test methods 111 15 ! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering. ! note c02e10.pdf 04.1.20 free datasheet http://
continued from the preceding page. no. item specifications test method * "room condition" temperature : 15 to 35 d , relative humidity : 45 to 75%, atmospheric pressure : 86 to 106kpa 75% of the terminations are to be soldered evenly and continuously. solderability of termination 12 immerse the capacitor in a solution of ethanol (jis-k-8101) and rosin (jis-k-5902) (25% rosin in weight proportion). immerse in eutectic solder solution for 2 t 0.5 sec. at 235 t 5 d . immersing speed : 25 t 2.5mm/s solder resist cu glass epoxy board fig. 4 step 1 2 100 d to 120 d 170 d to 200 d 1 min. 1 min. temperature time step 1 2 3 4 min. operating temp. t 3 room temp. max. operating temp. t 2 room temp. 30 t 3 2 to 3 30 t 3 2 to 3 temperature ( d ) time (min.) c u 0.01 m f : more than 100m ? m f c f 0.01 m f : more than 10,000m within t 10% 0.025 max. appearance i.r. capacitance change d.f. no marking defects resistance to soldering heat 13 preheat the capacitor at 120 to 150 d * for 1 min. immerse the capacitor in eutectic solder solution at 260 t 5 d for 10 t 1 sec. let sit at *room condition for 24 t 2 hrs., then measure. # immersing speed : 25 t 2.5mm/s # pretreatment perform a heat treatment at 150 d for 60 t 5 min. and then let sit for 24 t 2 hrs. at *room condition. * preheating for more than 3.2 z 2.5mm w 0 0 y 10 in accordance with item no.4 dielectric strength c u 0.01 m f : more than 100m ? m f c f 0.01 m f : more than 10,000m within t 7.5% 0.025 max. appearance i.r. capacitance change d.f. no marking defects temperature cycle 14 fix the capacitor to the supporting jig (glass epoxy board) shown in fig. 4 using a eutectic solder. perform the 5 cycles according to the 4 heat treatments listed in the following table. let sit for 24 t 2 hrs. at *room condition, then measure. # pretreatment perform a heat treatment at 150 d for 60 t 5 min. and then let sit for 24 t 2 hrs. at *room condition. w 0 0 y 10 in accordance with item no.4 dielectric strength c u 0.01 m f : more than 10m ? m f c f 0.01 m f : more than 1,000m within t 15% 0.05 max. appearance i.r. capacitance change d.f. no marking defects humidity (steady state) 15 let the capacitor sit at 40 t 2 d and relative humidity of 90 to 95% for 500 hrs. remove and let sit for 24 t 2 hrs. at *room condition, then measure. # pretreatment perform a heat treatment at 150 d for 60 t 5 min. and then let sit for 24 t 2 hrs. at *room condition. w 0 0 y 10 w 24 y 0 0 in accordance with item no.4 dielectric strength c u 0.01 m f : more than 10m ? m f c f 0.01 m f : more than 1,000m within t 15% (rated voltage : dc250v, dc630v) within t 20% (rated voltage : dc1kv) 0.05 max. appearance i.r. capacitance change d.f. no marking defects life 16 apply 120% of the rated voltage (150% of the rated voltage in case of rated voltage : dc250v, 110% of the rated voltage in case of rated voltage : dc1kv) for 1,000 hrs. at maximum operating temperature t 3 d . remove and let sit for 24 t 2 hrs. at *room condition, then measure. the charge/discharge current is less than 50ma. # pretreatment apply test voltage for 60 t 5 min. at test temperature. remove and let sit for 24 t 2 hrs. at *room condition. w 48 y 0 0 in accordance with item no.4 dielectric strength c u 0.01 m f : more than 10m ? m f c f 0.01 m f : more than 1,000m within t 15% 0.05 max. appearance i.r. capacitance change d.f. no marking defects humidity loading (application : dc250v, dc630v item) 17 apply the rated voltage at 40 t 2 d and relative humidity of 90 to 95% for 500 hrs. remove and let sit for 24 t 2 hrs. at *room condition, then measure. # pretreatment apply test voltage for 60 t 5 min. at test temperature. remove and let sit for 24 t 2 hrs. at *room condition. w 24 y 0 0 in accordance with item no.4 dielectric strength specifications and test methods 112 15 ! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering. ! note c02e10.pdf 04.1.20 free datasheet http://


▲Up To Search▲   

 
Price & Availability of GRM21AR72E152KW01D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X