Part Number Hot Search : 
N4148WS NTE5496 MAU112 25Q128A MAX63 AT91C STU5025 2SK2559
Product Description
Full Text Search
 

To Download GP2D150A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 data sheet GP2D150A optoelectronic device features ? factory set trigger point: 15 ? digital output ? range: 4 to 30 cm ? typical response time: 39 ms ? typical start up delay: 46 ms ? average current consumption: 33 ma description the GP2D150A is a distan ce measuring sensor with digital output. figure 1. pinout 13 1v o v cc gnd 2 3 2 signal name pin GP2D150A-5 figure 2. block diagram GP2D150A-2 signal processing circuit psd led gnd v cc v o led drive circuit voltage regulator output circuit v cc 12 k oscillator circuit distance measuring ic
GP2D150A 2 data sheet electrical specifications absolute maximum ratings ta = 25c, v cc = 5 v dc operating supply voltage electro-optical characteristics ta = 25c, v cc = 5 v dc notes: 1. measurements made with kodak r-27 gray card , using the white side, (90% reflectivity). 2. each device is factory set for output switching at l = 15 cm 2.5 cm. 3. distance measuring range of the sensor optics. 4. output switching has hysteres is. the distance specified by v o is the distance at which the output switches from low to high. 5. l = distance to reflective object. parameter symbol rating unit remarks supply v oltage v cc -0.3 to +7.0 v output terminal v oltage v o -0.3 to ( v cc + 0.3) v open collector output operating temperature topr -10 to +60 c storage temperature tstg -40 to +70 c parameter symbol rating unit operating supply v oltage v cc 4.5 to 5.5 v parameter symbol conditions min. typ. max. unit notes measuring distance range l3?30cm1, 3 output terminal v oltage v oh output voltage at high level v cc -0.3 ? ? v 1 v ol output voltage at low level ? ? 0.6 v 1 output distance characteristics v o 12.5 15 17.5 cm 1, 2, 4 average supply current i cc ?3350ma figure 3. timing diagram 38.3 ms 9.6 ms 7.6 ms 1.9 ms 1st measurement v cc (po w er supply) v o (output) distance measurment operating 2nd measurement nth measurement unstable output 1st output 2nd output nth output GP2D150A-3
GP2D150A 3 data sheet realiability the reliability of requirements of this device are listed in table 1. notes: 1. test conditions are according to electr o-optical characteristics, shown on page 2. 2. at completion of the test, allow device to remain at nomi nal room temperature and humidit y (non-condensing) for two hours. 3. confidence level: 90%, lot toleranc e percent defect (ltpd): 20% / 40%. incoming inspection inspection lot inspection shall be carried out per each delivery lot. inspection method a single sampling plan, normal inspection level ii based on iso 2 8 59 shall be adopted. note: any one of these that affects the electro-opti cal characteristics shal l be considered a defect. table 1. reliability test items test conditions failure judgement criteria samples (n), defective (c) temperature cycling one cycle -40c (30 min.) to +70c in 30 minutes, re- peated 25 times initial 0. 8 > v o v o > initial 1.2 n = 11, c = 0 high temperature and high humidity storage +40c, 90% rh, 500h n = 11, c = 0 high temperature storage +70c, 500h n = 11, c = 0 low temperature storage -40c, 500h n = 11, c = 0 operational life (high temperature) +60c, v cc = 5 v , 500h n = 11, c = 0 mechanical shock 100 m / s 2 , 6.0 ms 3 times / x, y, z direction n = 6, c = 0 v ariable frequency v ibration 10-to-55-to-10 hz i n 1 minute amplitude: 1.5 mm 2h in each x, y, z direction n = 6, c = 0 table 2. quality level defect inspection item/test method aql (%) major defect electro-optica l characteristics defect 0.4 minor defect defect to appearance or dimensions (crack, split, chip, scratch, stain)* 1.0
GP2D150A 4 data sheet figure 4. GP2D150A example of output distance characteristics high lo w set-up detection distance l = 15 2.5 cm distance to reflective object l (cm) 024 6 81012141618202224262830 output [v] hysteresis w idth h l l h GP2D150A-4
GP2D150A 5 data sheet package specifications 3.2 hole 3.2 hole stamp r3.75 light detector side r3.75 pcb connector light emitter side stamp example GP2D150A 5 3 month (1 to 9, x, y, z) year (2005 = 5) model name 10.1 3.75 7.2 8.4 13.0 37.0 2.0 6.3 lens case 29.5 19.7 0.1 (note 1) 4.5 (note 1) 14.75 7.5 16.3 4.15 13.5 2-1.5 1.2 3.3 GP2D150A 84 18.9 +0.3 -0.3 1 3 2 notes: 1. dimensions reference lens center. 2. unspecified tolerances are 0.3 mm. 3. dimensions are in mm. GP2D150A-1 material lens: acrylic acid resin (visi b le light c u t-off resin) case: car b onic abs (electro-cond u cti v e resin) pcb: paper phenol 1v o connector: j.s.t. trading company, ltd s3b-ph v cc gnd 2 3 signal name pin connector signal
GP2D150A 6 data sheet packing specification tray packing method 1. each tray holds 50 pieces. packing methods are sho w n in (a). 2. each b ox holds 10 trays. pads are added to top and b ottom, and b et w een layers, as in (b). top and b ottom. p u t pads b et w een each tray (9 pads total) see a b o v e dra w ing (b). 3. the b ox is sealed w ith packing tape. (c) sho w s the location of the model n u m b er, q u antity, and inspection date. 4. package w eight: approximately 4 kg. model number packing tape product trays (10-tray/case ) product pad (corrugated cardboard) (9 sheets/case bet w een trays) pad (corrugated cardboard ) (2 sheets/case: top and bottom) packing case quantity date 2 3 4 1 5 (a) (b) (c) part name packing case corr u gated card b oard pad corr u gated card b oard tray polystyrene material GP2D150A-8
GP2D150A 7 data sheet notes ? keep the sensor lens clean. dust, water, oil, and other contaminants can deteriorate the characteris- tics of this device. applications should be designed to eliminate sources of lens contamination. ? when using a protective cover over the emitter and detector, ensure the cover efficiently transmits light throughout the wavelength range of the led ( = 8 50 nm 70 nm). both sides of the protective cover should be highly polished. use of a protective cover may decrease the effective distance over which the sensor operates. ensure that any cover does not negatively affect the operation over the intended application range. ? objects in proximity to the sensor may cause reflec- tions that can affect the operation of the sensor. ? sources of high ambient light (the sun or strong arti- ficial light) may affect measurement. for best results, the application should be designed to pre- vent interference from direct sunlight or artificial light. ? using the sensor with a mirror can induce measure- ment errors. often, changing the incident angle on the mirror can correct this problem. ? if a prominent boundary line exists in the surface being measured, it should be aligned vertically to avoid measurement error. see figure 5 for further details. ? when measuring the distance to objects in motion, align the sensor so that the motion is in the horizontal direction instead of vertical. figure 6 illustrates the preferred alignment. ? a 10 f (or larger) bypass capacitor between v cc and g n d near the sensor is recommended. ? to clean the sensor, use a dry cloth. use of any liq- uid to clean the device ma y result in decreased sen- sitivity or complete failure. ? excessive mechanical stress can damage the internal sensor or lens. figure 5. proper alignment to surface being measured figure 6. proper alignment to moving surfaces GP2D150A-6 (avoid if possible) (preferred) GP2D150A-7 (avoid if possible) (preferred) direction of movement direction of movement
GP2D150A notice the circuit application examples in this publication are pr ovided to explain representative applications of sharp devices and are not intended to guarantee any circuit desi gn or license any intellectual property right. sharp takes no responsibility for any proble ms related to any inte llectual property right of a thir d party resulting from the use of sharp devices. sharp reserves the right to make changes in the specifications, characteristics, data, materials, structures and other contents described he rein at any time without notice in order to impr ove design or reliability. contact sharp in order to obtain the latest device specification sheets before using any sharp device. manu- facturing locations are also subject to change without notice. in the absence of confirmation by de vice specification sheets, sharp take s no responsibility fo r any defects that occur in equipment using any sharp devices shown in catalogs, data books, etc. the devices listed in this publication are designed for st andard applications for use in general electronic equip- ment. sharp?s devices shall not be used for or in connec tion with equipment that requires an extremely high level of reliability, such as military and ae rospace applications, teleco mmunication equipm ent (trunk lines), nuclear power control equipment and medical or other life support equipment (e.g. scuba). sharp takes no responsibility for dam- age caused by improper use of device, which does not meet the conditions for use specified in the relevant specifi- cation sheet. if the sharp devices listed in the publication fall within the scope of strategic products described in the foreign exchange and foreign trade law of japan, it is necessar y to obtain approval to export such sharp devices. this publication is the proprietary product of sharp and is copyrighted, with all rights reserved. under the copy- right laws, no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical for any purpose, in whole or in part, without the express written permission of sharp. express written permission is also required before any use of this publication may be made by a third party. contact and consult with a sharp representative if there ar e any questions about the contents of this publication.
?2006 by sharp corporation reference code sma06006 sharp corporatio n sales & marketi n g group electro n ic compo n e n ts & de v ices 22-22 n agaike-cho, abe n o-ku, osaka 545- 8 522, japa n pho n e: ( 8 1) 6-6621-1221 fax: ( 8 1) 6117-725300, 6117-725301, 6117-725302 http://sharp-world.com/products/ device specifications are subj ect to change without notice. sharp microelectro n ics of the americas north american head office 5700 n orth west pacific rim boulevard camas,washington 9 8 607 usa pho n e: (1)360- 8 34-2500 fax: (1)360- 8 34- 8 903 http://www.sharpsma.com western area 19 8 0 zanker road, san jose, ca 95112 pho n e: (1)40 8 -436-4900 fax: (1)40 8 -436-0924 5901 bolsa ave. huntington beach, ca 92647-2053 pho n e: (1)714-903-4600 fax: (1)714-903-0295 6390 greenwich drive, s uite 175 san diego, ca 92122 pho n e: (1) 8 5 8 -597-09 8 2 fax: (1) 8 5 8 -597- 8 701 central area 8 5 w. algonquin road, suite 2 8 0 arlington heights, il 60005 pho n e: (1) 8 47-25 8 -2750 fax: (1) 8 47-439-2479 6303 commerce drive, suite 175 irving, tx 75063 pho n e: (1)972-5 8 2-1710 fax: (1)972-5 8 0-7537 8 911 capitol of texas hwy. suite 3130 austin, tx 7 8 759 pho n e: (1)512-349-7262 fax: (1)512-349-7002 20333 state hwy. 249, suite 200 houston, tx 77070 pho n e: (1)2 8 1-37 8 -1520 fax: (1)2 8 1-37 8 -1521 w129 s 9647 tony lema lane muskego, wi 53150 pho n e: (1)414-529-956 8 fax: (1)414-529-9569 3001 west big beaver road, suite 722 troy, ml 4 8 0 8 4 pho n e: (1)24 8 -45 8 -1527 fax: (1)24 8 -45 8 -6255 eastern area 1070 n . kimbles road, yardley, pa 19067 pho n e: (1)215-321-5530 fax: (1)215-321-5534 200 wheeler rd., burlington, ma 01 8 03 pho n e: (1)7 8 1-270-7979; (1)7 8 1-229-5100 fax: (1)7 8 1-229-9117 8 000 regency parkway, suite 2 8 0 cary, n c 27511 pho n e: (1)919-460-0695 fax: (1)919-460-0795 2321 sidney st. pittsburgh, pa 15203 pho n e: (1)412-3 8 1-1191 fax: (1)412-3 8 1-1192 4 8 75 n orth federal highway, third floor ft. lauderlade, fl 3331 8 pho n e: (1)954-267- 888 3 fax: (1)954-267-0254 sharp microelectro n ics europe a division of sharp electronics (europe) gmbh head office sonninstrasse 3, 20097, hamburg, germany pho n e: (49)1 8 0-5073507 fax: (49)40-2376-2232 http://www.sharpsme.com/ germany sme mnchen office fuerstenriederstrasse 5, 8 06 8 7 mnchen, germany pho n e: (49) 8 9-546 8 420 fax: (49) 8 9-54 6 8 4250 france sme paris office 1 rue raoul follereau bussy saint georges 7760 8 marne la v allee cedex 3 pho n e: (33)1 6476 22 22 fax: (33)1 6476 22 23 italy sme milano office centro direzionale colleoni palazzo taurus ingresso 2 20041 agrate brianza, milano, italy pho n e: (390)39-6 8 99 946 fax: (390)39-6 8 99 94 8 u.k . sme london office centennial court, easthampstead road, bracknell, berkshire r g12 1yq, united kingdom pho n e: (44)1344- 8 6 99 22 fax: (44)1344-36 09 03 ireland sme dublin office first floor, block 1, st. johns court, santry, dublin 9, ireland pho n e: (353)1- 8 42 8 7 05 fax: (353)1- 8 42 8 4 55 sharp electro n ics (sha n ghai) co., ltd. microelectronics sales & marketing division 16f, king tower, 2 8 xin jin qiao road, pudong dist, shanghai 201206 p.r . china pho n e: ( 8 6)21-5 8 54-7710/21-5 8 34-6056 fax: ( 8 6)21-5 8 54-4340/21-5 8 34-6057 registered address n o. 11, de bao road, xin development bldg 46 wai gao qiao free trade zone, shanghai 200131, p.r . china beijing office room 1062, beijing jing an center n o. 8 east bei san huan road, chao yang dist, beijing 10002 8 p.r . china pho n e: ( 8 6) 10-6466-7543/10-6466-6561 fax: ( 8 6) 10-646 8 - 8 920 http://sharp-world.com/products/devicechina/ index.html sharp-roxy (ho n g ko n g) ltd. device sales division, 17/f, admiralty centre, tower 1, 1 8 harcourt road, hong kong pho n e: ( 8 52)2 8 229311 fax: ( 8 52)2 8 660779 http://www.s harp.com.hk shenzhen representative office room 13b1, tower c, electronics science & technology building, shen n an zhong road, shenzhen, p.r . china pho n e: ( 8 6)755- 8 3273731 fax: ( 8 6)755- 8 3273735 sharp electro n ic compo n e n ts (taiwa n ) corporatio n 8 f-a, n o. 16, sec. 4, n anking e. r d., taipei, taiwan pho n e: ( 88 6)2-2577-7341 fax: ( 88 6)2-2577-7326/2-2577-732 8 sharp electro n ics (si n gapore) pte ., ltd. 396 alexandra road #07-00 bp tower singapore 119954 pho n e: (65) 62713566 fax: (65) 62713 8 55 http://www.sesl-sharp.com sharp microelectro n ics tech n ology (m) sd n bhd. suite e 40 8 , 4th floor, east tower, wisma consplant 1, n o. 2 j ln. ss 16/4, subng jaya, 47500, selangor darul ehsan, malaysia pho n e: (60) 3-5637- 8 964 fax: (60) 3-563 8 -4029 sharp electro n ic compo n e n ts (korea) corporatio n rm 501 ilsin b/d. 541, dohwa-dong, mapo-ku, seoul, korea, 121-701 pho n e: ( 8 2)2-711-5 8 13 ~ 8 fax: ( 8 2)2-711-5 8 19 u.s.a. europe asia countries and areas distributed by


▲Up To Search▲   

 
Price & Availability of GP2D150A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X