Part Number Hot Search : 
1N4777A 208GA ML1XX6 SMCJ28 CD4044 C3796V B2000 83120
Product Description
Full Text Search
 

To Download FP5205 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fp520 5 non - synchronous pwm b oost c ontroller this datasheet contains new product information. feeling technology reserves the rights to modify the product specification without notice. no li ability is assumed as a result of the use of this product. no rights under any patent accompany the sales of the product. website: http://www.feeling - tech.com.tw rev. 0. 6 0 1 / 10 general description the fp 5205 is a boost topology switching regulator for wide operating voltage applications. it provides built - in gate driver pin for driving an external n - mosfet . the internal compensation network minimizes external component counts, and the non - inverting input of error amplifier connects to a 0.6v precision reference voltage. the fp520 5 ha s internal soft start and programmable over current protection set by external resistance. the fp 5205 is available in the small footprint sot23 - 6l p ackage to fit in space - saving pcb layout for miscellaneous application fields. features ? wide supply voltage operating range: 2.4 to 5.5v ? precision feedback ref er ence voltage : 0.6v (2%) ? shutdown current : < 1a ? internal fixed pwm frequency : 5 5 0khz ? intern al soft start function :7ms (ss) ? over c urrent protection function ( o cp) ? over voltage protection ? package: sot23 - 6l ? duty cycle: pwm/pfm switching control circuit (15%~90%) applications ? chargers ? lcd displays ? digital cameras ? handheld devices ? portable produc ts typical application circuit f p 5 2 0 5 o c f b e x t e n 2 3 g n d 4 6 5 v o u t v i n v c c 1 l o a d o n / o f f
fp 5205 this datasheet contains new product information. feeling technology reserves the rights to modify the product specification without notice. no li ability is assumed as a result of the use of this product. no rights under any patent accompany the sales of the product. website: http://www.feeling - tech.com.tw rev. 0. 6 0 2 / 10 function block diagram pin descriptions so t23 - 6 l name no. i / o description v cc 1 p ic power supply oc 2 i adjustable output current protection fb 3 i error amplifier inverting input en 4 i enable control (acti ve high) gnd 5 p ic ground ext 6 o external transistor connection pin p w m c o m p . e r r o r a m p . c o n t r o l a n d d r i v e r l o g i c o s c i l l a t o r e x t v c c e n u v l o s h u t d o w n c i r c u i t r y f b 0 . 6 v 5 5 0 k h z s o f t s t a r t g n d v r a m p o c p o c 0 . 1 v 1 2 3 6 5 4 v c c e n o c f b b f 9 8 6 t o p v i e w g n d e x t


▲Up To Search▲   

 
Price & Availability of FP5205

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X