Part Number Hot Search : 
C3762 10X20 SI7148DP P51XAG30 0524S 12106 SK312 LMR932F
Product Description
Full Text Search
 

To Download FOX-15R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  note: all specifications are subject to change without notice. 08-15 08 features specifications industrial remote touch display solutions supports remote display technology ip-67 water-proof & marine iec60945 ed.4 compliant 15 250 nits xga led backlight (FOX-15R-htt) 15 800 nits xga led backlight (FOX-15R-stt) anti-fog design: lcd+ ts bonding technology brightness adjustment 15 xga heavy-duty touch display with remote display technology system input signal vga on screen display control menu, auto, up, down i/o connector m12 x 1 for lan, m12 x 1 for vga os support windows? xp, windows? 7, linux fedora mechanical construction ip-67 sealed aluminum alloy chassis mounting vesa 75/100 dimension 16.14 x 14.41 x 2.36 (410mm x 366mm x 60mm) carton dimension 20.39 x 18.62 x 8.74 (518mm x 473mm x 222mm) gross weight net weight environmental operating temperature -4f ~ 140f (-20c ~ 60c) storage temperature -22f ~ 158f (-30c ~ 70c) storage humidity 10%~95% @ 40c; non-condensing vibration 1 g rms/ 5~500hz/ random operation shock 15 g peak acceleration (11 msec. duration) emc ce/fcc class a iec 60945 ed.4 power supply dc input dc 9~30v lcd display type 15" tft-lcd max resolution 1024 x 768 max. colors 16.7m colors luminance htt : 250 nits, stt : 800 nits viewing angle htt :170(h)/160(v),stt :160(h)/140(v) back light htt: ccfl, stt: led back light mtbf (hours) htt: 30,000, stt: 60,000 touchscreen type 5-wire resistive light transmission 80% lifetime (times) 35 million activations FOX-15R note: users have to select the acg-203 to work with the FOX-15R. auto tune menu up down
08-16 dimension unit: mm ordering information tbd ? optional accessories FOX-15R tbd ?


▲Up To Search▲   

 
Price & Availability of FOX-15R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X