Part Number Hot Search : 
DD151N M5R15XLJ 7A4102 2815S MSD2N60 DD151N 390FA MM3Z39V
Product Description
Full Text Search
 

To Download EDM2-WIZARD-START Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  wizard microatx form factor carrier board for edm type 2 system-on-modules 2013-03. all specifications are subject to change without notice. dimensions units in mm mechanical and environmental temperature commercial: 0 to 60 c humidity 10-90% module connector 314 pins mxm3 form factor microatx dimensions 244 x 244 mm (9? x 9? inch) mtbf >100,000 hours weight 380 grams shock 50g / 25ms vibration 20g / 0-600 hz ordering information EDM2-WIZARD-START edm type 2 evaluation board including cablekit and adaptor the wizard design files including schematics and gerber files are available to design your own edm carrier board. expansion and connectivity expansion slots 2x mini-pcie + sim cardslot (for 3g communication) 1x pcie x1 expansion slot 1x pcie x4 expansion slot ethernet 1x gigabit lan usb 2x usb 3.0 host 1x micro-usb 3.0 / 2.0 otg 1x usb 2.0 host storage connector 2x sata 1x sd cardslot (sdio) communication and control header 2x can bus 2x uart (rs-232/422/485) 2x spi (shared with eeprom) 2x i2c (shared with eeprom) lpc (low pincount) 8x gpio (shared with buttons) reserved / manufacturing pins power specifications input power 12 vdc or smart battery core system system on module edm type 2 compliant video external display 2x hdmi 2 channel 18/24 bit lvds touch controller jumper selectable: tsc2046 (4 wire by spi) tsc2004 (4 wire by i 2 c) ads7845 (5 wire by spi) usb 4/5 wire touch controller connector 4 wire touchpanel (usb/i 2 c/spi) 5 wire touchpanel (usb/spi) audio codec jumper selectable: freescale sgtl5000 (i 2 s) ti tlv320aic23b (i 2 s) realtek alc892-cg (hda) connector 5x 3.5 mm jack surround audio s/pdif sensors real time clock maxim integrated ds1337+ the official edm type 2 evaluation carrier board brings you a rich variety of interfaces and options at your fingertips. wide range of jumper selectable audio, video and touch interfaces. optional smart battery pack implementation. eeprom h eader i 2 c header eeprom sma r t b a t te r y module spi 314 pin edm c onne c t or 12 vdc input 5v sdio sma r t b a t te r y module c onne c t or mpcie + sim c onne c t or touch mpcie s a t a sd 12v l vds t r ans- f o r mer rj45 audio line in line out m ic 2w amplifier s p ea k er rs-232 rs-422 rs-485 c onne c t or u a r t s a t a pcie l vds h eader c an button gpio header c an usb u a r t header l an hdmi i 2 s hdmi hdmi l vds l vds s a t a s a t a hdmi + sim o t g 3.0/ 2.0 usb header pci pci x16 pcie pcie pcie pcie pcie connector spdif audio hda usb hub 2.0 usb hub 3.0 rtc 243,84 243,84 lvds sata 1 st sd spi x2 i 2 c x2 uart x2 buttons + gpio rtc rsvd sata 2nd lan lvds hdmi hdmi pcie x2 pcie x4 usb otg usb host lpc i 2 s 1 st hda spdif canbus x2 power 5 vdc e d m 2


▲Up To Search▲   

 
Price & Availability of EDM2-WIZARD-START

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X