Part Number Hot Search : 
S8035K ADG2188 M32F10 IRF240 LTC34 8240116 98TK200 01QXA
Product Description
Full Text Search
 

To Download CD1206-S01575 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  CD1206-S01575 switching chip diode *rohs directive 2002/95/ec jan 27, 2003 including annex. specifications are subject to change without notice. customers should verify actual device performance in their specific applications. features rohs compliant* leadless high speed applications cellular phones pdas desktop pcs and notebooks digital cameras mp3 players general information the markets of portable communications, computing and video equipment are challenging the semiconductor industry to develop inc reasingly smaller electronic components. bourns offers small-signal high-speed switching diodes for switching digital signal applications, in compact chip package 1206 size format, which offers pcb real estate savings and are considerably smaller than competitive parts. the switching diodes offer a forward current of 150 ma and a reverse voltage of 75 v. the diodes are rohs compliant and are compatible with lead-free manufacturing processes, conforming to many industry and government regulations on lead-free components. bourns chip diodes conform to jedec standards, easy to handle on standard pick and place equipment and their flat configuration minimizes roll away. parameter symbol CD1206-S01575 unit forward voltage (max.) v f 1.00 v (i f = 50 ma) capacitance between terminals (max.) c t 3 pf (f = 100 mhz, v r = 0 v dc) reverse recovery time (max.) t rr 4 ns (v r = 6v, i f = 10 ma, r l = 100 ? ) reverse current (max.) i r 2.5 ? (v r = 75 v) electrical characteristics (@ t a = 25 ? c unless otherwise noted) parameter symbol CD1206-S01575 unit repetitive peak reverse voltage v rrm 100 v reverse voltage v r 75 v average forward current i o 150 ma forward current, surge i surge 4a power dissipation pd 400 mw storage temperature t stg -55 to +125 ? junction temperature t j -55 to +125 ? absolute ratings (@ t a = 25 ? c unless otherwise noted) how to order cd 1206 - s 015 75 common code chip diode package ?1206 model s = high speed switching average forward current (i o ) code 015 = 150 ma (code x 1000 ma = average forward current) reverse voltage (v r ) code 75 = 75 v *rohs compliant asia-pacific: tel: +886-2 2562-4117 ? fax: +886-2 2562-4116 europe: tel: +41-41 768 5555 ? fax: +41-41 768 5510 the americas: tel: +1-951 781-5500 ? fax: +1-951 781-5700 www.bourns.com
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. CD1206-S01575 switching chip diode product dimensions recommended pad layout physical specifications case ........................................................1206 (3216) molded plastic terminals ......................solder plated, solderable per mil-std-750, method 2026 polarity ....................................................indicated by cathode band mounting position ........................................................................any 3.00 - 3.40 (0.118 - 0.134) 0.75 - 0.95 (0.029 - 0.037) 1.30 - 1.70 (0.051 - 0.067) 0.35 - 0.75 (0.014 - 0.030) a c b mm (inches) dimensions: dimension 1206 a (max.) 3.00 (0.118) b (min.) 1.60 (0.063) c (min.) 1.40 (0.055) mm (inches) dimensions:
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. CD1206-S01575 switching chip diode rating and characteristic curves: CD1206-S01575 derating curve capacitance between terminals forward characteristics reverse characteristics 1000 100 1 forward current (mamps) 0.0 0.2 0.4 0.6 0.8 1.0 1.2 forward voltage (volts) 10 125 c 85 c -25 c 25 c 0 0.1 reverse current (na) 1.0 10.0 100.0 0 1020304050607080 reverse voltage (volts) 25 c 85 c 125 c 120 100 80 60 40 20 0 0 25 50 75 100 125 150 i 0 current (%) ambient temperature ( c) mounting on glass epoxy pcbs 5.0 4.0 3.0 2.0 1.0 0.0 0246 8101214 capacitance between terminals (pf) reverse voltage (volts) f = 100 mhz ta = 25 c
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. CD1206-S01575 switching chip diode packaging information the product will be dispensed in tape and reel format (see diagram below). ....... ....... ....... ....... ....... ....... ....... ....... p a f e t 120 d 2 d d 1 w 1 c index hole p 0 p 1 w b 10 pitches (min.) direction of feed 10 pitches (min.) end trailer device leader start d item symbol 1206 carrier width a 1.70 0.10 (0.067 - 0.004) carrier length b 3.40 0.10 (0.134 - 0.004) carrier depth c 1.25 0.10 (0.049 - 0.004) sprocket hole d 1.55 0.10 (0.061 - 0.004) reel outside diameter d 178 (7.008) reel inner diameter d 1 60.0 min. (2.362) feed hole diameter d 2 13.0 0.20 (0.512 - 0.008) sprocket hole position e 1.75 0.10 (0.069 - 0.004) punch hole position f 3.50 0.05 (0.138 - 0.002) punch hole pitch p 4.00 0.10 (0.157 - 0.004) sprocket hole pitch p 0 4.00 0.10 (0.157 - 0.004) embossment center p 1 2.00 0.05 (0.079 - 0.002) overall tape thickness t 0.20 0.05 (0.008 - 0.002) tape width w 8.00 0.20 (0.315 - 0.008) reel width w 1 13.5 max. (0.531) quantity per reel -- 5,000 devices are packed in accordance with eia standard rs-481-a and specifications shown here. mm (inches) dimensions: rev. 06/11


▲Up To Search▲   

 
Price & Availability of CD1206-S01575

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X