Part Number Hot Search : 
BSERIES B250C SPN7402 HT2823 SMBJ54 ZTA42 CD4025AF LM7824
Product Description
Full Text Search
 

To Download C3950BB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  30 order format terminal function actuator body code code code code c 3900 b a arcolectric corporation 31-315 plantation drive, thousand palms, ca 92276 tel: 760-343-3650 fax: 760-343-3651 email: info@arcolectric.com terminal actuator function single pole double pole 123 123 456 3920 3970 on - off - on 3911 3961 on - on (momentary 1 side) 3910 3960 on - on 3902 3952 on - off (momentary off) 3901 3951 on - off (momentary on) 3900 3950 on - off 3921 3971 on - off - on (momentary 1 side) 3922 3972 on - off - on (momentary 2 sides) 16(4)a 250vac t85 (3900 & 3950) 10(4)a 250vac t85 (all other circuits) ul csa 20a 125/277vac (on-off circuits) ul csa 16a 125/277vac (other circuits) ul csa 7a 72vdc, 14a 36vdc ul 250vac 1hp, 125vac 1/2hp ul 85?c, file e45221, csa file lr10990 inrush rating - contact factory for details rohs compliant approvals and ratings vary with function. 3mm contact gap except where marked ? technical data on pages 4 & 5. rohs metal lever switches ratings up to 20a, 277v ac single and double pole choice of circuits including 3 position and momentary 6.3mm and solder terminals guard option 3900 metal lever switches 16a 250vac c 6.3 x 0.8 s screw & clamp t solder 10.5 10.5 10.5 3.1 b c d e f metal toggle finish is nickel plate 17.5 14.0 25.4 38.1 17.5 metal metal metal metal nylon switches with f toggles have double pole bodies, regardless of circuit
31 a without terminal barrier single pole a double pole b with terminal barrier double pole only panel hole (all types) 31.1 1 2 3 10.0 17.5 keyway 12.7 11.1 1.3 17.0 10.5 17.5 1 2 3 keyway 30.6 1 2 3 10.0 17.5 keyway c3900ba c3920ba C3950BB c3972bb 31.0 21.5 31.0 21.5 31.1 1 2 3 10.0 17.5 keyway * 30.6 1 2 3 10.0 17.5 keyway * double pole (with barrier - c terminals shown) (without barrier - c terminals shown) neck seal m539 (b actuator only) rubber -57t145 cover m1080 (b & c actuators) rubber -57t145 covers have internal nylon nuts fixing nuts nickel plated brass are supplied hex back nut knurled front nut panel thickness 4.0 with backnut 15.0 14.0 guard tg1 anti-rotation tab can be specified for guard fitted in on or off position (guard is suitable for on off switches only) arcolectric corporation 31-315 plantation drive, thousand palms, ca 92276 tel: 760-343-3650 fax: 760-343-3651 email: info@arcolectric.com body options 29.5 14.0 17.0 10.5 17.5 1 2 3 keyway * single pole (c terminals shown) dimensions (mm) * indicates on position (for on - off switches)


▲Up To Search▲   

 
Price & Availability of C3950BB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X