Part Number Hot Search : 
RPM42BD CDRH2D11 033104 IS93C46D IRF73 E1215 PIC18F4 BF992
Product Description
Full Text Search
 

To Download BAS31 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds11016 rev. c-2 1 of 2 BAS31 BAS31 dual surface mount switching diode case: sot-23, molded plastic terminals: solderable per mil-std-202, method 208 polarity: see diagram marking: k21 weight: 0.008 grams (approx.) mechanical data a e j l top view m b c h g d k features sot-23 dim min max a 0.37 0.51 b 1.19 1.40 c 2.10 2.50 d 0.89 1.05 e 0.45 0.61 g 1.78 2.05 h 2.65 3.05 j 0.013 0.15 k 0.89 1.10 l 0.45 0.61 m 0.076 0.178 all dimensions in mm characteristic symbol BAS31 unit non-repetitive peak reverse voltage v rm 100 v peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 75 v rms reverse voltage v r(rms) 53 v forward continuous current (note 1) i fm 500 ma average rectified output current (note 1) i o 250 ma non-repetitive peak forward surge current @ t = 1.0 m s @ t = 1.0s i fsm 4.0 2.0 a power dissipation (note 1) p d 350 mw thermal resistance junction to ambient air (note 1) r q ja 357 k/w operating and storage temperature range t j ,t stg -65 to +150 c maximum ratings @ t a = 25 c unless otherwise specified notes: 1. valid provided that terminals are kept at ambient temperature. characteristic symbol min max unit test condition maximum forward voltage v fm 0.62 ? ? ? 0.72 0.855 1.0 1.25 v i f = 5.0ma i f = 10ma i f = 100ma i f = 150ma maximum peak reverse current i rm ? 2.5 50 30 25 m a m a m a na v r = 75v v r = 75v, t j = 150 c v r = 25v, t j = 150 c v r = 20v junction capacitance c j ? 2.0 pf v r = 0, f = 1.0mhz reverse recovery time t rr ? 4.0 ns i f = i r = 10ma, i rr = 0.1 x i r ,r l = 100 w electrical characteristics @ t a = 25 c unless otherwise specified fast switching speed surface mount package ideally suited for automatic insertion for general purpose switching applications high conductance power semiconductor
ds11016 rev. c-2 2 of 2 BAS31 1 10 100 1000 10,000 0 100 200 i , leakage current (na) r t , junction temperature (c) fig. 2 leakage current vs junction temperature j v = 20v r 10 1.0 100 1000 0.1 0.01 012 i , instantaneous for ward current (ma) f v , instantaneous forward voltage (v) fig. 1 forward characteristics f


▲Up To Search▲   

 
Price & Availability of BAS31

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X