Part Number Hot Search : 
TXN0512 50117K SMC33CA AN1015 25P16 1N5235B G562JB MBR1015
Product Description
Full Text Search
 

To Download BAS31 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BAS31 bas35 BAS31 bas35 surface mount small signal dual diodes kleinsignal-doppel-dioden fr die oberfl?chenmontage version 2009-11-26 dimensions - ma?e [mm] power dissipation C verlustleistung 350 mw repetitive peak reverse voltage periodische spitzensperrspannung 120 v plastic case kunststoffgeh?use sot-23 (to-236) weight approx. C gewicht ca. 0.01 g plastic material has ul classification 94v-0 geh?usematerial ul94v-0 klassifiziert standard packaging taped and reeled standard lieferform gegurtet auf rolle maximum ratings (t a = 25c) grenzwerte (t a = 25c) per diode / pro diode bas35 power dissipation C verlustleistung 1 ) p tot 350 mw 2 ) max. average forward current (dc) dauergrenzstrom i fav 200 ma 2 ) repetitive peak forward current periodischer spitzenstrom i frm 600 ma 2 ) non repetitive peak forward surge current sto?strom-grenzwert t p 1 s t p 1 s i fsm i fsm 1 a 2 a repetitive peak reverse voltage periodische spitzensperrspannung v rrm 120 v junction temperature C sperrschichttemperatur storage temperature C lagerungstemperatur t j t s -55...+150c -55...+150c characteristics (t j = 25c) kennwerte (t j = 25c) forward voltage 3 ) durchlass-spannung 3 ) i f = 10 ma i f = 50 ma i f = 100 ma i f = 200 ma i f = 400 ma v f v f v f v f v f < 750 mv < 840 mv < 900 mv < 1.00 v < 1.25 v leakage current sperrstrom t j = 25c t j = 150c v r = 90 v i r < 100 na v r = 90 v i r < 100 a 1 total power dissipation of both diodes ? summe der verlustleistungen beider dioden 2 mounted on p.c. board with 3 mm 2 copper pad at each terminal montage auf leiterplatte mit 3 mm 2 kupferbelag (l?tpad) an jedem anschluss 3 tested with pulses t p = 300 s, duty cycle 2% C gemessen mit impulsen t p = 300 s, schaltverh?ltnis 2% ? diotec semiconductor ag http://www.diotec.com/ 1 2 . 5 m a x 1 . 3 0 . 1 1.1 2.9 0.1 0.4 1 2 3 type code 1.9
BAS31 bas35 characteristics (t j = 25c) kennwert e (t j = 25c) max. junction capacitance C max. sperrschichtkapazit?t v r = 0 v, f = 1 mhz c t 35 pf reverse recovery time C sperrverzug i f = 10 ma ber/through i r = 10 ma bis/to i r = 1 ma t rr < 50 ns thermal resistance junction to ambient air w?rme widerstand sperrschicht C umgebende luft r tha < 400 k/w 1 ) outline C geh?use pinning C anschlussbelegung marking C stempelung dual diode, series connection doppeldiode, reihenschaltung 1 = a1 2 = k2 3 = k1/a2 BAS31 = l21 dual diode, common anode doppeldiode, gemeinsame anode 1 = k1 2 = k2 3 = a1/a2 bas35 = l22 1 mounted on p.c. board with 3 mm 2 copper pad at each terminal montage auf leiterplatte mit 3 mm 2 kupferbelag (l?tpad) an jedem anschluss 2 http:// www.diotec.com/ ? diotec semiconductor ag [%] p tot power dissipation versus ambient temperature ) verlustleistung in abh. von der umgebungstemp. ) 1 1 120 100 80 20 0 0 150 50 100 t a [c] 60 40 forward characteristics (typical values) durchlasskennlinien (typische werte) t = 25c j t = 125c j [a] i f v f [v] 1.4 1.0 0.8 0.6 0.4 0 10 -3 10 -2 10 -1 1 10 2 1 3 2 3 1


▲Up To Search▲   

 
Price & Availability of BAS31

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X