Part Number Hot Search : 
GP100 BSM300GA 74F162A ISPLSI PH311 S25VB20M 7C132 1236A
Product Description
Full Text Search
 

To Download APVV-6400MHZ-L-P1-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  frequency range operating t emperature storage t emperature frequency pull range pull range linearity overall frequency stability supply v oltage (vdd) phase jitter rms (12khz-20mhz) period jitter (peak to peak) abracon is iso 9001 / qs 9000 cer tified abracon is cer tified 303 3 2 esperanza, ranc ho santa mar g arita, califo r nia 92688 tel 94 9-546- 8 0 00 | fa x 949 -546- 800 1 | ww w . a b rac o n . c o m ceramic smd voltage control crystal oscillator ceramic smd voltage control crystal oscillator ||||||||||||||| apvv series standard specifications: p arameters pecl 38 mhz to 640 mhz 0c to + 70c (see options) -55c to +125c 50 ppm (see options) 10% max 50 ppm max. (see options) 2.25v to 3.63 (2.5v to 3.3v 10%) 0.5ps t yp, 1ps max 20ps typ., 30ps max up to 320 mhz; 50ps typ., 70ps max 321mhz to 640mhz t ri-state function for cmos and l vds = "1" (vih 3 0.7* vdd) or open: oscillation; "0" (vil < 0.3* vdd): no oscillation/hi z for pecl (see t ristate pin operation table) = p option (standard pecl oe) "0" (vil < 0.3* vdd): or open: oscillation; "1" (vih 3 0.7* vdd): no oscillation/hi z p1 option = "1" (vih 3 0.7* vdd) or open: oscillation; "0" (vil < 0.3* vdd): no oscillation/hi z 5 .0 x 7 .0 x 1 . 8mm supply current ( i d d ) sym met r y (duty cyc l e ) o u tpu t logic hig h o u tpu t l o gic lo w rise t ime f a ll time 45% min, 50% typical, 55% max. v dd -1.025v min, v dd -0.880v max. v dd -1.810v min, v dd -1.620v max. 1.5ns max, 0.6nsec typical 1.5ns max, 0.6nsec typical l vds supply current ( i d d ) o u tpu t clock duty cyc l e @ 1 .25 v output dif ferential v oltage (v o d ) vdd magnitude change ( ? v o d ) o u tpu t hig h v o ltage o u tpu t l o w v olt a g e o f fset v oltage [ r l = 100 ] o f f s et magnit u d e v oltag e [ r l = 1 0 0 ] power-of f leakage (i oxd ) [v out=vdd or gnd, vdd=0v] dif ferential clock rise t ime ( t r ) [r l = 1 0 0 , cl=1 0 p f] dif f e ren t i a l clock fall t ime (t f ) [r l = 1 0 0 , cl=1 0 p f ] cmos supply current symmetry (duty cycle) rise/ fall t ime 3 0ma m a x (38m hz< f o<3 2 0 m h z ) 4 5 % m in, 5 0% t yp, 55% m ax, 45% min, 50% typical, 55% max 2 4 7mv min, 355mv t ypi cal, 45 4 mv m a x - 5 0mv m i n, 50mv m ax v o h = 1 . 6 v max, 1.4v typi cal v o l = 0. 9 v mi n, 1.1v typical v o s = 1 . 125v mi n, 1.2v ty p ica l , 1. 3 75v m ax ? v o s = 0mv mi n, 3mv t y p i c al, 2 5mv max 1 0 a m a x, 1 a typi cal 0.7ns typica l, 1 .0ns m ax 0.7ns typica l, 1 .0ns m ax : preliminar y 4 5 m a m ax(f or 38mhz dimensions: inch (mm) abracon is iso 9001 / qs 9000 cer tified abracon is cer tified 30332 esperanza, ranc ho santa mar g arita, califo r nia 92688 tel 94 9-546- 8 0 00 | fa x 949 -546- 800 1 | ww w . a b rac o n . c o m ||||||||||||||| apvv series ceramic smd voltage control crystal oscillator ceramic smd voltage control crystal oscillator pin assignments: options and part identification (left blank if standard) : outline drawing: t emperature: l for -40c to +85c apvv - frequency - t emperature - frequency stability - output - pull range - packaging pull range: a = 100ppm packaging option: t for t ape and reel (1,000pcs/reel) pi n # name description 1 2 3 4 5 6 voltage control oe gnd q q v dd voltage control input output enable ground pecl, lvds, or cmos output complimentary pecl, lvds, or nc vdd connection tri-state pin operation: output type pin 1 logic level* output state pecl (p) lvds & cmos (v, c) pecl1 (p1) 0 (default) 1 0 1 (default) 1 (default) 0 enabled tri-state tri-state enabled enabled tri-state *connect to vdd from logic level "1", connect to ground for logic level "0". output options: p = pecl p 1 = pecl1 v = l vds c = cmos stability options: r for 25 ppm max s for 20 ppm max : preliminar y 5.0 x 7.0 x 1.8mm q1 2006 availability currently limited to standard developed frequencies. please contact factory for more information. attention: abracon corporation?s products are cots ? commercial-off-the-shelf products; suitable for commercial, industrial and, where designated, automotive applications. abracon?s products are not specifically designed for military, aviation, aerospace, life-dependant medical applications or any application requiring high reliability where component failure could result in loss of life and/or property. for applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from abracon corporation is required. please contact abracon corporation for more information. iso 9001:2008


▲Up To Search▲   

 
Price & Availability of APVV-6400MHZ-L-P1-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X