Part Number Hot Search : 
LTM8522P SPP3052 BD313 2SC46 5RF28 ZMM5256B 05100 FR105
Product Description
Full Text Search
 

To Download AE1060500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  width: 380 ? 800, height: 500 ? 1000 compact enclosures ae 119 rittal catalogue 31/industrial enclosures b 1 .2 compact enclosures ae material: sheet steel surface finish: enclosure and door: dipcoat-primed, powder-coated on the outside in textured ral 7035 mounting plate: zinc-plated protection category: to en 60 529/10.91: ip 56, ip 66 for ae 1038.500, ae 1338.500, ae 1045.500, ae 1050.500, ae 1350.500, ae 1060.500, ae 1360.500, complies with nema 4. supply includes: enclosure of all-round solid con- struction, single door, 1 gland plate in the enclosure base, r/h door hinge, may be swapped to opposite side, with 2 cam locks, foamed-in door seal, zinc-plated mounting plate. approvals, see page 26. detailed drawing, see page 1083. accessories page 832 ae ip 69k page 121 ae stainless steel page 273 ae emc-shielded page 290 ae ex-proof page 287 b1 h1 f1 g1 b1 t1 h1 f1 g1 width (b1) in mm packs of 380 380 400 500 500 500 600 600 height (h1) in mm 600 600 500 500 500 700 600 600 depth (t1) in mm 210 350 210 210 300 250 210 350 mounting plate width (f1) in mm 334 334 354 449 449 449 549 549 mounting plate height (g1) in mm 570 570 475 470 470 670 570 570 mounting plate thickness in mm 2.5 2.5 2.0 2.5 2.5 3.0 2.5 2.5 model no. ae 1 1038.500 1338.500 1045.500 1050.500 1350.500 1057.500 1060.500 1360.500 weight (kg) 15.6 19.4 13.0 16.8 19.6 31.2 22.8 28.4 metal gland plates, pre-punched, model no. see page 968. plastic wiring plan pocket, screw-fastened, model no. see page 897. width (b1) in mm packs of 600 600 600 600 760 760 800 height (h1) in mm 760 760 800 1000 760 760 1000 depth (t1) in mm 210 350 250 250 210 300 300 mounting plate width (f1) in mm 549 549 549 539 704 704 739 mounting plate height (g1) in mm 730 730 770 955 730 730 955 mounting plate thickness in mm 3.0 3.0 3.0 3.0 3.0 3.0 3.0 model no. ae 1 1076.500 1376.500 1058.500 1090.500 1077.500 1073.500 1180.500 weight (kg) 32.1 36.0 34.2 50.5 40.0 44.5 57.0 lock systems standard double-bit lock insert may be exchanged for 27 mm lock inserts, type a, see page 888, lock cylinder, plastic handles and t handles, type b, see page 886 ? 889. to order enclosures in textured ral 7032 please add extension .600 to the model no., and for primed enclosures use extension .8 00. delivery times available on request.


▲Up To Search▲   

 
Price & Availability of AE1060500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X