Part Number Hot Search : 
BGO807C MDS005 01907 28512 ST232CTR CLAMP A28C250 A4661
Product Description
Full Text Search
 

To Download 85015-0165 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/17/2010 please check www.molex.com for latest part information part number: 0850150165 status: active overview: din_41612 description: 2.54mm (.100") pitch din 41612 header, 4-row c-pin, press-fit style r reverse, vertical, through hole, 1m (40") gold (au), 128 circuits, lead free documents: 3d model product specification ps-85013-0002 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family backplane connectors series 85015 application backplane comments "r" at style represents vertical male din connectors component type pcb header overview din_41612 product name iec 603-2/din 41612 style r physical circuits (loaded) 128 circuits (maximum) 128 circuits detail rows a, b, c & d color - resin gray durability (mating cycles max) 500 first mate / last break no flammability 94v-0 guide to mating part no keying to mating part yes material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin polyester number of columns 32 number of pairs open pin field number of rows 4 orientation vertical pc tail length (in) 0.228 in pc tail length (mm) 5.80 mm pcb locator no pcb retention yes pcb thickness recommended (in) 0.063 in, 0.157 in pcb thickness recommended (mm) 1.60 mm, 4.00 mm packaging type carton pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm pitch - term. interface (in) 0.100 in pitch - term. interface (mm) 2.54 mm polarized to pcb yes stackable no surface mount compatible (smc) no series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 85015 series mates with 85042 din 41612 receptacle . 85052 din 41612 header use with 85089-1081 press-in tool
temperature range - operating -55c to +125c termination interface: style through hole - compliant pin electrical current - maximum per contact 1a data rate 622.0 mbps voltage - maximum 250v ac (rms) material info reference - drawing numbers packaging specification pk-85015-001 product specification ps-85013-0002 sales drawing sda-85015-0165 this document was generated on 05/17/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 85015-0165

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X