Part Number Hot Search : 
TA014 SW20N70K V03HK AD730 NJM29 B1340 NCP4681 2SA1738R
Product Description
Full Text Search
 

To Download 200115MS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2.0 mm 81 specifications: 8-60 circuits insulator material operating temp.range terminal material plating max. current rating voltage rating dielectric strength : black high temp . plastic : brass 65/35 : contact-selective gold plated or full gold plated : 1.5a : 150v ac : 500v(min. 60 seconds) 200115MS series mates with suyin 200132,200133,200135,200136 series 2.0mm dual row box header p.c.b. mount type dimensional information suyin p/no. dim.a 9.5 11.5 1.5 17.5 21.5 25.5 31.5 35.3 41.5 45.5 51.5 61.5 dim.b 6.0 8.0 12.0 14.0 18.0 22.0 28.0 32.0 38.0 42.0 48.0 58.0 recommended p.c.b layout 2 1 3 4 5 order information 1. 's' : straight dip type 2. no. of pins 3. plating 4. color 'z' : black 5. package 'u' : tube package without cap reference page 11


▲Up To Search▲   

 
Price & Availability of 200115MS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X