Part Number Hot Search : 
SM581 XC68HC TDA1905 0459005 C221M LC6527L ES25P80 14082B
Product Description
Full Text Search
 

To Download 1N749 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1n746...1n759 silicon planar zener diodes standard zener voltage tolerance is 10%. add suffix "a" for 5% tolerance. other tolerances, non- standard and higher zener voltages are upon request. absolute maximum ratings (t a = 25 o c) parameter symbol value unit power dissipation p tot 500 1) mw junction temperature t j 175 o c storage temperature range t stg - 65 to + 175 o c 1) valid provided that leads are kept at ambient temperature at a distance of 8 mm from case characteristics at t a = 25 o c parameter symbol max. unit thermal resistance junction to ambient air r tha 0.3 1) k/mw forward voltage at i f = 200 ma v f 1.2 v 1) valid provided that leads are kept at ambient temperature at a distance of 8 mm from case. max. 3.9 max. 1.9 glass case do-35 max. 0.5 min. 27.5 min. 27.5 xxx cathode band part no. st "st" brand dimensions in mm black black black 1 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification semtech
type zener voltage range 1) maximum zener impedance maximum reverse leakage current 2) i r at v r = 1 v maximum regulator current i zm (ma) v znom (v) l zt (ma) z zt ( ? ) at i zt t a = 25 o c t a = 150 o c i r (a) i r (a) 1n746 3.3 20 28 10 30 110 1n747 3.6 20 24 10 30 100 1n748 3.9 20 23 10 30 95 1N749 4.3 20 22 2 30 85 1n750 4.7 20 19 2 30 75 1n751 5.1 20 17 1 20 70 1n752 5.6 20 11 1 20 65 1n753 6.2 20 7 0.1 20 60 1n754 6.8 20 5 0.1 20 55 1n755 7.5 20 6 0.1 20 50 1n756 8.2 20 8 0.1 20 45 1n757 9.1 20 10 0.1 20 40 1n758 10 20 17 0.1 20 35 1n759 12 20 30 0.1 20 30 1) tested with pulses tp = 20 ms 2) valid provided that leads are k ept at ambient temperature at a distance of 8 mm from case. ambient temperature: ta ( c) o 0 25 100 150 0 100 200 300 power dissipation: ptot (mw) 400 500 200 power derating curve 1n746...1n759 silicon planar zener diodes 2 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification semtech


▲Up To Search▲   

 
Price & Availability of 1N749

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X