Part Number Hot Search : 
CFB0301 82C31 SDP530Q RSM200S NJU3730 ALN0667 9F002 XTU02N5
Product Description
Full Text Search
 

To Download 0603YD105KAT4A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  24 ? general purpose dielectric for ceramic capacitors ? eia class ii dielectric ? temperature variation of capacitance is within 15% from -55c to +85c ? well suited for decoupling and filtering applications ? available in high capacitance values (up to 100f) x5r dielectric general specifications part number (see page 2 for complete part number explanation) general description %  capacitance -60 -40 -20 0 +20 +40 +60 +80 temperature c temperature coefficient 20 15 10 5 0 -5 -10 -15 -20 typical electrical characteristics insulation resistance (ohm-farads) 1,000 10,000 100 0 insulation resistance vs temperature 0 20 120 40 60 80 temperature c 100 1210 size (l" x w") 0101** 0201 0402 0603 0805 1206 1210 1812 **eia 01005 4 voltage 4 = 4v 6 = 6.3v z = 10v y = 16v 3 = 25v d = 35v 5 = 50v 1 = 100v d dielectric d = x5r 107 capacitance code (in pf) 2 sig. digits + number of zeros m capacitance tolerance k = 10% m = 20% a failure rate a = n/a t terminations t = plated ni and sn 2 packaging 2 = 7" reel 4 = 13" reel 7 = bulk cass. 9 = bulk u = 4mm tr (01005) a special code a = std. note: contact factory for availability of tolerance options for specific part numbers. contact factory for non-specified capacitance values.
25 x5r dielectric specifications and test methods parameter/test x5r specification limits measuring conditions operating temperature range -55oc to +85oc temperature cycle chamber capacitance within specified tolerance 2.5% for 50v dc rating freq.: 1.0 khz 10% dissipation factor 3.0% for 25v dc rating voltage: 1.0vrms .2v 12.5% max. for 16v dc rating and lower for cap > 10 f, 0.5vrms @ 120hz contact factory for df by pn insulation resistance 10,000m or 500m - f, charge device with rated voltage for whichever is less 120 5 secs @ room temp/humidity charge device with 300% of rated voltage for dielectric strength no breakdown or visual defects 1-5 seconds, w/charge and discharge current limited to 50 ma (max) appearance no defects deflection: 2mm capacitance test time: 30 seconds resistance to variation 12% flexure dissipation meets initial values (as above) stresses factor insulation initial value x 0.3 resistance solderability 95% of each terminal should be covered dip device in eutectic solder at 230 5oc with fresh solder for 5.0 0.5 seconds appearance no defects, <25% leaching of either end terminal capacitance variation 7.5% dip device in eutectic solder at 260oc for 60 dissipation meets initial values (as above) seconds. store at room temperature for 24 2 resistance to factor hours before measuring electrical properties. solder heat insulation meets initial values (as above) resistance dielectric meets initial values (as above) strength appearance no visual defects step 1: -55oc 2o 30 3 minutes capacitance variation 7.5% step 2: room temp 3 minutes dissipation meets initial values (as above) step 3: +85oc 2o 30 3 minutes thermal factor shock insulation meets initial values (as above) step 4: room temp 3 minutes resistance dielectric meets initial values (as above) repeat for 5 cycles and measure after strength 24 2 hours at room temperature appearance no visual defects capacitance variation 12.5% dissipation initial value x 2.0 (see above) load life factor insulation initial value x 0.3 (see above) resistance dielectric meets initial values (as above) strength appearance no visual defects capacitance variation 12.5% load dissipation initial value x 2.0 (see above) humidity factor insulation initial value x 0.3 (see above) resistance dielectric meets initial values (as above) strength charge device with 1.5x rated voltage in test chamber set at 85oc 2oc for 1000 hours (+48, -0). note: contact factory for *optional specification part numbers that are tested at < 1.5x rated voltage. remove from test chamber and stabilize at room temperature for 24 2 hours before measuring. store in a test chamber set at 85oc 2oc/ 85% 5% relative humidity for 1000 hours (+48, -0) with rated voltage applied. remove from chamber and stabilize at room temperature and humidity for 24 2 hours before measuring. 1mm/sec 90 mm
26 x5r dielectric capacitance range preferred sizes are shaded note: contact factory for non-specified capacitance values *eia 01005 letter abcegjkmnpqxyz max. 0.33 0.22 0.56 0.71 0.90 0.94 1.02 1.27 1.40 1.52 1.78 2.29 2.54 2.79 thickness (0.013) (0.009) (0.022) (0.028) (0.035) (0.037) (0.040) (0.050) (0.055) (0.060) (0.070) (0.090) (0.100) (0.110) paper embossed case size 0101* 0201 0402 0603 0805 soldering reflow only reflow only reflow/wave reflow/wave reflow/wave packaging paper/embossed all paper all paper all paper paper/embossed (l) length mm 0.40 0.02 0.60 0.03 1.00 0.10 1.60 0.15 2.01 0.20 (in.) (0.016 0.0008) (0.024 0.001) (0.040 0.004) (0.063 0.006) (0.079 0.008) (w) width mm 0.20 0.02 0.30 0.03 0.50 0.10 0.81 0.15 1.25 0.20 (in.) (0.008 0.0008 (0.011 0.001) (0.020 0.004) (0.032 0.006) (0.049 0.008) (t) terminal mm 0.10 0.04 0.15 0.05 0.25 0.15 0.35 0.15 0.50 0.25 (in.) (0.004 0.016) (0.006 0.002) (0.010 0.006 (0.014 0.006) (0.020 0.010) voltage: 6.3 10 4 6.3 10 16 25 4 6.3 10 16 25 50 4 6.3 10 16 25 35 50 4 6.3 10 16 25 35 50 cap (pf) 100 101 b a 150 151 b a 220 221 b a c 330 331 b a c 470 471 b a c 680 681 b a c 1000 102 b a a c 1500 152 b b a a c 2200 222 b b a a a c 3300 332 b b a a a c 4700 472 b b a a a c g 6800 682 b b a a a c g cap (f) 0.01 103 b b a a a c g g g 0.015 153 b c ggg 0.022 223 b a c c g g g n 0.033 333 b c ggg n 0.047 473 b a c c g g g n 0.068 683 b cggn 0.1104b aa cccc ggg nnn 0.15 154 gnn 0.22 224 b a a a c c c g g n n n 0.33 334 gg n 0.47 474 a a cccc gj npp 0.68 684 gn 1.0105 aa cccc gggg j gg nnp p 1.5 155 2.2 225 a a c c c g g j j j n n n p p 3.3 335 jjjj nn 4.7475 e e j j jg nnnnnpp 10106 e e k j j nnnnp 22 226 kk nnpp 47 476 pp 100 107 p voltage: 6.3 10 4 6.3 10 16 25 4 6.3 10 16 25 50 4 6.3 10 16 25 35 50 4 6.3 10 16 25 35 50 case size 0101* 0201 0402 0603 0805
27 x5r dielectric capacitance range preferred sizes are shaded note: contact factory for non-specified capacitance values *eia 01005 letter abcegjkmnpqxyz max. 0.33 0.22 0.56 0.71 0.90 0.94 1.02 1.27 1.40 1.52 1.78 2.29 2.54 2.79 thickness (0.013) (0.009) (0.022) (0.028) (0.035) (0.037) (0.040) (0.050) (0.055) (0.060) (0.070) (0.090) (0.100) (0.110) paper embossed case size 1206 1210 1812 soldering reflow/wave reflow only reflow only packaging paper/embossed paper/embossed all embossed (l) length mm 3.20 0.20 3.20 0.20 4.50 0.30 (in.) (0.126 0.008) (0.126 0.008) (0.177 0.012 (w) width mm 1.60 0.20 2.50 0.20 3.20 0.20 (in.) (0.063 0.008) (0.098 0.008) (0.126 0.008 (t) terminal mm 0.50 0.25 0.50 0.25 0.61 0.36 (in.) (0.020 0.010) (0.020 0.010) (0.024 0.014) voltage: 4 6.3 10 16 25 35 50 100 4 6.3 10 16 25 35 50 4 6.3 10 16 25 35 50 cap (pf) 100 101 150 151 220 221 330 331 470 471 680 681 1000 102 1500 152 2200 222 3300 332 4700 472 6800 682 cap (f) 0.01 103 0.015 153 0.022 223 0.033 333 0.047 473 0.068 683 0.1 104 0.15 154 0.22 224 0.33 334 0.47 474 q q x x 0.68 684 1.0105 qqqq x x x 1.5 155 2.2225 qqqqqq x z z 3.3 335 q q 4.7475q q qqqqqx qqz z z 10106qqqqqqx xxzzzz z 22226qqqqq zzzzz 47476qqq zzzz z 100107qq zzzz voltage 4 6.3 10 16 25 35 50 100 4 6.3 10 16 25 35 50 4 6.3 10 16 25 35 50 case size 1206 1210 1812


▲Up To Search▲   

 
Price & Availability of 0603YD105KAT4A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X