Part Number Hot Search : 
UF100 LB201 MC88915 107X00 LI581 4LS08 38273MBM FRP815
Product Description
Full Text Search
 

To Download TTC05203 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ntc thermistor ttc05 series 5 mm lead t y pe for t e mperature sensing/compensation thinkin g elec tronic in dus trial c o ., l t d. 31 www.thinking. com.tw 2012.08 all specifications are subj ect to change without notice. ? features 1. ro hs com p li ant 2. halo gen -free (hf ) se rie s a r e availabl e 3. body size: 5mm 4. radi al lead resin coate d 5. operating te mperature ra nge: -30 ~+125 6. wide resi stan ce ra nge 7. co st effective 8. agency recog n ition: ul / cul / csa / tuv / cqc ? recommended applications 1. home a pplia nce s 2. automotive elec tronics 3. comp uters 4. switch mo de power suppli e s 5. adapters ? part number code ? structure and dimensions t y pe d max. p d a max. l min. t max. s type 6.5 3.5 0.5 0.50.02 6.5 31 5 i type 6.5 5 0.8 0.50.02 10 29 5 1 2 3 4 5 6 7 8 9 10 11 12 13 14 product type ttc thinking ntc thermistor ttc series bod y size 05 5mm zero power resistance at 25 (r 25 ) r 25 10 0 ? 005: 5 ? 015:15 ? 050:50 ? r 25 100 ? R 101:100 ? 682:6800 ? 474:470000 ? tolera n ce o f r 25 j5% k 10% l 15% appearance s straight lead i kink lead optional suffix y rohs compl i ant e rohs & hf compliant s t y pe (s traight lea d ) i t y pe (kink lead ) (unit: mm) d t a l d p t a l d p d http://
ntc thermistor ttc05 series 5 mm lead t y pe for t e mperature sensing/compensation thinkin g elec tronic in dus trial c o ., l t d. 32 www.thinking. com.tw 2012.08 all specifications are subj ect to change without notice. ? electrical characteristics safety approvals zero power resistance at 25c tolerance of r 25 b 25/50 value max. power dissipation at 25 dissipation factor thermal time constant operating temperature range part no. r 25 ( ? ) ( %) (k) p max (mw ) (mw/c) (sec.) t l ~t u (c) ul /cul csa tuv cqc t t c05005 5 240 0 ? ? ? t t c05010 10 280 0 ? ? ? t t c05015 15 280 0 ? ? ? ? t t c05020 20 280 0 ? ? ? ? t t c05025 25 290 0 ? ? ? ? t t c05045 45 310 0 ? ? ? ? t t c05050 50 310 0 ? ? ? ? t t c05060 60 310 0 ? ? ? ? t t c05085 85 320 0 ? ? ? ? t t c05090 90 320 0 ? ? ? t t c05101 100 320 0 ? ? ? ? t t c05121 120 330 0 ? ? ? ? t t c05151 150 330 0 ? ? ? ? t t c05201 200 350 0 ? ? ? ? t t c05221 220 350 0 ? ? ? ? t t c05251 250 350 0 ? ? ? ? t t c05301 300 380 0 ? ? ? ? t t c05471 470 350 0 ? ? ? ? t t c05501 500 370 0 ? ? ? ? t t c05681 680 380 0 ? ? ? ? t t c05701 700 380 0 ? ? ? ? t t c05102 100 0 380 0 ? ? ? ? t t c05152 150 0 395 0 ? ? ? ? t t c05202 200 0 400 0 ? ? ? ? t t c05222 220 0 400 0 ? ? ? ? t t c05252 250 0 400 0 ? ? ? ? t t c05302 300 0 400 0 ? ? ? ? t t c05332 330 0 400 0 ? ? ? ? t t c05402 400 0 400 0 ? ? ? ? t t c05472 470 0 405 0 ? ? ? ? t t c05502 500 0 395 0 ? ? ? ? t t c05602 600 0 405 0 ? ? ? ? t t c05682 680 0 405 0 ? ? ? ? t t c05802 800 0 405 0 ? ? ? ? t t c05103 100 00 405 0 ? ? ? ? t t c05123 120 00 405 0 ? ? ? ? t t c05153 150 00 415 0 ? ? ? ? t t c05203 200 00 425 0 ? ? ? ? t t c05303 300 00 425 0 ? ? ? ? t t c05473 470 00 430 0 ? ? ? ? t t c05503 500 00 430 0 ? ? ? ? t t c05104 100 00 0 440 0 ? ? ? ? t t c05154 150 00 0 450 0 ? ? ? ? t t c05204 200 00 0 460 0 ? ? ? ? t t c05224 220 00 0 460 0 ? ? ? t t c05474 470000 5, 10, 15 475 0 450 appro x . 4.5 appro x . 20 -30~ + 125 ? ? ? note 1: = t o ler ance of r 25 note 2: ul f ile no: e1388 27 c s a f i l e n o : 9 7 4 9 5 t u v f ile no: r 500 50 155 cqc file no: cqc05 0 010 11 991 c q c050 01 011 9 94 note 3: speci a l specificati ons are ava ila bl e u pon re qu est.
ntc thermistor ttc05 series 5 mm lead t y pe for t e mperature sensing/compensation thinkin g elec tronic in dus trial c o ., l t d. 33 www.thinking. com.tw 2012.08 all specifications are subj ect to change without notice. ? max. pow e r dissipation derating curve ? r-t characteristic c u rves (represent a tive) 0.01 0. 1 1 10 100 1000 10000 - 30 - 20 - 10 0 10 20 30 40 50 60 70 80 90 100 110 120 130 te mper atur e ( ) 0. 1 1 10 10 0 10 00 100 00 1000 00 -30 - 20 - 10 0 10 20 30 40 5 0 60 70 80 90 10 0 1 10 1 20 130 t e mper atur e ( ) ttc0 510 2~t t c05 104 resist anc e ( ) 100% 0 25 t u 0 t l ambient tem p erature ( ) t u : maximum operating tempe r ature ( ) t l : minimum operating tem peratu r e ( ) for exampl e: ambient temperatu r e (ta) = 55 maximum op erating tem p e r ature (t u ) = 125 p ta = (t u -ta ) /(t u -2 5)pma x = 70% pmax ttc0500 5~t t c05 681 ttc05681 ttc05501 ttc05301 ttc05201 ttc05151 ttc05101 ttc05085 ttc05050 ttc05045 ttc05015 ttc05010 ttc05005 ttc05104 ttc05503 TTC05203 ttc05153 ttc05103 ttc05682 ttc05502 ttc05402 ttc05302 ttc05202 ttc05152 ttc05102 resist anc e ( k )
ntc thermistor ttc05 series 5 mm lead t y pe for t e mperature sensing/compensation thinkin g elec tronic in dus trial c o ., l t d. 34 www.thinking. com.tw 2012.08 all specifications are subj ect to change without notice. ? v - i characteristic curves (represent a tive) voltage(v) current (ma) voltage(v) current (ma) ttc0 510 2~t t c05 104 ttc0 500 5~t t c05 681 0.1 1 10 100 1 1 0 100 1000 10000 100000 0. 2 2 5 20 50 20 0 500 2000 5000 20000 50000 0. 5 2 5 20 50 t tc -045 t t c-015 tt c-00 5 tt c - 0 10 t t c-050 t t c-085 t t c-101 tt c - 1 51 t t c-201 t t c-301 t t c-501 t t c-68 1 1 10 10 0 10 00 0. 1 1 10 100 1000 10000 0. 2 t t c-10 3 t t c-68 2 t t c - 3 02 0.5 2 5 20 50 200 500 20 00 50 00 2 20 50 t t c-402 t t c-1 53 t t c-152 ttc-102 t t c - 5 0 3 t t c-502 t t c-2 02 t t c-1 04 5 200 500
ntc thermistor ttc05 series 5 mm lead t y pe for t e mperature sensing/compensation thinkin g elec tronic in dus trial c o ., l t d. 35 www.thinking. com.tw 2012.08 all specifications are subj ect to change without notice. ? soldering recommendation ? w ave soldering profile ? recommended re w o rking condi tions with soldering iron item conditions temperature of soldering iron-tip 360 (max.) soldering time 3 sec. (max.) distance from thermistor 2 mm (min.) te m p erature 130 20 260 max ta m b cooli ng time solderi ng prehe ating 30~ 90 sec. 1 sec. 10 sec. note 1 note 2 note 3 note 1: (1~3 )/sec. note 2: approx. 2 0 0 /sec. note 3: 5 /s ec. (max . )
ntc thermistor ttc05 series 5 mm lead t y pe for t e mperature sensing/compensation thinkin g elec tronic in dus trial c o ., l t d. 36 www.thinking. com.tw 2012.08 all specifications are subj ect to change without notice. ? reliability item standard test conditions / methods specifications t ensile strengt h of t e rminals iec 6006 8-2- 2 1 gradua ll y ap pl y the sp ecifie d force and ke ep the unit fixed f o r 10 1 sec. t e rminal diam eter f o rce (mm) (kg) 0.3< d 0 .5 Q 0.5 no visib l e d a m age bend ing stre n g th of t e rminals iec 6006 8-2- 2 1 hold spec ime n an d a ppl y t he force s pec i f ied b e lo w to each lea d . bend the spec imen to 90, and then retu rn to the origina l position. rep eat the pro c edur e in the o ppos ite directi o n. t e rminal diam eter f o rce (mm) (kg) 0.3< d 0 .5 Q 0.25 no visib l e d a m age sold erab ilit y iec 6006 8-2- 2 0 245 3 , 3 0.3 sec. at least 95% of terminal electro de is co vered b y ne w so lder resistance to sold erin g he at iec 6006 8-2- 2 0 260 3 , 10 1 sec. no visib l e d a m age O r 25 /r 25 O 3 % Q high t e mperature storage iec 6000 68- 2- 2 125 5 , 1000 24 hrs no visib l e d a m age O r 25 /r 25 O 5 % Q damp heat, stead y state iec 6006 8-2- 7 8 40 2 , 90~ 95% r h , 100 0 24 hrs no visib l e d a m age O r 25 /r 25 O 3 % Q rapi d ch an ge of t e mperature iec 6006 8-2- 1 4 t he conditio n s sho w n bel o w s hall be rep eate d 5 c y c l es. step t e mperature ( ) period (minutes) 1 -30 5 30 3 2 room temperature 5 3 3 125 5 30 3 4 room temperature 5 3 no visib l e d a m age O r 25 /r 25 O 3 % Q m a x . po w e r diss i p a tion iec 6053 9-1 25 5 , pma x . , 1000 24 hrs no visib l e d a m age O r 25 /r 25 O 5 % Q insulation t e st mil-st d-202f -method 3 02 100 0 v dc , 1 min no visib l e d a m age 500 m ? R
ntc thermistor ttc05 series 5 mm lead t y pe for t e mperature sensing/compensation thinkin g elec tronic in dus trial c o ., l t d. 37 www.thinking. com.tw 2012.08 all specifications are subj ect to change without notice. ? packaging ? t a ping s p ecification : s t y pe (s traight lea d ) p 0 f p p 1 h h 1 d w 0 w 1 w 2 w p h l 1 d 0 t taping dimension 0.3 0.5 1 0.7 +2/-0 max. 0.02 1 +0.75 /-0.5 max. +1/ -0.5 max. max. max. 0.2 0.2 p 0 :12.7 12.7 3.5 12.7 4.60 18 28 0.5 12 9 3 18 1 2 0.5 4 0.6 p 0 :15.0 15.0 3.5 15.0 5.75 18 28 0.5 12 9 3 18 1 2 0.5 4 0.6 i t y pe (kink lead) p 0 f p p 1 h 0 h 1 d w 0 w 1 w 2 w p h l 1 d 0 t taping dimension 0.3 0.5 1 0.7 0.5 max. 0.02 1 +0.75 /-0.5 max. +1/ -0.5 max. max. max. 0.2 0.2 p 0 :12.7 12.7 5.0 12.7 3.85 16 28 0.5 12 9 3 18 1 2 0.5 4 0.6 p 0 :15.0 15.0 5.0 15.0 5.00 16 28 0.5 12 9 3 18 1 2 0.5 4 0.6 d 0 t w w 1 h 0 p 1 p 0 l 1 p f d h 1 w 2 w 0
ntc thermistor ttc05 series 5 mm lead t y pe for t e mperature sensing/compensation thinkin g elec tronic in dus trial c o ., l t d. 38 www.thinking. com.tw 2012.08 all specifications are subj ect to change without notice. ? quantity ? bulk packi ng ? reel packi ng: ? ammo packing: ? warehouse storage conditions of products ? storage con d itions: 1. storage te mperature: -1 0 ~+ 40 2. relative humidity: Q 75 % rh 3. keep away from co rro siv e atmosp he re and su nlight. ? period of storage: 1 year series standard lead type quantity (pcs/bag) cut lead type quantity (pcs/bag) ttc05 250 500 series d (mm) d1 (mm) w (mm) quantity (pcs/reel) ttc05 34010 311 551 2,500 series quantity (pcs/box) ttc05 2,000 l w h 348mm 275mm 60mm w h l d1 d w


▲Up To Search▲   

 
Price & Availability of TTC05203

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X