Part Number Hot Search : 
TDA7439 25HBF 74HC00N IP79M00 P6KE170A TDA5737 74LVT543 IP79M00
Product Description
Full Text Search
 

To Download SQD50N03-06P-GE3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 68634 www.vishay.com s10-2210-rev. c, 27-sep-10 1 automotive n-channel 30 v (d-s) 175 c mosfet sqd50n03-06p vishay siliconix features ? halogen-free according to iec 61249-2-21 definition ?trenchfet ? power mosfet ? compliant to rohs directive 2002/95/ec ? aec-q101 qualified d notes a. package limited. b. pulse test; pulse width ? 300 s, duty cycle ? 2 %. c. when mounted on 1" square pcb (fr-4 material). d. parametric verification ongoing. product summary v ds (v) 30 r ds(on) ( ? ) at v gs = 10 v 0.0060 r ds(on) ( ? ) at v gs = 4.5 v 0.0085 i d (a) 50 configuration single d g s n-channel mosfet to-252 s gd top view drain connected to tab ordering information package to-252 lead (pb)-free and halo gen-free SQD50N03-06P-GE3 absolute maximum ratings (t c = 25 c, unless otherwise noted) parameter symbol limit unit drain-source voltage v ds 30 v gate-source voltage v gs 20 continuous drain current a t c = 25 c i d 50 a t c = 125 c 50 continuous source curre nt (diode conduction) a i s 50 pulsed drain current b i dm 200 single pulse avalanche energy l = 0.1 mh i as 45 single pulse avalanche current e as 101 mj maximum power dissipation b t c = 25 c p d 83 w t c = 125 c 27 operating junction and storage temperature range t j , t stg - 55 to + 175 c thermal resistance ratings parameter symbol limit unit junction-to-ambient pcb mount c r thja 50 c/w junction-to-case (drain) r thjc 1.8
www.vishay.com document number: 68634 2 s10-2210-rev. c, 27-sep-10 sqd50n03-06p vishay siliconix notes a. pulse test; pulse width ? 300 s, duty cycle ? 2 %. b. guaranteed by design, not su bject to production testing. c. independent of operating temperature. stresses beyond those listed under absolute maximum ratings may cause permanen t damage to the device. these are stress rating s only, and functional operation of the device at these or any other condit ions beyond those indicated in the operatio nal sections of the sp ecifications is not implied. exposure to absolute maximum rating conditions for extended peri ods may affect de vice reliability. specifications (t c = 25 c, unless otherwise noted) parameter symbol test condi tions min. typ. max. unit static drain-source brea kdown voltage v ds v gs = 0 v, i d = 250 a 30 - - v gate-source threshold voltage v gs(th) v ds = v gs , i d = 250 a 1.5 2.0 2.5 gate-source leakage i gss v ds = 0 v, v gs = 20 v - - 100 na zero gate voltage drain current i dss v gs = 0 v v ds = 30 v - - 1.0 a v gs = 0 v v ds = 30 v, t j = 125 c - - 50 v gs = 0 v v ds = 30 v, t j = 175 c - - 250 on-state drain current a i d(on) v gs = 10 v v ds ??? 5 v 50 - - a drain-source on-state resistance a r ds(on) v gs = 10 v i d = 20 a - 0.0047 0.0060 ? v gs = 10 v i d = 20 a, t j = 125 c - - 0.0090 v gs = 10 v i d = 20 a, t j = 175 c - - 0.0107 v gs = 4.5 v i d = 20 a - 0.0067 0.0085 forward transconductance b g fs v ds = 15 v, i d = 20 a - 74 - s dynamic b input capacitance c iss v gs = 0 v v ds = 25 v, f = 1 mhz - 3222 4030 pf output capacitance c oss - 563 705 reverse transfer capacitance c rss - 241 300 total gate charge c q g v gs = 4.5 v v ds = 15 v, i d = 50 a - 25.2 38 nc gate-source charge c q gs -9.1- gate-drain charge c q gd -9.4- turn-on delay time c t d(on) v dd = 15 v, r l = 0.3 ? i d ? 50 a, v gen = 10 v, r g = 1 ? -1015 ns rise time c t r -1015 turn-off delay time c t d(off) -2639 fall time c t f -914 source-drain diode ratings and characteristics b pulsed current a i sm - - 200 a forward voltage v sd i f = 85 a, v gs = 0 v - 1.0 1.5 v
document number: 68634 www.vishay.com s10-2210-rev. c, 27-sep-10 3 sqd50n03-06p vishay siliconix typical characteristics (t a = 25 c, unless otherwise noted) output characteristics transfer characteristics on-resistance vs. drain current transfer characteristics transconductance capacitance 0 40 80 120 160 0 3 6 9 12 15 i d - drain current (a) v d s -drain-to- s ource voltage (v) v gs = 10 v thru 5 v v gs = 3 v v gs = 4 v 0.0 0.3 0.6 0.9 1.2 1.5 0 1 2 3 4 5 i d - drain current (a) v gs - g ate-to- s ource voltage (v) t c = 25 c t c = - 55 c t c = 125 c 0.000 0.005 0.010 0.015 0.020 0.025 0 20 40 60 80 100 r d s (on) -on-re s i s tance () i d - drain current (a) v gs = 4.5 v v gs = 10 v 0 20 60 80 40 120 100 140 0 2 4 6 8 10 i d - drain current (a) v gs - g ate-to- s ource voltage (v) t c = - 55 c t c = 125 c t c = 25 c 0 20 40 60 80 100 120 0 10 20 30 40 50 g f s -tran s conductance ( s ) i d - drain current (a) t c = 125 c t c = - 55 c t c = 25 c 0 1000 2000 3000 4000 5000 0 5 10 15 20 25 30 c - capacitance (pf) v d s -drain-to- s ource voltage (v) c i ss c o ss c r ss
www.vishay.com document number: 68634 4 s10-2210-rev. c, 27-sep-10 sqd50n03-06p vishay siliconix typical characteristics (t a = 25 c, unless otherwise noted) gate charge source drain diode forward voltage threshold voltage on-resistance vs. j unction temperature on-resistance vs. gate-to-source voltage drain source brea kdown vs. junction temperature 0 2 4 6 8 10 0 10 20 30 40 50 60 v gs - g ate-to- s ource voltage (v) q g -total g ate charge (nc) i d = 50 a v d s s - s ource current (a) v s d - s ource-to-drain voltage (v) t j = 25 c t j = 150 c t j = - 50 c -1.5 -1.1 -0.7 -0.3 0.1 0.5 - 50 - 25 0 25 50 75 100 125 150 175 v gs (th) variance (v) t j -temperature ( c) i d = 250 a i d = 5 ma 0.5 1.0 1.5 2.0 2.5 - 50 - 25 0 25 50 75 100 125 150 175 r d s (on) -on-re s i s tance (normalized) t j - junction temperature ( c) i d = 20 a v gs = 4.5 v v gs = 10 v 0.00 0.01 0.02 0.03 0.04 0.05 0246810 r d s (on) -on-re s i s tance () v gs - g ate-to- s ource voltage (v) t j = 150 c t j = 25 c 30 32 34 36 38 40 - 50 - 25 0 25 50 75 100 125 150 175 v d s -drain-to- s ource voltage (v) t j - junction temperature ( c) i d = 10 ma
document number: 68634 www.vishay.com s10-2210-rev. c, 27-sep-10 5 sqd50n03-06p vishay siliconix thermal ratings (t a = 25 c, unless otherwise noted) safe operating area normalized th ermal transient impedance, junction-to-ambient 0.01 0.1 1 10 100 1000 0.01 0.1 1 10 100 i d - drain current (a) v d s -drain-to- s ource voltage (v) * v gs > minimum v gs at which r d s (on) i s s pecified 100 m s limited by r d s (on) * 1 m s i dm limited t c = 25 c s ingle pul s e bvd ss limited 10 m s 100 s 1 s ,10 s , dc i d limited square wave pulse duration (s) 2 1 0.1 0.01 10 -4 10 -3 10 -2 10 -1 10 n ormalized eff ective transient thermal impedance 1000 0.2 0.1 0.05 0.02 single pulse duty cycle = 0.5 100 1
www.vishay.com document number: 68634 6 s10-2210-rev. c, 27-sep-10 sqd50n03-06p vishay siliconix thermal ratings (t a = 25 c, unless otherwise noted) normalized th ermal transient impedance, junction-to-case note ? the characteristics shown in the two graphs - normalized transient thermal impedance junction-to-ambient (25 c) - normalized transient thermal impedance junction-to-case (25 c) are given for general guidelines only to enable the user to get a ball park indication of part capabilities. the data are ext racted from single pulse transient thermal impedance characteristics which are developed from empirical measurements. the latter is valid for the part mounted on printed circuit board - fr4, size 1" x 1" x 0.062", double sided with 2 oz . copper, 100 % on both sides. the part ca pabilities can widely vary depending on actual application parameters and operating conditions. vishay siliconix maintains worldwide manufa cturing capability. products may be manufactured at one of several qualified locatio ns. reliability data for silicon technology and package reliability represent a composite of all qu alified locations. for related documents such as package/tape drawings, part marking, and reliability data, see www.vishay.com/ppg?68634 . square wave pulse duration (s) 2 1 0.1 0.01 10 -4 10 -3 10 -2 10 -1 10 n ormalized eff ective transient thermal impedance 100 0.2 0.1 duty cycle = 0.5 1 0.02 0.05 single pulse
document number: 71197 www.vishay.com 18-apr-11 1 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package information vishay siliconix to-252aa case outline note ? dimension l3 is for reference only. l2 d l1 l3 b b1 e1 e1 d1 a1 c a2 gage plane height (0.5 mm) e b2 e c1 a l h millimeters inches dim. min. max. min. max. a 2.21 2.38 0.087 0.094 a1 0.89 1.14 0.035 0.045 a2 0.030 0.127 0.001 0.005 b 0.71 0.88 0.028 0.035 b1 0.76 1.14 0.030 0.045 b2 5.23 5.44 0.206 0.214 c 0.46 0.58 0.018 0.023 c1 0.46 0.58 0.018 0.023 d 5.97 6.22 0.235 0.245 d1 4.10 4.45 0.161 0.175 e 6.48 6.73 0.255 0.265 e1 4.49 5.50 0.177 0.217 e 2.28 bsc 0.090 bsc e1 4.57 bsc 0.180 bsc h 9.65 10.41 0.380 0.410 l 1.40 1.78 0.055 0.070 l1 0.64 1.02 0.025 0.040 l2 0.89 1.27 0.035 0.050 l3 1.15 1.52 0.040 0.060 ecn: t11-0110-rev. l, 18-apr-11 dwg: 5347
application note 826 vishay siliconix document number: 72594 www.vishay.com revision: 21-jan-08 3 application note recommended minimum pads for dpak (to-252) 0.420 (10.668) recommended mi nimum pads dimensions in inches/(mm) 0.224 (5.690) 0.180 (4.572) 0.055 (1.397) 0.243 (6.180) 0.087 (2.202) 0.090 (2.286) return to index return to index
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of SQD50N03-06P-GE3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X