Part Number Hot Search : 
2SD1164K Q1V822HJ E220A N87C196K CLL131 PDSP16 C74HC2 BSN20
Product Description
Full Text Search
 

To Download RWP03040-1014 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  wideband power amplifier rwp03040 - 10 korean facilities : 82 - 31 - 250 - 5078 / rfsales@rfhic.com all specifications may change without notice us facility : 919 - 677 - 8780 / sales@rfhicusa.com 1 / 6 version 1. 8 product features 0b applications ? gan on sic broadband high power amplifier ? 20 ~ 520mhz operation bandwidth ? small signal gain 40db min. ? 40w typical. @ p3db ? general purpose 1b description the power amplifier module is designed for broadcasting , telecommunication, medical and other markets. operating frequency range is from 20 ~ 520mhz. gallium nitride on sic technology is used and attached on an aluminum sub carrier. full in/out matching for broadban d performance is already applied. improved th ermal handling by patented technology. electrical specifications @ v r cc r = 28v; t c = 4 5 c ; z r s r = z r l r = 50? parameter u nit m in t yp m ax c ondition operating frequency mhz 20 - 520 - small signal gain db 40 42 44 - gain variation vs frequency dbpp - 1 1.5 - p r 3 r db dbm 45 46 - 20 ~ 100mhz 46 47 - 100 ~ 520mhz oip3 @ po = +33dbm (1mhz tone spacing, cw 2 - tone) dbm 50 54 - 20 ~ 520 mhz input return loss db - - 11 - 7 - output return loss db - - 7 - 4 - 2 p nd p harmonic suppression dbc - - 48 - 40 cw 1 - tone @po = +30dbm, freq 200mhz supply voltage v 27.5 28 30 vcc(=vds) quiescent current consumption a 2.8 3 3.2 - current consumption @ p r 3 rrr db a - 3.8 4.5 cw 1 - tone on/off switching time * us - 3 5 on : ttl "low" off : ttl "high "(30 ma@disable) shut down or switch on/off ttl voltage ** v 0 - 0.5 on : ttl low(enable) 2.5 5 5.5 off : ttl high note. *. gate on/off : high speed switching **. drain on/off : 300ms delay package type : d p - 75
wideband power amplifier rwp03040 - 10 korean facilities : 82 - 31 - 250 - 5078 / rfsales@rfhic.com all specifications may change without notice us facility : 919 - 677 - 8780 / sales@rfhicusa.com 2 / 6 version 1. 8 absolute maximum ratings parameter u nit r ating input rf power dbm 13 supply voltage v 30 load mismatch value - 3 : 1 @all load phase * input signal condition : cw 1 - tone environmental characteristics parameter u nit m in t yp m ax symbol operating case temperature c - 10 - 80 tc storage temperature c - 40 - 105 tstg vibratio n mil - std - 810g method 514.6 annex c v i ordering information part number package rwp03040 - 10 pallet rwp03040 - 1h module assembled with rwp03040 - 10 * rwp03040 - 1h is a sma connectorized housing version of rwp03040 - 10. electrical parameters are all sam e as rwp03040 - 10. for more information, please contact rfhic mechanical specifications parameter u nit t yp dimension package L 70 (l) x 50.8 (w) x 17.1 (h) housing 90 (l) x 75 (w) x 25 (h) weight package g 55 housing 250 housing rf in/out connector - sma female cooling - external heat - sink * dimension and weight may change without notice.
wideband power amplifier rwp03040 - 10 korean facilities : 82 - 31 - 250 - 5078 / rfsales@rfhic.com all specifications may change without notice us facility : 919 - 677 - 8780 / sales@rfhicusa.com 3 / 6 version 1. 8 4b typical performance @ 25 c fre quency p1db p3db current @p1db current @p3db 2nd harm @30dbm oip3 (30dbm/tone) (mhz) (dbm) (dbm) (a) (a) (dbc) (dbm) 20 45.5 46.0 2.7 2.68 - 57.51 55.7 100 46.2 47.0 2.9 3.00 - 49.11 56.9 200 46.6 47.3 3.5 3.77 - 48.43 56.3 300 45.8 46.9 3.4 3.80 - 52.39 54.8 400 46.8 47.9 3.5 3.85 - 71.33 54.8 520 46.1 47.7 3.5 4.03 - 57.16 55.0 2.5 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5 43 44 45 46 47 48 49 50 51 52 53 20 100 200 300 400 520 ids [a] pout @ p3db [dbm] frequency[ mhz ] pout & ids @ p3db vs frequency pout ids 43 44 45 46 47 48 49 50 51 52 53 20 100 200 300 400 520 pout @ p3db [dbm] frequency[ mhz ] pout @ p3db vs temp tc= - 10?c tc=45?c tc=80?c precaution 1. this product is designed to be used for broadband amplification. heat generation is higher when there is no rf signal in the device. therefore, the worst case scenario is when there is no rf signal, and the amplifier is on with current draw. the temperature must be calculated properly. case temperature must maintain below 8 0 c . right side drawing notes how to use a temperature monitoring function to prote ct against overheating. 2. thermal grease or metal thermal interface materials are recommended for heat dissipation. an example would be spreading thermal grease on the bottom of the device shut down vcc(+28v) rf in rf out (+5v) switch on/off rf out temp monitor temp monitor ref voltage + - +vcc comparator block (with hysteresis gap) pout @ p3db vs frequency
wideband power amplifier rwp03040 - 10 korean facilities : 82 - 31 - 250 - 5078 / rfsales@rfhic.com all specifications may change without notice us facility : 919 - 677 - 8780 / sales@rfhicusa.com 4 / 6 version 1. 8 package dimensions (type: dp - 75 ) * u nit: mm[inch] | tolerance: 0.2[.008] 2b p in description pin no function pin no function 1 rf in 4 switch on/off 2 vcc(+28v) 5 temp monitor 3 shut down(+5v) 6 rf out * terminal pin information : ask206091,aa (acet hink, pin) , ask20556,aa - 1(acethink, pin socket) * recommended screw torque : 8.0kgf.cm 1 using sems m3 10mm bolt how to connected the package to a target pcb w ith pin w ithout pin
wideband power amplifier rwp03040 - 10 korean facilities : 82 - 31 - 250 - 5078 / rfsales@rfhic.com all specifications may change without notice us facility : 919 - 677 - 8780 / sales@rfhicusa.com 5 / 6 version 1. 8 sma connectorized housing dimensions
wideband power amplifier rwp03040 - 10 korean facilities : 82 - 31 - 250 - 5078 / rfsales@rfhic.com all specifications may change without notice us facility : 919 - 677 - 8780 / sales@rfhicusa.com 6 / 6 version 1. 8 revision history par t number release date version modification data sheet status rwp03040 - 10 2014. 5 .2 3 1. 8 g raph modification - rwp03040 - 10 2014.4.2 1.7 mechanical specifications - rwp03040 - 10 2013.10.18 1.6 parameter & g raph modification - rfhic corporation reser ves the right to make changes to any products herein or to discontinue any product at any time witho ut notice. while product specifications have been thoroughly examined for reliability, rfhic corporation strongly recommends buyers to verify that the infor mation they are using is accurate before ordering. rfhic corporation does not assume any liability for the suitability of its products for any particular purpose, and disclaims any and all liability, inc luding without limitation consequential or incidental damages. rfhic products are not intended for use in life support equipment or application where malfunction o f the product can be expected to result in personal injury or death. buyer uses or sells such products for any such unintended or unauthorized app lication, buyer shall indemnify, protect and hold rfhic corporation and its directors, officers, stockholders, employees, representatives and distributors harmless against any and all claims arising out of such unauthorize d use. sales, inquiries and supp ort should be directed to the local authorized geographic distributor for rfhic corporation. for cus tomers in the us, please contact the us sales team at 919 - 6 77 - 8780 . for all other inquiries, please contact the international sales team at 82 - 31 - 250 - 5078.


▲Up To Search▲   

 
Price & Availability of RWP03040-1014

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X