Part Number Hot Search : 
PC1002 SB180 15011 MM74H 2001251 SS461 1301A 24C64
Product Description
Full Text Search
 

To Download PXB9202 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p roduct b rief never stop thinking. p reliminary easyport? multi-service access processor family pxb 9101/9102/9201/9202 infineon?s easyport? is a comprehensive broad- band communication processor family. based on a powerful 64-bit mips cpu core sub-system, the easyport? features packet and atm cell process- ing functionality for data and voice/data integrated access devices (iads), small and medium enter- prise gateways, access routers, and voice over ip (voip) gateways. the easyport? family supports t1/e1 framers, standard xdsl transceivers, and 10bases tm ethernet over vdsl technology. easy- port? has the compute power and architecture to support firewalls and virtual private networks (vpn), as well as future applications and new con- nectivity options such as wireless lans and bluetooth tm . when used in combination with vinetic tm , infin- eon's system solution supports voatm and voip on the same hardware platform, and supports up to 32 compressed voice channels. using the easyport? processor family, communi- cation system vendors gain a powerful set of tools enabling the transportation of data, video and voice services integrated on the same hard- ware and software platform. packet processing  embedded risc coprocessor  embedded data memory  two 10/100 mbit/s ethernet mac controllers, one integrated ethernet phy  usb 1.1 device controller  aal5 (sar) controller  dma controller with a linked list descriptor buffer voice data processing  embedded risc coprocessor  two iom-2/pcm interfaces  32 hdlc hardware accelerators  aal2 (cps) controller  simple control of duslic, sicofi and falc ? devices via a synchronous serial interface (ssc) atm cell processing  atm layer controller  utopia level 1 and 2  support for up to 128 vccs  traffic classes: cbr, vbr, ubr+, gfr, ubr  cell buffer manager with integrated dma controller for up to 255 user cell queues  queue specific traffic shaper in hardware  cell filtering (2 filters; maskable vpi/vci)  epd, ppd congestion control  oam according to itu-t i.610 embedded processor subsystem  200 mhz mips cpu core includ- ing mmu with 32 dual entry tlb  external bus unit (50 mhz, 16-bit) for accessing system memory (sram, flash memory) and external peripherals  independent sdram i/f (100 mhz, 32-bit, 256 mbytes) security features  security (vpn) and voip support  des/3des encryption/decryption hardware accelerator  throughput optimized dataflow for vpn/ipsec processing  qos optimized voip voice data flow others  power management  lifeline service support
p roduct b rief how to reach us: http://www.infineon.com published by infineon technologies ag, st.-martin-strasse 53, 81669 mnchen ? infineon technologies ag 2003. all rights reserved. attention please! the information herein is given to describe certain components and shall not be considered as warranted characteristics. terms of delivery and rights to technical change reserved. we hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. infineon technologies is an approved cecc manufacturer. information for further information on technology, delivery terms and conditions and prices please contact your nearest infineon technologies office in germany or our infineon technologies representatives worldwide. warnings due to technical requirements components may contain dan- gerous substances. for information on the types in question please contact your nearest infineon technologies office. infineon technologies components may only be used in life- support devices or systems with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. life support devices or systems are intend- ed to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other per- sons may be endangered. published by infineon technologies ag ordering information product name sales code ordering code target application cpu clock wan i/f voice support security support voatm voip hw target mbit/s easyport-av200 pxb 9202 q67233- h1608 atm data/ voice 200 mhz utopia up to 32 des/3des 5 easyport-as200 pxb 9102 q67233- h1609 atm data/ security 200 mhz utopia - up to 2 3des, cop-s 10 easyport-es200 pxb 9101 q67233- h1611 ip data/ security 200 mhz ethernet - up to 2 3des, cop-s 15 easyport-ev200 pxb 9201 q67233- h1610 ip data/voip 200 mhz ethernet - up to 32 des/3des 5 easyport block diagram easyport application example ordering no. b000-h0000-x-x-7600 printed in germany packet engine cell engine voice engine mips processor system and peripherals usb v1.1 ethernet mac ethernet mac hsc mips subsystem lifeline clocking power mgmt. mips 5kc 64-bit risc i-cache, 64 kb d-cache, 64 kb sdram controller bridge bridge mux 10/100baset phy 2x asc serial channel sync serial channel ejtag power watchdog reset general purpose timer general purpose parallel i/o aebu cell memory voice coprocessor subsystem cbm swie htu oam utopia satm qsb aal5 sar aal2 ctrl. bridge hdlcu pcm/iom-2 pcm/iom-2 hsc security engine des/3des packet handler bridge packet/ descr. memory packet coprocessor subsystem slic slic slic slic vinetic dsp vinetic- 4vip scbx-x s-if s-if isdn isdn t/r t/r t/r t/r scbx-x parallel p if sdram flash dc/dc converter ethernet iom/pcm socrates-u shdsl easyport av 200


▲Up To Search▲   

 
Price & Availability of PXB9202

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X