Part Number Hot Search : 
5MAS1C1A KBU1010G HEDS6545 D64VS4 29302 361206 KBU1010G CXD2163R
Product Description
Full Text Search
 

To Download PSM03S93E5-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  publication date : october 2013 1 < dual - in - line package intelligent power module > psm03s93e5 - a transfer molding type insulated type outline main function and ratings ? 3 phase dc/ac inverter ? 5 00v / 3a ( mosfet ) ? n - side mosfet open source ? built - in bootstrap diodes with current limiting resistor application ? ac 100 ~ 240vrms (dc voltage:400v or below) class low power motor control type name psm03s93e5 - a w ith over temperature protection integrated drive, protection and system control functions for p- side : drive circuit, high voltage high - speed level shifting, control supply under - voltage (uv) protection for n - side : drive circuit, control supply under - voltage protection (uv), short circuit protection (sc) , over temperature protection (ot) fault signaling : correspondin g to sc fault (n - side mosfet ), uv fault (n - side supply) and ot fault input interface : 3, 5v line, schmitt t rigger receiver circuit (high active) ul recognized : ul1557 file e323585 inte rnal circuit v ufb (2) v vfb (3) v wfb (4) w(21) v p (6) w p (7) u p (5) v p1 (8) v nc (9) u n (10) v n (11) w n (12) f o (14) v n1 (13) v nc (16) nw(18) cin(15) nu(20) nv(19) v (2 2 ) u (2 3 ) p (2 4 ) lvic mosfet 1 mosfet 2 mosfet 3 hvic mosfet 4 mosfet 5 mosfet 6
< dual - in - line package intelligent power module > psm 03 s93e5- a transfer moldin g type insulated type publication date : october 2013 2 max imum ratings (t ch = 25c, unless otherwise noted) inverter part symbol parameter condition ratings unit v dd supply voltage applied between p - nu,nv,nw 400 v v dd (surge) supply voltage (surge) applied between p - nu,nv,nw 450 v v dss drain - source voltage 5 0 0 v i d each mosfet drain current t c = 25c 3 a i d p each mosfet drain current (peak) t c = 25c, less than 1ms 6 a p d drain dissipation t c = 25c, per 1 chip 29.4 w t ch channel temperature (note 1 ) - 20~+150 c note1 : the maximum junction temperature rati ng of built - in power chips is 150c(@tc100c).however, to ensure safe operation of dipipm, the average channel temperature should be limited to t ch (ave)125c (@tc100c). control (protection) part symbol parameter c ondition ratings unit v d control s upply voltage applied between v p1 - v nc , v n1 - v nc 20 v v db control supply voltage applied between v ufb - u, v vfb - v, v wfb - w 20 v v in input voltage applied between u p , v p , w p - v pc , u n , v n , w n - v nc - 0.5~v d +0.5 v v fo fault output supply voltage applied between f o - v nc - 0.5~v d +0.5 v i fo fault output current sink current at f o terminal 1 ma v sc current sensing input voltage applied between cin - v nc - 0.5~v d +0.5 v total system symbol parameter c ondition ratings unit v dd (prot) self protection supply voltage limit ( short circuit protection capability) v d = 13.5~16.5v, inverter part tch = 125c, non - repetitive, less than 2 s 400 v t c module case operation temperature measurement point of tc is provided in fig.1 - 20~+100 c t stg storage temperature - 40~+125 c v iso isolation voltage 60hz, sinusoidal, ac 1min, between connected all pins and heat sink plate 1500 v rms fig. 1 : t c measurement point thermal resistance symbol parameter c ondition limits unit min . typ . max . r th( ch - c)q j unction to case t hermal r esistance (note 2 ) 1/6 module - - 3.4 k /w note 2: grease with good thermal conductivity and long - term endurance should be applied evenly with about +100m~+200m on the contacting surface of dipipm and heat sink. the contacting thermal resistance between dipipm case and heat sink rth(c - f) is determined by the thickness and the thermal conductivity of the applied grease. for reference, rth(c - f) is about 0. 3 k /w (per 1/6 module, grease thickness: 20m, thermal conductivity: 1.0w/m?k). control terminals dipipm tc point igbt chip position heat sink side 11.6mm 3mm power terminals
< dual - in - line package intelligent power module > psm 03 s93e5- a transfer moldin g type insulated type publication date : october 2013 3 electrical characteristics (t ch = 25c, unless otherwise noted) inverter part symbol parameter c ondition limits unit min . typ . max . v ds (on) drain - source on - state resistance v d =v db = 15 v, v in = 5 v , i d = 3a t ch = 25 c - 1.50 2.00 t ch = 125 c - 3.40 4.50 v sd source - drain voltage drop v in = 0 v , - i d = 3a - 0.90 1.30 v t on switching t ime s v dd = 300v , v d = v d b = 15 v i d = 3a , tc h = 125c , v in = 0 ? 5v inductive load (upper - lower arm) 0.65 1.15 1.65 s t c(on) - 0.35 0.55 s t off - 1.00 1.50 s t c(off) - 0.10 0.20 s t rr - 0.25 - s i ds s drain - source c ut - off c urrent v ds =v ds s t ch = 25 c - - 1 ma t ch = 125 c - - 10 c ontrol (protection) part symbol parameter condition limits unit min. typ. max. i d circuit current total of v p1 - v nc , v n1 - v nc v d =15v, v in =0v - - 2.80 ma v d =15v, v in =5v - - 2.80 i db each part of v ufb - u, v vfb - v, v wfb - w v d =v db =15v, v in =0v - - 0.1 0 v d =v db =15v, v in =5v - - 0.10 v sc(ref) short circuit trip level v d = 15v (note 3) 0.43 0.48 0.53 v uv dbt p - side control supply under - voltage protection(uv) tc h 125 c trip level 7.0 10.0 12.0 v uv dbr reset level 7.0 10.0 12.0 v uv dt n - side control supply under - voltage protection(uv) trip level 10.3 - 12.5 v uv dr reset level 10.8 - 13.0 v ot t over temperature protection (ot) (note 4 ) v d = 15v trip level 100 120 140 c ot rh detect lvic temperature hysteresis of trip - reset - 10 - c v foh fault output voltage v sc = 0v, f o terminal pull ed up to 5v by 10k 4.9 - - v v fol v sc = 1v, i fo = 1ma - - 0.95 v t fo fault output pulse width (note 5 ) 20 - - s i in input current v in = 5v 0.70 1.00 1.50 ma v th(on) on threshold voltage applied between u p , v p , w p , u n , v n , w n - v nc - 2.1 0 2.6 0 v v th(off) off threshold voltage 0.8 0 1.3 0 - v th(hys) on/off threshold hysteresis voltage 0.35 0.65 - v f bo otstrap di forward voltage i f =10ma including voltage drop by limiting resistor (note 6 ) 1 .1 1.7 2.3 v r built - in limiting resistance included in bootstrap di 80 100 120 note 3 : sc protection works for n - side only . please select the external shunt res istance such that the sc trip - level is less than 1.7 times of the current rating. 4 : w hen the lvic temperature exceeds ot trip temperature level(ot t ) , o t protection works and fo outputs. in that case if the heat sink dropped off or fixed loosely, don't re use that dipipm. (there is a possibility that channel temperature of power chips exceeded maximum tch (150 c). 5 : fault signal fo outputs when sc , uv or ot protection works. fo pulse wid th is different for each protection modes. at sc failure , fo pulse wi dth is a fixed width (=minimum 20 s), but at uv or ot failure, fo output s continuously until recovering from uv or ot state. (but minimum fo pulse width is 20 s. ) 6 : the characteristic s of bootstrap di is described in fig.2 . fig. 2 characteristics of boo tstrap di v f - i f curve (@ta=25 c) including voltage drop by limiting resistor (right chart is enlarged chart.) 0 20 40 60 80 100 120 140 160 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 v f [v] i f [ma] 0 5 10 15 20 25 30 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 v f [v] i f [ma]
< dual - in - line package intelligent power module > psm 03 s93e5- a transfer moldin g type insulated type publication date : october 2013 4 mechanical characteristics and ratings parameter c ondition limits unit min . typ . max . mounting torque mounting screw : m 3 (note 8) r ecommended 0.69 n m 0.59 0.69 0.78 n m terminal pulling strength control terminal: load 4.9n power terminal: load 9.8n eiaj - ed - 4701 10 - - s terminal bending strength control terminal: load 2.45n power terminal: load 4.9n 90deg. bend eiaj - ed - 4701 2 - - times weight - 8.5 - g heat - sink flatness (note 9 ) - 50 - 100 m note 8 : plain washers (iso 7089~ 7094) are recommended . note 9 : measurement point of heat sink flatness recommended operation conditions symbol parameter c ondition l imits unit min . typ . max . v cc supply voltage applied between p - nu, nv, nw 0 300 400 v v d control supply voltage applied between v p1 - v n c , v n1 - v nc 13.5 15.0 16.5 v v db control supply voltage applied between v ufb - u , v vfb - v , v wfb - w 13.0 1 5.0 18.5 v v d , v db control supply variation - 1 - +1 v/ s t dead arm shoot - through blocking time for each input signal 1.0 - - s f pwm pwm input frequency t c 100 c , tc h 125 c - - 20 khz i o allowable r.m.s. current v dd = 300v , v d = 15 v, p.f = 0.8 , s inusoidal p wm t c 100c , tc h 125c (note 10) f pwm = 5khz - - 1 .5 arms f pwm = 15khz - - 1.2 pwin(on) minimum input pulse width (note 1 1 ) 0. 7 - - s pwin(off) 0. 7 - - v n c v nc variation between v nc - nu, nv, nw (including surge) - 5.0 - +5.0 v tc h channel temperature - 20 - +125 c note 10 : a llowable r.m.s. current depends on the actual application conditions. 1 1 : dipipm might not make response if the input signal pulse width is less than pwin(on), pwin(off). 4.6 mm - + heat sink side heat sink side measurement position 17.5 mm + -
< dual - in - line package intelligent power module > psm 03 s93e5- a transfer moldin g type insulated type publication date : october 2013 5 fig. 3 timing charts o f the d ipipm prot ective functions [a] short - circuit protection ( n - side only with the external shunt resistor and rc filter) a1. normal operation: mosfet on and outputs current. a2. short circuit current detection (sc trigger) (it is recommended to set rc time constant 1. 5~2.0 s so that mosfet shut down within 2.0 s when sc.) a3. all n - side mosfet 's gate s are hard interrup ted . a4. all n - side mosfet s turn o f f. a5. f o outputs for t fo =minimum 20 s . a6. input = ? l ? : mosfet off a7. fo finishes output, but mosfet s don't turn on until inputting next on signal ( l ? h ). ( mosfet of e ach phase can return to normal state by inputting on signal to each phase.) a8. normal operation: mosfet on and outputs current. [b] under - voltage protection ( n - side, uv d ) b1. control s upply voltage v d exceeds under voltage reset level ( uv dr ) , but mosfet turns on by next on signal ( l ? h ) . ( mosfet of e ach phase can return to normal state by inputting on signal to each phase.) b2. normal operation: mosfet on and outputs current. b3. v d le vel d rop s to u nder voltage trip level. (uv dt ). b4. all n - side mosfet s turn off in spite of control input condition. b5. fo output s for t fo =min imum 20 s , but output is extended during v d keeps below uv dr . b6. v d level reaches uv dr . b7. normal operation: mo sfet on and output s current. lower - side control input prote ction circuit state internal gate output current i d sense voltage of the shunt resistor error output fo sc trip current level a2 set reset sc reference voltage a1 a3 a6 a7 a4 a8 a5 delay by rc filtering uv dr reset set reset uv dt b1 b2 b3 b4 b6 b7 b 5 control input protection circuit state control supply voltage v d output current i d error output fo
< dual - in - line package intelligent power module > psm 03 s93e5- a transfer moldin g type insulated type publication date : october 2013 6 [c] under - voltage protection ( p- side, uv db ) c1. control supply voltage v db ris es. after the voltage reaches under voltage reset level uv dbr , mosfet turn s on by next on signal ( l ? h ) . c2. normal operation: mos fet on and outputs current. c3. v db level d rops to u nder voltage trip level (uv dbt ). c4. mosfet of the correspond phase only turns off in spite of control input signal level, but there is no f o signal output. c5. v db level reaches uv d br . c6. normal operati on: mosfet on and outputs current. [ d ] over temperature protection ( n - side, detecting lvic temperature ) d1 . normal operation: mosfet on and outputs current. d2. lvic temperature exceeds o ver temperature trip level(ot t ). d3. all n - side mosfet s turn off in spite of control input condition. d4. fo output s for t fo =min imum 20 s , but output is extended during lvic temperature keeps over ot t . d5. lvic temperature drops to over temperature reset level. d6. normal operation: mosfet turn s on by next on signal ( l ? h ) . ( mosfet of e ach phase can return to normal state by inputting on signal to each phase.) control input protection circuit state control supply voltage v db output current i d error output fo uv dbr reset set reset uv dbt keep h igh - level (no fault output) c1 c2 c3 c4 c 5 c 6 set reset ot t d 1 d 2 d3 d5 d6 d4 ot t - ot rh control input protection circuit state temperature of lvic output current i d error output fo
< dual - in - line package intelligent power module > psm 03 s93e5- a transfer moldin g type insulated type publication date : october 2013 7 fig. 4 example o f application circuit (1) if control gnd is connected with power gnd by common broad pattern, it may cause malfunction by power gnd fluctuation. it is recommended to connect control gnd and power gnd at only a point n1 (near the terminal of shunt resistor). (2) it is recommended to insert a zener diode d1 (24v/1w) between each pair of control supply terminals to prevent surge destruction. (3) to prevent surge destruction, the wiring between the smoothing capacitor and the p, n1 terminals should be as short as possible. generally a 0.1 - 0.22 f snubber capacitor c3 between the p - n1 terminals is recommended. (4) r1, c4 of rc filter for preventing protection circuit mal function is recommended to select tight tolerance, temp - compensated type. t he time constant r1c4 should be set so that sc current is shut down within 2s. ( 1.5s~2s is general value.) sc interrupting time might vary with the wiring pattern , so the enough evaluation on the real system is necessary. (5) to prevent malfunction, the wiring of a, b, c should be as short as possible. (6) the point d at which the wiring to cin filter is divided should be near the terminal of shunt resistor. nu, nv, nw terminals should be connected at near nu, n v, nw terminals. (7) all capacitors should be mounted as close to the terminals as possible. (c1 : good temperature, frequency c har acteris tic e lectrolytic type and c2:0.22 - 2 f, good temperature, frequency and dc bias characteristic ceramic type are recommended.) (8) input drive is high - active type. there is a minimum 3.3k pull - down resistor in the input circuit of ic. to prevent malfunction, the wiring of each input should be as short as possible. when using rc coupling circuit, make sure the input signal level meet the t urn - on and turn - off threshold voltage. (9) f o output is open drain type. it should be pulled up to mcu or control power supply (e.g. 5v ,15v ) by a resistor that ma kes i fo up to 1ma. (i fo is es timated roughly by the formula of control power supply voltage divided by pull - up resistance. in the case of pulled up to 5v, 10k (5 k or more) is recommended. ) (10) thanks to built - in hvic , direct coupling to mcu without any opto - coupler or transformer isolation is possible. (11) two v nc terminals (9 & 16 pin) are connected inside dipipm, please connect either one to the 15v power supply g nd outside and leave another one open. (12) if high frequency noise superimposed to the control supply line, ic malfunction might happen and cause dipipm erroneous opera tion. to avoid such problem, line ripple voltage should meet dv/dt +/ - 1v/ s, vripple 2vp- p. (13) for dipipm, it isn't recommended to drive same load by parallel connection with other phase mosfet or other dipipm. long gnd wiring might generate noise to input signal and cause mosfet malfunction. long wiring might cause sc level fluctuation and malfunction. long wiring might cau se short circuit failure bootstrap negative electrodes should be connected to u,v,w terminals directly and separated from the main output wires power gnd wiring control gnd wiring d1 + + mcu c2 15v v d m c4 r1 shunt resistor n1 b c 5v a c2 v ufb (2) v vfb (3) v wfb (4) + u n (10) v n (11) w n (12) fo(14) v n1 (13) v nc (16) p(24) u(23) w(21) lvic v(22) v p (6) w p (7) u p (5) v p1 (8) cin(15) mosfet1 mosfet2 mosfet3 c1 c1 c2 + d d1 v nc (9) c3 hvic nw(18) mosfet4 mosfet5 mosfet6 nu(20 ) nv(19) +
< dual - in - line package intelligent power module > psm 03 s93e5- a transfer moldin g type insulated type publication date : october 2013 8 fig. 5 mcu i/o i nterface c ircuit fig. 6 pattern wiring around the shunt resistor fig. 7 pattern w iring around the shunt resistor (for the case of open source ) when dipipm is operated with three shunt resistors, voltage of each shunt resistor cannot be input to cin terminal directly. in that case, it is necessary to use the external protection circui t as below. (1) it is necessary to set the time constant r f c f of external comparator input so that mosfet stop s within 2 s when short circuit occurs. sc interrupting time might vary with the wiring pattern, comparator speed and so on. (2) it is recommended for t he threshold voltage vref to s et to the same rating of short circuit trip level (vsc(ref) : typ. 0.48v). (3) s elect the external shunt resist ance so that sc trip - level is less than specified value (=1.7 times of rating current). (4) t o avoid malfunction, the wiring a, b, c should be as short as possible. (5) the point d at which the wiring to comparator is divided should be close to the terminal of shunt resistor. (6) or output high level when protection works should be over 0.53v (=maximum v sc(ref) rating ). u p ,v p ,w p ,u n ,v n ,w n fo v nc (logic) dipipm mcu 10k 5v line 3.3k (min) note) design for input rc filter depends on pwm control scheme used in the application and wiring impedance of the printed circuit board. dipipm input signal interface integrates a minimum 3.3k pull - down resistor. therefore, when inserting rc filter, it is nec essary to satisfy turn - on threshold voltage requirement. fo output is open drain type . it should be pulled up to control power supply (e.g. 5v , 15v ) with a resistor that makes fo sink current i fo 1ma or less . in the case of pull ed up to 5v supply, 10k 5k or more is recommended. wiring inductance should be less than 10nh. i nductance of a copper pattern with length=17mm, width=3mm is about 10nh. nu, nv, nw should be connected each other at near terminals. n1 v nc nu nv nw dipipm v nc gnd wiring f rom v nc should be connected close to the terminal of shunt resistor . shunt resistor dipipm nu nv nw n1 low inductance shunt resistor like s urface mounted (smd) type is recommended . gnd wiring from v nc should be connected close to the terminal of shun t resistor . shunt resistor s each w iring inductance should be less than 10nh. inductance of a copper pattern with length=17mm, width=3mm is about 10nh. comparators (open collector output type) external protection circuit or output - vref + vref vref shunt resistors r f c f 5v b a c d n1 - + - + v u w dipipm p n - side mosfets p - side mosfets drive circuit v nc nw drive circuit cin nv nu protection circuit
< dual - in - line package intelligent power module > psm 03 s93e5- a transfer moldin g type insulated type publication date : october 2013 9 fig. 8 p ackage o utlines long terminal type ( psm03s93e5 - a) dimensions in mm 1 ) 9 & 16 pins (v nc ) are connected inside dipipm, please connect either one to the contro l power supply gnd outside and leave another one open. qr code is registered trademark of denso wave incorporated in japan and other countries. terminal code 1 - a nc(v nc ) 1 - b nc(v p1 ) 2 v ufb 3 v vfb 4 v wfb 5 u p 6 v p 7 w p 8 v p1 9 v nc * 1 1 0 u n 11 v n 12 w n 13 v n1 14 fo 15 cin 16 v nc * 1 17 nc 18 nw 19 nv 20 nu 2 1 w 22 v 23 u 24 p 25 nc
< dual - in - line package intelligent power module > psm 03 s93e5- a transfer moldin g type insulated type publication date : october 2013 10 revision record rev. date page revised content s 1 10 / 1 5 /201 3 - new
< dual - in - line package intelligent power module > psm 03 s93e5- a transfer moldin g type insulated type publication date : october 2013 11 ? 201 3 mitsubishi electric corporation. all rights reserved. dipipm and cstbt are registered trademarks of mitsubishi ele c tric corporation. keep safety first in your circuit designs! mitsubishi electric corporation puts the maximum effort into making semiconduc tor products better and more reliable, but there is always the possibility that trouble may occur with them. trouble with semiconductors may lead to personal injury, fire or property damage. remember to give due consideration to safety when making your cir cuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of non - flammable material or (iii) prevention against any malfunction or mishap. notes regarding these materials ? these materials are intended as a reference to assist our customers in the selection of the mitsubishi semiconductor product best suited to the customer?s application; they do not convey any license under a ny intellectual property rights, or any other rights, belonging to mitsubishi electri c corporation or a third party. ? mitsubishi electric corporation assumes no responsibility for any damage, or infringement of any third - party?s rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. ? all information contained in these materials, including product data, diagrams, charts, programs and algorithms represents infor mation on products at the time of publication of these material s, and are subject to change by mitsubishi electric corporation without notice due to product improvements or other reasons. it is therefore recommended that customers contact mitsubishi electr ic corporation or an authorized m itsubishi semiconductor product distributor for the latest product information before purchasing a product listed herein. the information described here may contain technical inaccuracies or typographical errors. mitsubishi electric corporation assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. please also pay attention to information published by mitsubishi electric corporation by various means, including the mitsubi shi semiconductor home page (http: //www . m itsubishi e lectric.com/ ). ? when using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a to tal system before making a final decision on the applicability of the information and products. mitsubishi electric corporation assumes no responsibility for any damage, liability or other loss resulting from th e information contained herein. ? mitsubishi e lectric corporation semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. please contact mitsubishi electric corporation or an authorized mitsubishi semiconductor product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or underse a repeater use. ? the prior written approval of mitsubishi electric corporation is necessary to reprint or reproduce in wh ole or in part these materials. ? if these products or technologies are subject to the japanese export control restrictions, they must be exported under a license from the japanese government and cannot be imported into a country other than the approved destination. any diversion or re - export contrary to the export control laws and regulations of japan and/or the country of destination is p rohibited. ? please contact mitsubishi electric corporation or an authorized mitsubishi semiconductor product distributor for further details on these materials or the products contained therein.


▲Up To Search▲   

 
Price & Availability of PSM03S93E5-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X