Part Number Hot Search : 
28F008S3 LS373 80010 C02WDS3 MCH6626 F2002 CDBN0145 MA4P159
Product Description
Full Text Search
 

To Download PS2505-4XG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  isocom components ltd unit 25b, park view road west, park view industrial estate, brenda road hartlepool, cleveland, ts25 1yd tel: (01429) 863609 fax :(01429) 863581 15/4/03 db92393m-aas/a4 0.26 20.32 19.32 3.35 4.0 3.0 0.5 13 max 7.0 6.0 2.54 1.2 0.5 3.0 1.2 3.0 3.35 7.0 6.0 0.5 0.5 7.62 0.26 13 max 2.54 3.0 10.16 9.16 4.0 3.0 3.35 0.5 7.0 6.0 7.62 1.2 13 max 0.5 0.26 2.54 dimensions in mm high density a.c. input phototransistor optically coupled isolators 1 2 3 7 8 16 15 10 4 13 11 12 14 9 6 5 4 8 7 6 2 1 3 5 4 3 1 2 approvals l ul recognised, file no. e91231 'x' specification approvals l vde 0884 in 3 available lead form : - - std - g form - smd approved to cecc 00802 l l certified to en60950 by the following test bodies :- nemko - certificate no. p01102465 fimko - certificate no. fi18162 semko - reference no. 0202041/01-25 demko - certificate no. 311161-01 l l bsi approved - certificate no. 8001 description the ps2505-1, ps2505-2, ps2505-4 series of optically coupled isolators consist of two infrared light emitting diodes connected in inverse parallel and npn silicon photo transistors in space efficient dual in line plastic packages. features l options :- 10mm lead spread - add g after part no. surface mount - add sm after part no. tape&reel - add smt&r after part no. l high isolation voltage (5.3kv rms ,7.5kv pk ) l ac or polarity insensitive input l all electrical parameters 100% tested l custom electrical selections available applications l computer terminals l industrial systems controllers l telephone sets, telephone exchangers l signal transmission between systems of different potentials and impedances 5.08 4.08 4.0 3.0 7.62 ps2505-1x, ps2505-2x, ps2505-4x ps2505-1, ps2505-2, ps2505-4 ps2505-2x ps2505-2 ps2505-1x ps2505-1 ps2505-4x ps2505-4 option g 7.62 surface mount option sm 10.16 0.26 10.46 9.86 0.6 0.1 1.25 0.75 isocom inc 1024 s. greenville ave, suite 240, allen, tx 75002 usa tel: (214) 495-0755 fax: (214) 495-0901 e-mail info@isocom.com http://www.isocom.com
db92393m-aas/a4 parameter min typ max units test condition input forward voltage (v f ) 1.2 1.4 v i f = 10ma output collector-emitter breakdown (bv ceo ) 80 v i c = 1ma ( note 2 ) emitter-collector breakdown (bv eco ) 6 v i e = 100 m a collector-emitter dark current (i ceo ) 100 na v ce = 40v coupled current transfer ratio (ctr) (note 2) ps2505-1, ps2505-2, ps2505-4 80 600 % 5mai f , 5v v ce collector-emitter saturation voltagev ce (sat) 0.3 v 10mai f , 2mai c input to output isolation voltage v iso 5300 v rms see note 1 7500 v pk see note 1 input-output isolation resistance r iso 5x10 10 w v io = 500v (note 1) output rise time tr 3 m s v cc = 10v , output fall time tf 5 m s i c = 2ma, r l = 100 w 15/4/03 electrical characteristics ( t a = 25c unless otherwise noted ) note 1 measured with input leads shorted together and output leads shorted together. note 2 special selections are available on request. please consult the factory absolute maximum ratings (25c unless otherwise specified) storage temperature -55c to + 125c operating temperature -30c to + 100c lead soldering temperature (1/16 inch (1.6mm) from case for 10 secs) 260c input diode forward current 50ma power dissipation 70mw output transistor collector-emitter voltage bv ceo 80v emitter-collector voltage bv eco 6v power dissipation 150mw power dissipation total power dissipation 200mw (derate linearly 2.67mw/ c above 25c)
db92393m-aas/a4 15/4/03 50 -30 0 25 50 75 100 125 ambient temperature t a ( c ) 150 0 200 ambient temperature t a ( c ) collector power dissipation p c (mw) 60 30 20 10 0 40 50 -30 0 25 50 75 100 125 collector power dissipation vs. ambient temperature forward current vs. ambient temperature 100 t a = 25c 0 1 2 3 4 5 forward current i f (ma) collector-emitter saturation voltage vs. forward current collector current vs. collector-emitter voltage collector-emitter voltage v ce ( v ) collector current i c (ma) current transfer ratio vs. forward current current transfer ratio ctr (%) 1 2 5 10 20 50 0 80 120 160 200 240 0 2 4 6 8 10 0 10 20 30 40 50 40 t a = 25c 280 320 forward current i f (ma) collector-emitter saturation voltage v ce(sat) (v) 0 5 10 15 6 v ce = 5v t a = 25c i f = 5ma 2ma ic =1ma 8ma 5ma 3ma 10 15 20 30 50 -30 0 25 50 75 100 ambient temperature t a ( c ) collector-emitter saturation voltage v ce(sat) (v) collector-emitter saturation voltage vs. ambient temperature 0 0.04 0.08 0.12 0.16 0.20 0.24 0.28 i f = 10ma i c = 2ma forward current i f (ma)


▲Up To Search▲   

 
Price & Availability of PS2505-4XG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X