Part Number Hot Search : 
D5028UK LHO44 AP432AV 9F020 APR50B10 78S06 DBL157G LUWCN7N
Product Description
Full Text Search
 

To Download PEH536JAE4470M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com a4025_peh536 ? 9/9/2013 benefts ? snap-in ? 6,000 hours at +105c ? pcb mounting ? low esr and esl ? high ripple current overview kemet's peh536 is a long-life electrolytic capacitor designed to offer high ripple current capability and low mounting cost. low esr is the result of a very low resistive paper/electrolyte system. low esr, together with the tdc thermal concept, gives the peh536 a high ripple current capability. applications typical applications for kemet's peh536 capacitor include switch mode power supplies (smps), drives, welding equipment, uninterruptible power supplies (ups), and other power electronic applications where high current ratings and compact size are important. snap-in aluminum electrolytic capacitors peh536 series, +105oc part number system peh536 j ad 439 0 m 2 series voltage (vdc) size code capacitance code (f) version capacitance tolerance termination snap-in type aluminum electrolytic j = 35 m = 63 p = 100 r = 200 s = 250 u = 350 v = 400 y = 450 see dimension table the second two digits indicate the two most signifcant digits of the capacitance value. the frst digit indicates the total number digits. 0 = standard m = 20% see termination table one world. one kemet free datasheet http://
2 ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com a4025_peh536 ? 9/9/2013 performance characteristics item performance characteristics capacitance range 47 C 18,000 f rated voltage 35 C 450 vdc temperature range -40 to +105c capacitance tolerance 20% at 100 hz / +20c operational lifetime +105c (hours) 6,000 shelf life 4 years at +40c 0 vdc leakage current i = 0.003 cv (a) c = rated capacitance (f), v = rated voltage (vdc). voltage applied for 5 minutes at +20c. vibration test specifcations procedure requirements 0.75 mm displacement amplitude or 10g maximum acceleration. vibration applied for three 2-hour sessions at 10 C 500 hz (capacitor clamped by body). no leakage of electrolyte or other visible damage. deviations in capacitance and tan from initial measurements must not exceed: ? c/c < 5% standards iec 60384-4 long life grade 40/85/56, in accordance with cecc 30 301C809 test method & performance endurance life test conditions performance temperature +105c test duration 2,000 hours ripple current maximum ripple current specifed in table voltage the sum of dc voltage and the peak ac voltage must not exceed the rated voltage of the capacitor performance the following specifcations will be satisfed when the capacitor is tested at +20c: 160 v within 15% of the initial value > 160 v within 10% of the initial value equivalent series resistance does not exceed 200% of the initial value leakage current does not exceed leakage current limit snap-in aluminum electrolytic capacitors C peh536, +105oc free datasheet http://
3 ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com a4025_peh536 ? 9/9/2013 dimensions C millimeters d x l size code dimensions in mm d1 l1 0.5 1.0 22 x 30 ac 22.5 31 22 x 35 ad 22.5 36 22 x 40 ae 22.5 41 22 x 45 af 22.5 46 22 x 50 ag 22.5 51 25 x 25 bb 25.5 26 25 x 30 bc 25.5 31 25 x 35 bd 25.5 36 25 x 40 be 25.5 41 25 x 45 bf 25.5 46 25 x 50 bg 25.5 51 30 x 25 cb 30.5 26 30 x 30 cc 30.5 31 30 x 35 cd 30.5 36 30 x 40 ce 30.5 41 30 x 45 cf 30.5 46 30 x 50 cg 30.5 51 35 x 25 db 35.5 26 35 x 30 dc 35.5 31 35 x 35 dd 35.5 36 35 x 40 de 35.5 41 35 x 45 df 35.5 46 35 x 50 dg 35.5 51 35 x 55 dh 35.5 56 35 x 60 di 35.5 61 40 x 60 ei 40.5 61 40 x 70 ek 40.5 71 40 x 80 em 40.5 81 40 x 100 eq 40.5 101 note: add 0.5 mm to d and 1 mm to l for sleeving snap-in aluminum electrolytic capacitors C peh536, +105oc free datasheet http://
4 ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com a4025_peh536 ? 9/9/2013 termination tables termination code 2 2s 3 4 4s diameter (mm) 22 ? ? ? 25 ? ? ? 30 ? ? ? 35 ? ? ? ? ? 40 ? ? ? ? ? mounting: these capacitors are designed to be mounted by their terminations alone and may be used in any position. dummy pins on 4-pin decks must be isolated. termination code termination style ll 1 standard termination option 2 2 pin 6.3 4 (d = 40) 4 pin 6.3 other termination options 2s 2 pin 4 3 3 pin 4 4s 4 pin 4 dimensions in mm snap-in aluminum electrolytic capacitors C peh536, +105oc - ve 30 4holes ?2 0.1 on a ?22.5 pcd + ve 30 + - ll style 4/4s - + ?2 0.1 typical 3.3 0.1 ?2.5 minimum 4.75 0.1 10 0.1 + ve ll style 3 l d 2 0.1 10 0.1 ll style 2/2s free datasheet http://
5 ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com a4025_peh536 ? 9/9/2013 shelf life the capacitance, esr and impedance of a capacitor will not change signifcantly after extended storage periods, however the leakage current will very slowly increase. kemet products are particularly stable and allow a shelf life in excess of three years at 40c. see sectional specifcation under each product series for specifc data. re-age (reforming) procedure apply the rated voltage to the capacitor at room temperature for a period of one hour, or until the leakage current has fallen to a steady value below the specifed limit. during re-aging a maximum charging current of twice the specifed leakage current or 5 ma (whichever is greater) is suggested. reliability the reliability of a component can be defned as the probability that it will perform satisfactorily under a given set of conditions for a given length of time. in practice, it is impossible to predict with absolute certainty how any individual component will perform; thus, we must utilize probability theory. it is also necessary to clearly defne the level of stress involved (e.g. operating voltage, ripple current, temperature and time). finally, the meaning of satisfactory performance must be defned by specifying a set of conditions which determine the end of life of the component. reliability as a function of time, r(t), is normally expressed as: r(t)=e- t where r(t) is the probability that the component will perform satisfactorily for time t, and is the failure rate. failure rate the failure rate is the number of components failing per unit time. the failure rate of most electronic components follows the characteristic pattern: ? early failures are removed during the manufacturing process. ? the operational life is characterized by a constant failure rate. ? the wear out period is characterized by a rapidly increasing failure rate. the failures in time (fit) are given with a 60% confdence level for the various type codes. by convention, fit is expressed as 1 x 10 -9 failures per hour. failure rate is also expressed as a percentage of failures per 1,000 hours. e.g., 100 fit = 1 x 10 -7 failures per hour = 0.01%/1,000 hours end of life defnition catastrophic failure: short circuit, open circuit or safety vent operation parametric failure: ? change in capacitance > 10% ? leakage current > specifed limit ? esr > 2 x initial esr value snap-in aluminum electrolytic capacitors C peh536, +105oc free datasheet http://
6 ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com a4025_peh536 ? 9/9/2013 mtbf the mean time between failures (mtbf) is simply the inverse of the failure rate. mtbf= 1/ the failure rate is derived from our periodic test results. the failure rate ( r ) is, therefore, only given at test temperature for life tests. an estimation is also given at 40c. the expected failure rate for this capacitor range is based on our periodic test results for capacitors with structural similarity. failure rate is frequently quoted in fit (failures in time) where 1 fit = 1 x 10 -9 failures per hour. failure rate per hour includes both catastrophic and parametric failures. environmental compliance as an environmentally conscious company, kemet is working continuously with improvements concerning the environmental effects of both our capacitors and their production. in europe (rohs directive) and in some other geographical areas like china, legislation has been put in place to prevent the use of some hazardous materials, such as lead (pb), in electronic equipment. all products in this catalog are produced to help our customers obligations to guarantee their products and fulfll these legislative requirements. the only material of concern in our products has been lead (pb), which has been removed from all designs to fulfll the requirement of containing less than 0.1% of lead in any homogeneous material. kemet will closely follow any changes in legislation world wide and makes any necessary changes in its products, whenever needed. some customer segments such as medical, military and automotive electronics may still require the use of lead in electrode coatings. to clarify the situation and distinguish products from each other, a special symbol is used on the packaging labels for rohs compatible capacitors. because of customer requirements, there may appear additional markings such as lf = lead free or lfw = lead free wires on the label. snap-in aluminum electrolytic capacitors C peh536, +105oc wear out early failures operational life failure rate time free datasheet http://
7 ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com a4025_peh536 ? 9/9/2013 table 1 C ratings & part number reference (1) termination code: see termination tables for available options. vdc rated capacitance size code case size ripple current maximum esr maximum part number 100 hz 20c (f) d x l (mm) 100 hz 105c (a) 20 khz 40c (a) 100 hz 20c (m) 100 khz 20c (m) 35 3900 ad 22 x 35 2.4 9.0 54 39 peh536jad4390m(1) 35 3900 bc 25 x 30 2.2 7.8 60 45 peh536jbc4390m(1) 35 4700 ae 22 x 40 2.8 0.2 45 33 PEH536JAE4470M(1) 35 5600 bd 25 x 35 2.7 9.1 44 34 peh536jbd4560m(1) 35 5600 cc 30 x 30 2.4 7.8 53 43 peh536jcc4560m(1) 35 5600 db 35 x 25 2.0 5.9 78 68 peh536jdb4560m(1) 35 6800 be 25 x 40 3.1 10.4 37 28 peh536jbe4680m(1) 35 6800 cd 30 x 35 2.9 9.4 42 33 peh536jcd4680m(1) 35 8200 bf 25 x 45 3.4 11.6 31 24 peh536jbf4820m(1) 35 8200 cd 30 x 35 2.8 8.9 42 35 peh536jcd4820m(1) 35 8200 dc 35 x 30 3.7 12.6 30 23 peh536jdc4820m(1) 35 10000 bg 25 x 50 3.7 12.3 27 21 peh536jbg5100m(1) 35 10000 ce 30 x 40 4.6 16.6 22 16 peh536jce5100m(1) 35 12000 cf 30 x 45 5.1 18.1 19 14 peh536jcf5120m(1) 35 12000 dd 35 x 35 4.4 14.5 22 17 peh536jdd5120m(1) 35 15000 de 35 x 40 5.0 16.5 18 14 peh536jde5150m(1) 35 18000 dg 35 x 50 6.1 20.4 14 11 peh536jdg5180m(1) 63 1800 ad 22 x 35 1.9 7.3 100 74 peh536mad4180m(1) 63 1800 bc 25 x 30 2.0 8.2 97 68 peh536mbc4180m(1) 63 1800 cb 30 x 25 2.0 7.8 100 72 peh536mcb4180m(1) 63 2200 bd 25 x 35 2.1 7.8 88 65 peh536mbd4220m(1) 63 2200 cc 30 x 30 2.3 9.4 81 57 peh536mcc4220m(1) 63 2200 db 35 x 25 2.3 8.6 86 62 peh536mdb4220m(1) 63 2700 ag 22 x 50 2.5 9.8 68 49 peh536mag4270m(1) 63 2700 be 25 x 40 2.4 8.9 73 53 peh536mbe4270m(1) 63 2700 cd 30 x 35 2.7 10.9 66 46 peh536mcd4270m(1) 63 3300 bg 25 x 50 2.8 10.7 58 43 peh536mbg4330m(1) 63 3300 cd 30 x 35 2.9 11.5 55 40 peh536mcd4330m(1) 63 3900 ce 30 x 40 3.3 13.0 47 34 peh536mce4390m(1) 63 3900 dc 35 x 30 3.0 10.9 52 38 peh536mdc4390m(1) 63 4700 cf 30 x 45 3.7 14.6 39 28 peh536mcf4470m(1) 63 4700 dd 35 x 35 3.5 12.9 42 31 peh536mdd4470m(1) 63 6800 df 35 x 45 4.5 16.4 30 22 peh536mdf4680m(1) 63 8200 dg 35 x 50 5.0 17.9 25 19 peh536mdg4820m(1) 100 560 ac 22 x 30 1.1 4.3 320 240 peh536pac3560m(1) 100 560 bb 25 x 25 1.1 4.0 330 250 peh536pbb3560m(1) 100 680 ad 22 x 35 1.2 5.0 260 190 peh536pad3680m(1) 100 680 bc 25 x 30 1.2 4.8 270 200 peh536pbc3680m(1) 100 820 ae 22 x 40 1.4 5.6 220 160 peh536pae3820m(1) 100 820 bc 25 x 30 1.3 5.1 230 170 peh536pbc3820m(1) 100 820 cb 30 x 25 1.4 5.6 220 160 peh536pcb3820m(1) 100 1000 bd 25 x 35 1.6 6.0 180 140 peh536pbd4100m(1) 100 1000 cc 30 x 30 1.7 6.6 180 130 peh536pcc4100m(1) 100 1200 be 25 x 40 1.8 6.8 150 120 peh536pbe4120m(1) 100 1200 cd 30 x 35 1.9 7.7 150 110 peh536pcd4120m(1) 100 1500 bg 25 x 50 2.1 8.1 120 92 peh536pbg4150m(1) 100 1500 ce 30 x 40 2.2 8.9 120 88 peh536pce4150m(1) 100 2200 cg 30 x 50 2.8 11.2 81 61 peh536pcg4220m(1) 100 2200 de 35 x 40 2.8 10.9 83 62 peh536pde4220m(1) 100 2700 df 35 x 45 3.2 12.3 68 51 peh536pdf4270m(1) 100 3300 dg 35 x 50 3.6 13.8 56 43 peh536pdg4330m(1) 100 4700 dh 35 x 55 4.3 15.8 42 32 peh536pdh4470m(1) 200 220 ac 22 x 30 0.7 5.4 550 270 peh536rac3220m(1) 200 270 bc 25 x 30 0.8 5.9 460 220 peh536rbc3270m(1) 200 330 ae 22 x 40 0.9 7.2 370 180 peh536rae3330m(1) 200 330 bd 25 x 35 1.0 6.9 370 190 peh536rbd3330m(1) 200 470 ag 22 x 50 1.2 8.8 260 130 peh536rag3470m(1) 200 470 be 25 x 40 1.2 8.1 270 130 peh536rbe3470m(1) 200 560 bf 25 x 45 1.3 9.1 220 110 peh536rbf3560m(1) 200 560 cd 30 x 35 1.4 10.4 220 110 peh536rcd3560m(1) vdc rated capacitance size code case size ripple current part number snap-in aluminum electrolytic capacitors C peh536, +105oc free datasheet http://
8 ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com a4025_peh536 ? 9/9/2013 table 1 C ratings & part number reference cont'd (1) termination code: see termination tables for available options. vdc rated capacitance size code case size ripple current maximum esr maximum part number 100 hz 20c (f) d x l (mm) 100 hz 105c (a) 20 khz 40c (a) 100 hz 20c (m) 100 khz 20c (m) 200 680 bg 25 x 50 1.5 10.0 180 93 peh536rbg3680m(1) 200 680 ce 30 x 40 1.6 11.8 180 88 peh536rce3680m(1) 200 680 dd 35 x 35 1.6 11.5 180 90 peh536rdd3680m(1) 200 820 cf 30 x 45 1.8 13.3 150 73 peh536rcf3820m(1) 200 820 dd 35 x 35 1.8 11.8 150 77 peh536rdd3820m(1) 200 1000 cg 30 x 50 2.0 14.8 120 61 peh536rcg4100m(1) 200 1000 de 35 x 40 2.0 13.5 130 63 peh536rde4100m(1) 200 1200 dg 35 x 50 2.3 16.2 100 52 peh536rdg4120m(1) 250 150 ac 22 x 30 0.6 5.3 660 280 peh536sac3150m(1) 250 220 ae 22 x 40 0.8 7.0 450 190 peh536sae3220m(1) 250 220 bc 25 x 30 0.8 6.0 460 200 peh536sbc3220m(1) 250 270 bd 25 x 35 0.9 7.1 370 160 peh536sbd3270m(1) 250 330 be 25 x 40 1.0 8.1 300 130 peh536sbe3330m(1) 250 330 cc 30 x 30 1.1 8.8 300 130 peh536scc3330m(1) 250 390 bf 25 x 45 1.2 9.0 260 110 peh536sbf3390m(1) 250 470 bg 25 x 50 1.3 9.9 210 96 peh536sbg3470m(1) 250 470 ce 30 x 40 1.4 11.7 210 91 peh536sce3470m(1) 250 560 cf 30 x 45 1.6 13.1 180 76 peh536scf3560m(1) 250 680 cg 30 x 50 1.8 14.5 150 63 peh536scg3680m(1) 250 680 de 35 x 40 1.8 13.4 150 66 peh536sde3680m(1) 250 820 df 35 x 45 2.0 15.0 120 55 peh536sdf3820m(1) 250 1000 dg 35 x 50 2.3 16.5 100 46 peh536sdg4100m(1) 350 100 ac 22 x 30 0.6 3.9 1000 600 peh536uac3100m(1) 350 100 bb 25 x 25 0.6 3.7 1100 620 peh536ubb3100m(1) 350 120 ad 22 x 35 0.6 4.5 870 500 peh536uad3120m(1) 350 150 ae 22 x 40 0.7 5.2 700 400 peh536uae3150m(1) 350 150 bc 25 x 30 0.7 4.7 710 410 peh536ubc3150m(1) 350 180 af 22 x 45 0.8 5.8 580 340 peh536uaf3180m(1) 350 220 ag 22 x 50 1.0 6.5 480 280 peh536uag3220m(1) 350 220 be 25 x 40 1.0 6.2 480 280 peh536ube3220m(1) 350 270 bg 25 x 50 1.1 7.4 390 230 peh536ubg3270m(1) 350 270 ce 30 x 40 1.2 8.1 390 220 peh536uce3270m(1) 350 330 cf 30 x 45 1.3 9.2 320 180 peh536ucf3330m(1) 350 330 dd 35 x 35 1.3 8.7 320 190 peh536udd3330m(1) 350 470 de 35 x 40 1.6 10.5 230 130 peh536ude3470m(1) 350 560 df 35 x 45 1.8 11.8 190 110 peh536udf3560m(1) 350 560 dg 35 x 50 1.9 12.4 190 110 peh536udg3560m(1) 350 680 di 35 x 60 2.2 14.3 160 91 peh536udi3680m(1) 350 1000 em 40 x 80 2.9 18.5 110 63 peh536uem4100m(1) 400 68 ac 22 x 30 0.5 3.6 1300 710 peh536vac2680m(1) 400 68 bb 25 x 25 0.5 3.5 1300 720 peh536vbb2680m(1) 400 82 ad 22 x 35 0.6 4.2 1100 590 peh536vad2820m(1) 400 100 ad 22 x 35 0.6 4.6 870 480 peh536vad3100m(1) 400 100 bc 25 x 30 0.6 4.4 880 490 peh536vbc3100m(1) 400 120 ae 22 x 40 0.7 5.2 720 400 peh536vae3120m(1) 400 150 ag 22 x 50 0.8 6.1 580 320 peh536vag3150m(1) 400 150 be 25 x 40 0.8 5.9 580 330 peh536vbe3150m(1) 400 150 cc 30 x 30 0.9 6.2 580 320 peh536vcc3150m(1) 400 180 cd 30 x 35 1.0 7.1 480 270 peh536vcd3180m(1) 400 180 dc 35 x 30 1.0 7.1 480 270 peh536vdc3180m(1) 400 220 bg 25 x 50 1.1 7.4 400 220 peh536vbg3220m(1) 400 220 ce 30 x 40 1.1 8.2 390 220 peh536vce3220m(1) 400 270 cf 30 x 45 1.3 9.3 320 180 peh536vcf3270m(1) 400 330 cg 30 x 50 1.5 10.5 260 150 peh536vcg3330m(1) 400 330 de 35 x 40 1.5 10.1 270 150 peh536vde3330m(1) 400 390 df 35 x 45 1.7 11.3 230 130 peh536vdf3390m(1) 400 470 dg 35 x 50 1.9 12.6 190 110 peh536vdg3470m(1) 400 560 dh 35 x 55 2.1 13.9 160 89 peh536vdh3560m(1) 400 680 ei 40 x 60 2.5 15.9 130 74 peh536vei3680m(1) 400 1000 em 40 x 80 3.1 19.7 90 51 peh536vem4100m(1) vdc rated capacitance size code case size ripple current part number snap-in aluminum electrolytic capacitors C peh536, +105oc free datasheet http://
9 ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com a4025_peh536 ? 9/9/2013 vdc rated capacitance size code case size ripple current maximum esr maximum part number 100 hz 20c (f) d x l (mm) 100 hz 105c (a) 20 khz 40c (a) 100 hz 20c (m) 100 khz 20c (m) 400 1500 eq 40 x 100 3.9 22.9 61 35 peh536veq4150m(1) 450 47 ac 22 x 30 0.4 3.4 1500 840 peh536yac2470m(1) 450 68 ae 22 x 40 0.6 4.4 1100 580 peh536yae2680m(1) 450 68 bc 25 x 30 0.6 4.1 1100 580 peh536ybc2680m(1) 450 100 af 22 x 45 0.7 5.4 720 390 peh536yaf3100m(1) 450 100 bd 25 x 35 0.7 5.2 730 400 peh536ybd3100m(1) 450 120 ag 22 x 50 0.8 6.0 600 330 peh536yag3120m(1) 450 150 bf 25 x 45 0.9 6.7 490 270 peh536ybf3150m(1) 450 150 cd 30 x 35 1.0 7.2 480 260 peh536ycd3150m(1) 450 180 ce 30 x 40 1.1 8.2 400 220 peh536yce3180m(1) 450 220 cf 30 x 45 1.3 9.3 330 180 peh536ycf3220m(1) 450 220 de 35 x 40 1.3 9.4 330 180 peh536yde3220m(1) 450 270 cg 30 x 50 1.4 10.4 270 150 peh536ycg3270m(1) 450 270 df 35 x 45 1.5 10.7 270 150 peh536ydf3270m(1) 450 330 dg 35 x 50 1.7 11.9 220 120 peh536ydg3330m(1) 450 390 dh 35 x 55 1.9 13.2 190 100 peh536ydh3390m(1) 450 470 di 35 x 60 2.1 14.5 160 86 peh536ydi3470m(1) 450 560 ei 40 x 60 2.4 16.0 130 73 peh536yei3560m(1) 450 680 ek 40 x 70 2.7 17.9 110 61 peh536yek3680m(1) 450 1000 eq 40 x 100 3.4 21.9 75 42 peh536yeq4100m(1) vdc rated capacitance size code case size ripple current esr part number table 1 C ratings & part number reference cont'd mechanical data the capacitor may be mounted in any position. peh536 is supplied with a pvc insulation sleeve, thickness 0.3 mm. voltage proof of the insulation sleeve = 2.5 kvdc (1 min). the minus pole is marked on the case surface. ul recognized sleeving is available for custom parts in this range, upon request. (ul no. e358957) print detail standard marking for peg and peh types ? kemet logo ? rated capacitance ? capacitance tolerance ? rated voltage ? date code ? polarity indication ? article code snap-in aluminum electrolytic capacitors C peh536, +105oc free datasheet http://
10 ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com a4025_peh536 ? 9/9/2013 construction the manufacturing process begins with the anode foil being electrochemically etched to increase the surface area and then formed to produce the aluminum oxide layer. both the anode and cathode foils are then interleaved with absorbent paper and wound into a cylinder. during the winding process, aluminum tabs are attached to each foil to provide the electrical contact. the deck, complete with terminals, is attached to the tabs and then folded down to rest on top of the winding. the complete winding is impregnated with electrolyte before being housed in a suitable container, usually an aluminum can, and sealed. throughout the process, all materials inside the housing must be maintained at the highest purity and be compatible with the electrolyte. each capacitor is aged and tested before being sleeved and packed. the purpose of aging is to repair any damage in the oxide layer and thus reduce the leakage current to a very low level. aging is normally carried out at the rated temperature of the capacitor and is accomplished by applying voltage to the device while carefully controlling the supply current. the process may take several hours to complete. damage to the oxide layer can occur due to variety of reasons: ? slitting of the anode foil after forming ? attaching the tabs to the anode foil ? minor mechanical damage caused during winding a sample from each batch is taken by the quality department after completion of the production process. the following tests are applied and may be varied at the request of the customer. in this case the batch, or special procedure, will determine the course of action. electrical: ? leakage current ? capacitance ? esr ? impedance ? tan delta mechanical/visual: ? overall dimensions ? torque test of mounting stud ? print detail ? box labels ? packaging, including packed quantity snap-in aluminum electrolytic capacitors C peh536, +105oc forming winding decking impregnation assembly testing sleeving packing extended cathode anode foil cathode foil tissues foil tabs aging etching free datasheet http://
11 ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com a4025_peh536 ? 9/9/2013 kemet corporation world headquarters 2835 kemet way simpsonville, sc 29681 mailing address: p.o. box 5928 greenville, sc 29606 www.kemet.com tel: 864-963-6300 fax: 864-963-6521 corporate off ces fort lauderdale, fl tel: 954-766-2800 north america southeast lake mary, fl tel: 407-855-8886 northeast wilmington, ma tel: 978-658-1663 central novi, mi tel: 248-994-1030 west milpitas, ca tel: 408-433-9950 mexico guadalajara, jalisco tel: 52-33-3123-2141 europe southern europe paris, france tel: 33-1-4646-1006 sasso marconi, italy tel: 39-051-939111 central europe landsberg, germany tel: 49-8191-3350800 kamen, germany tel: 49-2307-438110 northern europe bishops stortford, united kingdom tel: 44-1279-460122 espoo, finland tel: 358-9-5406-5000 asia northeast asia hong kong tel: 852-2305-1168 shenzhen, china tel: 86-755-2518-1306 beijing, china tel: 86-10-5829-1711 shanghai, china tel: 86-21-6447-0707 taipei, taiwan tel: 886-2-27528585 southeast asia singapore tel: 65-6586-1900 penang, malaysia tel: 60-4-6430200 bangalore, india tel: 91-806-53-76817 note: kemet reserves the right to modify minor details of internal and external construction at any time in the interest of product improvement. kemet does not assume any responsibility for infringement that might result from the use of kemet capacitors in potential circuit designs. kemet is a registered trademark of kemet electronics corporation. snap-in aluminum electrolytic capacitors C peh536, +105oc free datasheet http://
12 ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com a4025_peh536 ? 9/9/2013 other kemet resources tools resource location conf gure a part: capedge http://capacitoredge.kemet.com spice & fit software http://www.kemet.com/spice search our faqs: knowledgeedge http://www.kemet.com/keask electrolytic lifecalculator http://www.kemet.com:8080/elc product information resource location products http://www.kemet.com/products technical resources (including soldering techniques) http://www.kemet.com/technicalpapers rohs statement http://www.kemet.com/rohs quality documents http://www.kemet.com/qualitydocuments product request resource location sample request http://www.kemet.com/sample engineering kit request http://www.kemet.com/kits contact resource location website www.kemet.com contact us http://www.kemet.com/contact investor relations http://www.kemet.com/ir call us 1-877-mykemet twitter http://twitter.com/kemetcapacitors disclaimer all product specif cations, statements, information and data (collectively, the information) in this datasheet are subject to change. the customer is responsible for checking and verifying the extent to which the information contained in this publication is applicable to an order at the time the order is placed. all information given herein is believed to be accurate and reliable, but it is presented without guarantee, warranty, or responsibility of any kind, expressed or implied. statements of suitability for certain applications are based on kemet electronics corporations (kemet) knowledge of typical operating conditions for such applications, but are not intended to constitute C and kemet specif cally disclaims C any warranty concerning suitability for a specif c customer application or use. the information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by kemet with reference to the use of kemets products is given gratis, and kemet assumes no obligation or liability for the advice given or results obtained. although kemet designs and manufactures its products to the most stringent quality and safety standards, given the current state of the art, isolated component failures may still occur. accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage. although all productCrelated warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indicted or that other measures may not be required. snap-in aluminum electrolytic capacitors C peh536, +105oc free datasheet http://
13 ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com a4025_peh536 ? 9/9/2013 snap-in aluminum electrolytic capacitors C peh536, +105oc free datasheet http://


▲Up To Search▲   

 
Price & Availability of PEH536JAE4470M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X