Part Number Hot Search : 
H1505AB CS51312 17PL016 12K32Q TSOP1230 IRLI520G P6KE600 UM9552
Product Description
Full Text Search
 

To Download P80NF10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/9 september 2002 stP80NF10 stP80NF10fp n-channel 100v - 0.012 w - 80a to-220/to-220fp low gate charge stripfet?ii power mosfet (1) i sd 80a, di/dt 300a/s, v dd v (br)dss , t j t jmax. (2) starting t j = 25c, i d = 80a, v dd = 50v n typical r ds (on) = 0.012 w n exceptional dv/dt capability n 100% avalanche tested n application oriented characterization description this power mosfet series realized with stmicro- electronics unique stripfet process has specifical- ly been designed to minimize input capacitance and gate charge. it is therefore suitable as primary switch in advanced high-efficiency isolated dc-dc converters for telecom and computer application. it is also intended for any application with low gate charge drive requirements. applications n high-efficiency dc-dc converters n ups and motor control absolute maximum ratings ( l ) pulse width limited by safe operating area (*) limited by package type v dss r ds(on) i d stP80NF10 stP80NF10fp 100 v 100 v < 0.015 w < 0.015 w 80 a 38 a symbol parameter value unit stP80NF10 stP80NF10fp v ds drain-source voltage (v gs = 0) 100 v v dgr drain-gate voltage (r gs = 20 k w ) 100 v v gs gate- source voltage 20 v i d (*) drain current (continuous) at t c = 25c 80 38 a i d drain current (continuous) at t c = 100c 66 27 a i dm ( l ) drain current (pulsed) 320 152 a p tot total dissipation at t c = 25c 300 45 w derating factor 2 0.3 w/c dv/dt (1) peak diode recovery voltage slope 9 v/ns e as (2) single pulse avalanche energy 360 mj v iso insulation withstand voltage (dc) - 2500 v t stg storage temperature C 55 to 175 c t j max. operating junction temperature to-220 1 2 3 1 2 3 to-220fp internal schematic diagram free datasheet http://www..net/
stP80NF10/stP80NF10fp 2/9 thermal data electrical characteristics (t case = 25 c unless otherwise specified) off on (1) dynamic to-220 to-220fp rthj-case thermal resistance junction-case max 0.5 3.33 c/w rthj-amb thermal resistance junction-ambient max 62.5 c/w t l maximum lead temperature for soldering purpose 300 c symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 250 a, v gs = 0 100 v i dss zero gate voltage drain current (v gs = 0) v ds = max rating 1a v ds = max rating, t c = 125 c 10 a i gss gate-body leakage current (v ds = 0) v gs = 20v 100 na symbol parameter test conditions min. typ. max. unit v gs(th) gate threshold voltage v ds = v gs , i d = 250a 234v r ds(on) static drain-source on resistance v gs = 10v, i d = 40 a 0.012 0.015 w symbol parameter test conditions min. typ. max. unit g fs (1) forward transconductance v ds =25v , i d =40 a 80 s c iss input capacitance v ds = 25v, f = 1 mhz, v gs = 0 4300 pf c oss output capacitance 600 pf c rss reverse transfer capacitance 230 pf free datasheet http://www..net/
3/9 stP80NF10/stP80NF10fp electrical characteristics (continued) switching on switching off source drain diode note: 1. pulsed: pulse duration = 300 s, duty cycle 1.5 %. 2. pulse width limited by safe operating area. symbol parameter test conditions min. typ. max. unit t d(on) turn-on delay time v dd = 50v, i d = 40a r g = 4.7 w v gs = 10v (see test circuit, figure 3) 40 ns t r rise time 145 ns q g q gs q gd total gate charge gate-source charge gate-drain charge v dd = 80v, i d = 80a, v gs = 10v 140 23 51 189 nc nc nc symbol parameter test conditions min. typ. max. unit t d(off) t f turn-off-delay time fall time v dd = 50v, i d = 40a, r g = 4.7 w, v gs = 10v (see test circuit, figure 3) 134 115 ns ns symbol parameter test conditions min. typ. max. unit i sd source-drain current 80 a i sdm (2) source-drain current (pulsed) 320 a v sd (1) forward on voltage i sd = 80a, v gs = 0 1.3 v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 80a, di/dt = 100a/s, v dd = 50v, t j = 150c (see test circuit, figure 5) 155 0.85 11 ns c a safe operating area for to-220fp safe operating area for to-220 free datasheet http://www..net/
stP80NF10/stP80NF10fp 4/9 thermal impedence for to-220fp thermal impedence for to-220 static drain-source on resistance output characteristics transconductance transfer characteristics free datasheet http://www..net/
5/9 stP80NF10/stP80NF10fp normalized on resistance vs temperature capacitance variations normalized gate thereshold voltage vs temp. source-drain diode forward characteristics gate charge vs gate-source voltage free datasheet http://www..net/
stP80NF10/stP80NF10fp 6/9 fig. 5: test circuit for inductive load switching and diode recovery times fig. 4: gate charge test circuit fig. 2: unclamped inductive waveform fig. 1: unclamped inductive load test circuit fig. 3: switching times test circuit for resistive load free datasheet http://www..net/
7/9 stP80NF10/stP80NF10fp dim. mm inch min. typ. max. min. typ. max. a 4.40 4.60 0.173 0.181 c 1.23 1.32 0.048 0.051 d 2.40 2.72 0.094 0.107 d1 1.27 0.050 e 0.49 0.70 0.019 0.027 f 0.61 0.88 0.024 0.034 f1 1.14 1.70 0.044 0.067 f2 1.14 1.70 0.044 0.067 g 4.95 5.15 0.194 0.203 g1 2.4 2.7 0.094 0.106 h2 10.0 10.40 0.393 0.409 l2 16.4 0.645 l4 13.0 14.0 0.511 0.551 l5 2.65 2.95 0.104 0.116 l6 15.25 15.75 0.600 0.620 l7 6.2 6.6 0.244 0.260 l9 3.5 3.93 0.137 0.154 dia. 3.75 3.85 0.147 0.151 l6 a c d e d1 f g l7 l2 dia. f1 l5 l4 h2 l9 f2 g1 to-220 mechanical data p011c free datasheet http://www..net/
stP80NF10/stP80NF10fp 8/9 l2 a b d e h g l6 f l3 g1 123 f2 f1 l7 l4 l5 dim. mm. inch min. typ max. min. typ. max. a 4.4 4.6 0.173 0.181 b 2.5 2.7 0.098 0.106 d 2.5 2.75 0.098 0.108 e 0.45 0.7 0.017 0.027 f 0.75 1 0.030 0.039 f1 1.15 1.7 0.045 0.067 f2 1.15 1.7 0.045 0.067 g 4.95 5.2 0.195 0.204 g1 2.4 2.7 0.094 0.106 h 10 10.4 0.393 0.409 l2 16 0.630 l3 28.6 30.6 1.126 1.204 l4 9.8 10.6 .0385 0.417 l5 2.9 3.6 0.114 0.141 l6 15.9 16.4 0.626 0.645 l7 9 9.3 0.354 0.366 ? 3 3.2 0.118 0.126 to-220fp mechanical data free datasheet http://www..net/
9/9 stP80NF10/stP80NF10fp information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no res ponsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result f rom its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specificati ons mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics products are not authorized for use as critical components in life support devi ces or systems without express written approval of stmicroelectronics. ? the st logo is a registered trademark of stmicroelectronics ? 2002 stmicroelectronics - printed in italy - all rights reserved stmicroelectronics group of companies australia - brazil - canada - china - finland - france - germany - hong kong - india - israel - italy - japan - malaysia - malt a - morocco singapore - spain - sweden - switzerland - united kingdom - united states. ? http://www.st.com free datasheet http://www..net/


▲Up To Search▲   

 
Price & Availability of P80NF10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X