Part Number Hot Search : 
FRS18 S2222A 048201 74HC4051 SD215 U5332K6 2SK1553 16YQ100C
Product Description
Full Text Search
 

To Download P800B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p800a - p800k silicon rectifier diodes prv : 50 - 800 volts io : 8.0 amperes features : * high current capability * high surge current capability * high reliability * low reverse current * low forward voltage drop mechanical data : * case : void-free molded plastic body * epoxy : ul94v-o rate flame retardant * lead : axial lead solderable per mil-std-202, method 208 guaranteed * polarity : color band denotes cathode end * mounting position : any * weight : 2.1 grams maximum ratings and electrical characteristics rating at 25 c ambient temperature unless otherwise specified . symbol p800aP800Bp800dp800gp800jp800k unit maximum repetitive peak reverse voltagev rrm 50100200400600800v maximum rms voltagev rms 3570140280420560v maximum dc blocking voltagev dc 50100200400600800v maximum average forward current 0 . 375 "( 9 . 5 mm ) lead length ta = 50 c peak forward surge current 8.3ms single half sine wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at i f = 8 av f 1.0v maximum dc reverse current ta = 25 c i r 5.0 m a at rated dc blocking voltage ta = 100 c i r(h) 1.0ma typical junction capacitance at 4.0v, 1mhzc j 150pf typical thermal resistance (1) r q ja 20 c/w junction temperature ranget j - 50 to + 150 c storage temperature ranget stg - 50 to + 150 c note : (1) thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5mm) lead length, p.c.b. mounted with 1.1? x 1.1? (30 x 30mm) copper pads page 1 of 2rev. 02 : march 25, 2005 a 400 i fsm rating i f(av) 8.0a 0.360 (9.1) 0.340 (8.6) d 6 0.360 (9.1) 0.340 (8.6) 0.052 (1.32) 0.048 (1.22) dimensions in inches and ( millimeters ) 1.00 (25.4) min. 1.00 (25.4) min. * pb / rohs free free datasheet http:///
rating and characteristic curves ( p800a - p800k ) fig.1 - maximum forward currentfig.2 - typical instantaneous derating current forward characteristics 0255075100125150175 124610204060100 ambient temperature, ( c) number of cycles at 60hz fig.3 - typical instantaneous fig. 4 - typical reverse characteristics forward characteristics page 2 of 2rev. 01 : 02 : march 25, 2005 10 8 6 4 12 10 1.0 500 0 600 0 400 300 200 10 80 1.0 100 100 0.1 100140 204060120 percent of rated peak reverse voltage, (%) p e a k f o r w a r d s u r g e c u r r e n t , a m p e r e s a v e r a g e f o r w a r d r e c t i f i e d c u r r e n t , a m p e r e s i n s t a n t a n e o u s f o r w a r d c u r r e n t , a m p e r e s i n s t a n t a n e o u s r e v e r s e c u r r e n t , m i c r o a m p e r e s ta = 25 c ta = 100 c t j = 25 c pulse width = 300 m s 1% duty cycle 0.1 00.2 0.40.6 0.81.01.21.41.61.82.0 instantaneous forward voltage, volts 0.01 8.3ms single half sine-wave (jedec) method 2 60 hz resistive or inductive load 100 t j =150 c 0 0.01 free datasheet http:///


▲Up To Search▲   

 
Price & Availability of P800B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X