Part Number Hot Search : 
CYR10 DTA123J TC74VCX P2AF6 BU7231G 60R099 TS15P06 DM74L
Product Description
Full Text Search
 

To Download NDA4116 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  -1- [ utz - sc0323_2 ] 2012/10/02 aquamarine laser diode NDA4116  features ? peak wavelength: 473nm ? optical output power: 100mw ? can type: 5.6 mm floating mounted with photo diode and zener diode    absolute maximum ratings item symbol absolute maximum ratings unit optical output power po 120 mw allowable reverse current ir (ld) 85 ma pd reverse voltage vr (pd) 5 v storage temperature tstg -40 ~ 85 c operating case temperature tc 0 ~ 60 c    initial electrical/optical characteristics (tc=25 c) item condition symbol min typ. max unit optical output power cw po - - 100 mw peak wavelength po=100mw p 468 473 478 nm threshold current cw ith - 20 45 ma operating current po=100mw iop - 120 150 ma slope efficiency cw 0.8 1.0 - w/a operating voltage po=100mw vop 5.0 5.7 6.5 v parallel // 8.0 9.5 12.0 beam divergence* perpendicular po=100mw ? 20.0 23.5 27.0 parallel ? // -2.5 - 2.5 beam pointing accuracy perpendicular po=100mw ?? -3.0 - 3.0 monitor current** po=100mw im 0.2 1.0 2.0 ma * full angle at 50% from peak intensity ** monitor current is short time power reference pu rpose only. not guaranteed for accuracy. all figures in this specification are measured by n ichia's method and may contain measurement deviatio ns. the above specifications are for reference purpose only and subjected to change without prior notice. nichia corporation http://www.nichia.co.jp  headquarters 491 oka, kaminaka-cho, anan-shi, tokushima 774-8601 , japan phone: +81-884-22-2311 fax: +81-884-21-0148  contact tokyo sales office 13f tamachi center building 34-7, shiba 5-chome, mi nato-ku, tokyo 108-0014, japan phone: +81-3-3456-3108 fax: +81-3-5440-7330 outline dimension unit (mm) ( ) are reference figures pin connection this model has a zener diode built in as a protection circuit against static electricity. x+ (0.4) (90 ) 0.40.1 5 . 6 + 0 - 0 . 0 3 1 2 3 y+ 2.0 0.2 3.550.1 4 0.430.08 1.2 0.1 0.250.03 glass thickness 6.51.0 4.20.2 1.0 0.1 emitting point z+ (1.3) emitting point reference plane 2.30.2 ( 1 . 6 ) 4
-2- [ utz - sc0323_2 ] 2012/10/02    typical characteristics  optical output power vs. forward current  forward voltage vs. forward current 0 20 40 60 80 100 120 0 30 60 90 120 150 forward current if [ma] optical output power p o [mw] tc=0 tc=20 tc=40 tc=60 0 1 2 3 4 5 6 7 0 30 60 90 120 150 forward current if [ma] forward voltage vf [v] tc=0 tc=20 tc=40 tc=60  threshold current vs. case temperature  peak wavelength vs. case temperature 15 20 25 30 35 40 45 0 10 20 30 40 50 60 case temperature tc [oc] threshold current ith [ma] 468 470 472 474 476 478 0 10 20 30 40 50 60 case temperature tc [oc] peak wavelength ? p [nm]  far field pattern  spectrum -40 -20 0 20 40 angle ? [] relative intensity [a.u.] 468 470 472 474 476 478 wavelength ? [nm] relative optical output power [a.u.]
-3- [ utz - sc0323_2 ] 2012/10/02    cautions (1) safety of laser light    laser beam are extremely dangerous to human eyes. never look at laser beam directly and/or through optical lens. when han dling the lds, wear appropriate safety glasses to prevent laser light, even any reflections from entering to the eye. focused laser beam through optical instruments will increase the chance of eye hazard.    nichia lds are classified in class 3b of iec60825-1 and 21 cfr part 1040.10 safety standards . it is absolutely necessary to take overall safety measures against user's modules, equipment and syst ems into which nichia lds are incorporated and/or integrated. (2) operating method    the ld shall change its forward voltage requirement and optical output power according to temperature change. also, the ld will require more operation current to maint ain same output power as it degrades.    confirm that the optical output power generated by spike current when switching on and off does not ex ceed the maximum absolute rating. also, employ appropriate countermeasures to reduce chattering and/or oversh ooting in the circuit. (3) static electricity    static electricity or electrical surges will reduce and degrade the reliability of the lds. it is reco mmended to use a wrist strap or anti-electrostatic glove when handling the product. (4) absolute maximum rating    active layer of lds shall have high current density and generate high electric field during its operat ion. in order to prevent excessive damage, the ld must be operated s trictly below absolute max rating. (5) others    nichia lds described in this brochure are intended to be used for ordinary electronic equipment (such as office equipment, communications equipment, measurement in struments and household appliances). consult nichia s sales staff in advance for information on the application s in which exceptional quality and reliability are required, particularly when the failure or malfunction of the lds may directly jeopardize life or health (such a s for airplanes, aerospace, submersible repeaters, nuclear reactor c ontrol systems, automobiles, traffic control equipm ent, life support systems and safety devices).    the purchaser must acknowledge that any ld can be f ailed statically and must design its equipments fai l safe design. prior to use of the ld, please confirm that the ld, as described in nichias specifications, meets the life expectancy needs of, and provides the features required by the circuit and any related modules, equipment and/or systems.    nichia prohibit purchaser from reverse engineering, disassembling, or taking any other steps to derive the structure or design of the ld.    the appearance and specifications of the product ma y be modified for improvement without notice. the f ormal specifications must be exchanged and signed by both parties before large volume purchase begins.    no unauthorized transmission or reproduction of thi s document, either in whole or in part, is permitte d.


▲Up To Search▲   

 
Price & Availability of NDA4116

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X