Part Number Hot Search : 
SC283EVB 6KA39A NTE2054 CXA1538 CEE125 M5218 TD62476P 2A100
Product Description
Full Text Search
 

To Download N800005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p.c.b. mounting title scale date dr dwg rev the information contained in this document is propr ietary to e-switch and is not to be copied or transferred sheet of rev pcr no description date by kae05lagt 10/30/2012 N800005 a ebp 1 1 2 4 6 8 10 1 3 5 7 9 circuit - 5 position 2 4 6 8 10 1 3 5 7 9 3.05 [.120 in] 13.74 [.541 in] 6.30 [.248 in] 1.00 [.039 in] travel a 20857 released for production 10/30/12 ebp notes: 1. all dimensions in mm [inch]. 2. general tolerance: x.x=0.4 x.xx=0.25 3. term. nos. for reference only. 4. contact ratings: 25ma @24vdc. (switch) 100ma @50vdc. ( carry) 5. contact material: contacts: (movable) copper w/gold plate. terminals: brass w/gold plate. 6. insulation resistance; 100 m min. @500vdc. 7. contact resistance; 50 m max initial. 8. operating temp: -20 ~ c to +85 ~ c. 9. storage temp: -40 ~ c to +85 ~ c. 10. electrical life: 2000 cycles. 11. package: tube (34 per tube) with all poles in the "off" position. 12. denotes critical parameter. 13. dielectric strength: 500vac min for 1 minute. 14. operating force: 1000 grams max. 15. 2002/95/ec (rohs) compliant. pos. 1 designate pin #1 location 3.60 max [.142 in] e-switch logo 3.50 [.138 in] 4.05 [.159 in] .50 [.020 in] 2.54 [.100 in] 10.16 [.400 in] .25 [.010 in] 9.84 ` .50 .387 ` .020 in [ ] .70 [.028 in] 1.00 [.039 in] 7.62 [.300 in] 10.16 [.400 in] 2.54 [.100 in] n .97 [.038 in]


▲Up To Search▲   

 
Price & Availability of N800005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X