Part Number Hot Search : 
2SK3057 66M00 IR2131J FEP16JTD 15012 C720001 1N5305UR MTZJ12B
Product Description
Full Text Search
 

To Download ME60N03AS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  25 v n-channel enhancement mode mosfet ME60N03AS 01 sep, 2008 ? version 2.1 p arameter symbol limit unit dra i n-source voltage v dss 25 v gate-source voltage v gss 20 v continuous drain current(tj=150 ) * t c =25 i d 53 a pulsed drain current i dm 100 a t c =25 40 maximum power dissipation t c =70 p d 25 w operating junction and storage temperature range t j, t stg -55 to 150 avalanche energy with single pulse(l=0.1mh,rg=25 ) e as 50 mj tQ10 sec 15 thermal resistance-junction to ambient * r ja steady state 40 /w thermal resistance-junction to case r jc 3.1 /w v ds =25v r ds(on) , vgs@10v,ids@30a Q 9m r ds(on) , vgs@ 5v,ids@15a Q 18m features advanced trench process technology high density cell design for ultra low on-resistance specially designed for dc/dc converters and motor drivers fully characterized avalanche voltage and current pin configuration (to-252) top view absolute maximum ratings (t a =25 unless otherwise noted) *the device mounted on 1in 2 fr4 board with 2 oz copper applications motherboard (v-core) dc/dc converter load switch lcd display inverter ipc free datasheet http://www..net/
25 v n-channel enhancement mode mosfet ME60N03AS 02 sep, 2008 ? version 2.1 symbol parameter limit min typ max unit static bv dss drain-source breakdown voltage v gs =0v, i d =250 a 25 v v gs(th) gate threshold voltage v ds =v gs , i d =250 a 1 3 v i gss gate-body leakage v ds =0v, v gs =20v 100 na i dss zero gate voltage drain current v ds =25v, v gs =0v 1 a v gs =10v, i d =30a 6.7 9 r ds(on) drain-source on-resistance v gs = 5v, i d =15a 13 18 m dynamic qg total gate charge v ds =15v, v gs =10v, i d =25a 22 qg total gate charge 11 qgs gate-source charge 5.4 qgd gate-drain charge v ds =15v, v gs =4.5v, i d =25a 5.5 nc c iss input capacitance 840 c oss output capacitance 180 c rss reverse transfer capacitance v ds =15v, v gs =0v, f=1mhz 55 pf rg gate resistance v ds =0v, v gs =0v, f=1mhz 1 t d(on) turn-on delay time 13.5 t r turn-on rise time 13 t d(off) turn-off delay time 42 t f turn-off fall time r l =15 , v gen =10v, i d =1a v dd =15v, r g =3 4 ns source-drain diode i s max.diode forward current 20 a v sd diode forward voltage i s =20a, v gs =0v 0.87 1.5 v note: pulse test: pulse width =300us, duty cycle =2 electrical characteristics (t a =25 unless otherwise specified) free datasheet http://www..net/
25 v n-channel enhancement mode mosfet ME60N03AS 03 sep, 2008 ? version 2.1 typical characteristics (t j =25 noted) free datasheet http://www..net/
25 v n-channel enhancement mode mosfet ME60N03AS 04 sep, 2008 ? version 2.1 typical characteristics (t j =25 noted) free datasheet http://www..net/
25 v n-channel enhancement mode mosfet ME60N03AS 05 sep, 2008 ? version 2.1 millimeters (mm) symbol min max a 2.00 2.50 a1 0.90 1.30 b 0.50 0.85 b1 0.50 0.80 b2 0.50 1.00 c 0.40 0.60 d 5.20 5.70 d2 6.50 7.30 d3 2.20 3.00 h 9.50 10.50 e 6.30 6.80 e2 4.50 5.50 l 1.30 1.70 l1 0.90 1.70 l2 0.50 1.10 l3 0 0.30 p 2.00 2.80 to-252 packa g e outline free datasheet http://www..net/


▲Up To Search▲   

 
Price & Availability of ME60N03AS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X