Part Number Hot Search : 
000MT RT1N432C 040010 040010 UPD6122 02000 D52LC 7474E3
Product Description
Full Text Search
 

To Download MBR20100FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  to-220f plastic-encapsulate diodes MBR20100FCT, 150fct, 200fct schottky barrier rectifier features z schottky barrier chip z guard ring die construction for transient protection z low power loss,high efficiency z high surge capability z high current capability and low forward voltage drop z for use in low voltage, high fr equency inverters,free wheeling, and polarity protection applications maximum ratings ( t a =25 unless otherwise noted ) value symbol parameter MBR20100FCT mbr20150fct mbr20200fct unit v rrm peak repetitive reverse voltage v rwm working peak reverse voltage v r dc blocking voltage 100 150 200 v v r(rms) rms reverse voltage 70 105 140 v i o average rectified output current 20 a i fsm non-repetitive peak forward surge current 8.3ms half sine wave 150 a p d power dissipation 2 w r ja thermal resistance from junction to ambient 50 /w t j junction temperature 125 t stg storage temperature -55~+150 electrical characteristics (t a =25 unless otherwise specified) parameter symbol device test conditions min typ max unit MBR20100FCT 100 mbr20150fct 150 reverse voltage v (br) mbr20200fct i r =1ma 200 v MBR20100FCT v r =100v 0.1 mbr20150fct v r =150v 0.1 reverse current i r mbr20200fct v r =200v 0.1 ma MBR20100FCT 1 mbr20150fct 1 v f1 mbr20200fct i f =10a 1 v MBR20100FCT 1.2 mbr20150fct 1.2 forward voltage v f2 * mbr20200fct i f =20a 1.2 v MBR20100FCT v r = 4 v,f=1mhz 230 pf *pulst test to-220f 1. anode 2. cathode 3. a node typical total capacitance c tot mbr201 50 fct- 20200fct v r = 4 v,f=1mhz 100 pf 1 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification d,feb,2014
0 100 200 300 400 500 600 700 800 900 1000 1100 1 10 100 1000 10000 25 50 75 100 125 150 175 200 0.1 1 10 100 1000 0 25 50 75 100 125 0.0 0.5 1.0 1.5 2.0 2.5 0 5 10 15 20 25 30 35 0 100 200 300 400 20000 1 forward characteristics forward voltage v f (mv) forward current i f (ma) t a = 2 5 t a = 1 0 0 reverse characteristics t a = 2 5 t a = 1 0 0 reverse current i r (ua) reverse voltage v r (v) mbr20200fct power derating curve power dissipation p d (w) ambient temperature t a ( ) t a =25 f=1mhz capacitance characteristics reverse voltage v r (v) capacitance between terminals c t (pf) 2 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification


▲Up To Search▲   

 
Price & Availability of MBR20100FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X