Part Number Hot Search : 
S3P44D10 TQP3M9 STBN068 ZL49031 24006 D5007UK S3P72H8 4528B
Product Description
Full Text Search
 

To Download MBR20100FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  thru 2 0 a m p features high surge capacity low forward voltage drop high current capability, high efficiency marking : type number mcc catalog number maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage mbr2020 f ct 20v 14v 20v mbr2030 f ct 30v 21v 30v mbr2035 f ct 35v 24.5v 35v mbr2040 f ct 40v 28v 40v mbr2045 f ct 45v 31.5v 45v electrical characteristics @ 2 5 c unless otherwise specified average forward current i f(av) 20 a t a = 120 c peak forward surge current i fsm 150a 8.3ms, half sine maximum instantaneous forward voltage 2020 f ct-2045 f ct 2060 f ct v f .70v .80v 2020 f ct-2045 f ct 2060 f ct .84v .95v 2080 f ct-20100 f ct .95v i fm = 20a; t a = 25 c i fm = 10a; t a = 25 c 2080 f ct-20100 f ct .85v 2020 f ct-2045 f ct 2060 f ct .72v .85v 2080 f ct-20100 f ct .85v i fm = 20a; t a =1 25 c mbr 20 100 f ct 100 v 70v 100v mbr 20 80 f ct 80v 56v 80v mbr 20 60 f ct 60v 42v 60v i r 2 0 to 100 volts maximum ratings operating temperature: -5 5 c to +150 c storage temperature: -5 5 c to +150 c maximum dc reverse current at rated dc blocking voltage 2020 f ct~2045 f ct 2060 f ct~20100 f ct 2020 f ct~2045 f ct 2060 f ct~20100 f ct t a = 25 c t a = 1 25 c 0.1ma 0.15ma 50ma 150ma barrier rectifier schottky mbr2020 f ct mbr20100 f ct         
 omp onents 20736 marilla street chatsworth               !  " #   $
%        !   " #    i to-220ab pin 1 pin 3 pin 2 a b c k j i h g e d n m l h pin 13 2  inches mm              a . 583 .6 06 14. 80 15. 40 b --- . 4 0 6 --- 10.30 n .0 98 .11 4 2. 50 2.9 0         o f c .100 .1 12 2.5 5 2.85 d .2 48 .27 2 6 . 30 6. 90 e --- . 1 6 1 - - - 4.10 f --- . 0 7 1 --- 1.80 g . 512 .5 43 13.00 13.80 h .100 2.55 i --- . 035 --- 0.90 j --- . 032 --- 0.80 k .1 18 .1 34 3.00 3.40 l --- . 189 --- 4.8 0 m --- . 130 --- 3.30 o --- . 055 --- 1.40 x case material: molded plastic. ul flammability classification rating 94v-0 www.kersemi.com
mbr2020 f ct thru mbr20100 f ct average forward rectified current - amperes versus ambient temperature - c figure 3 forward derating curve 25 50 100 125 150 0 0 10 12 14 single phase, half wave 60hz resistive or inductive load amps c 75 16 18 20 instantaneous forward current - amperes versus instantaneous forward voltage - volts figure 1 typical forward characteristics volts 4 6 20 10 amps . 2 .7 .3 .4 .5 .6 .01 .02 .04 .06 .1 .2 .4 .6 1 2 25 c 40 60 100 .8 1 100 4 0 25 50 75 8 figure 4 peak forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 100 125 150 2080 f ct-20100 f ct 2020 f ct-2045 f ct 2060 f ct figure 2 typical reverse characteristics 0 20406080100120140 0.001 0.01 0.1 1 10 50 volt s [%] ma t = 25 c o a t = 75 c o a t = 125 c o a m b r 2 0 20 f c t - m br 2 0 4 5 f c t m b r 2 0 6 0 f c t - m br 2 0 10 0 f c t m br 2 0 6 0 f c t - m br 2 0 10 0 f c t m b r 2 0 20 f c t - m br 2 0 4 5 f c t instantaneous reverse leakage current - m ampere percent of rated peak reverse voltage - volts % www.kersemi.com


▲Up To Search▲   

 
Price & Availability of MBR20100FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X