Part Number Hot Search : 
DZ6V2 25ETT TZA3050 HT1050B SPDR1004 25ETT UM4301 25ETT
Product Description
Full Text Search
 

To Download LV47002P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  orderin g numbe r : ena1542 monolithic linear ic for car audio systems 4-channel btl power amplifier LV47002P overview the LV47002P is the ic for 4-channel btl power amplifier that is developed for car audio system. pch dmos in the upper side of the output stage and nch dmos in the lower side of the output stage are complimentary. high power and high quality sound are realized by that. this ic incorporate various functions (standby switch, muting function, and various protection circuit) necessary for car audio system. also, it has a self-diagnosis function. functions ? high output : p o max = 48w (typical) (v cc = 15.2v, f = 1khz, jeita max, r l = 4 ) : p o max = 28w (typical) (v cc = 14.4v, f = 1khz, thd = 10%, r l = 4 ) : p o max = 21w (typical) (v cc = 14.4v, f = 1khz, thd = 1%, r l = 4 ) ? built-in muting function (pin 22) ? built-in standby switch (pin 4) ? built-in self-diagnosis function (pin 25) : signal output in case of output offset detection, shorting to v cc , shorting to ground, and load shorting. ? electric mirror noise decrease ? built-in various protection circuit (shorting to ground, shorting to v cc , load shorting, over voltage and thermal shut down) ? no external anti-oscillation part necessary. note 1 : please do not mistake connection. a wrong connection may produce destruction, deterioration and damage for the ic or equipment. note 2 : the protective circuit function is provided to temporarily avoid abnormal state such as incorrect output connection. but, there is no guarant ee that the ic is not destroyed by the accident. the protective function do not operate of the operation guar antee range. if the outputs ar e connected incorrectly, ic destruction may occur when used outside of the ope ration guarantee range. note 3 : external parts, such as the anti-oscillation part, ma y become necessary depending on the set condition. check their necessity for each set. specifications of any and all sanyo semiconductor co.,l td. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer ' s products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer ' sproductsor equipment. any and all sanyo semiconductor co.,ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment (home appliances, av equipment, communication device, office equipment, industrial equ ipment etc.). the products mentioned herein shall not be intended for use for any "special application" (medica l equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, t ransportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of re liability and can directly threaten human lives in case of failure or malfunction of the product or may cause har m to human bodies, nor shall they grant any guarantee thereof. if you should intend to use our products for app lications outside the standard applications of our customer who is considering such use and/or outside the scope of our intended standard applications, please consult with us prior to the intended use. if there is n o consultation or inquiry before the intended use, our customer shall be solely responsible for the use. 82609 sy pc 20090717-s00002 no.a1542-1/9
LV47002P no.a1542-2/9 specifications maximum ratings at ta = 25 c parameter symbol conditions ratings unit v cc max1 no signal, t = 1 minute 26 v maximum supply voltage v cc max2 during operations 18 v maximum output current i o peak per channel 4.5/ch a allowable power dissipation pd max with an infinity heat sink 50 w operating temperature topr -40 to +85 c storage temperature tstg -40 to +150 c thermal resistance between the junction and case j-c 1 c/w recommended operating ranges at ta = 25 c parameter symbol conditions ratings unit recommended supply voltage v cc 14.4 v recommended load resistance r l op 4 operating supply voltage range v cc op a range not exceeding pdmax 9 to 16 v electrical characteristics at ta = 25c, v cc = 14.4v, r l = 4 , f = 1khz, rg = 600 ratings parameter symbol conditions min typ max unit quiescent current i cco r l = , rg = 0 200 400 ma standby current ist vst = 0v 10 a voltage gain vg v o = 0dbm 25 26 27 db voltage gain difference vg -1 +1 db p o thd = 10% 23 28 w p o max1 jeita max 43 w output power p o max2 v cc = 15.2, jeita max 48 w output offset voltage vn offset rg = 0 -100 +100 mv total harmonic distortion thd p o = 4w 0.03 0.2 % channel separation chsep v o = 0dbm, rg = 10k 55 65 db ripple rejection ratio svrr rg = 0 , fr = 100hz, v cc r = 0dbm 45 65 db output noise voltage v no rg = 0 , b.p.f. = 20hz to 20khz 80 200 vrms input resistance ri 40 50 65 k mute attenuation matt v o = 20dbm, mute : on 75 90 db vstby h amp : on 2.5 v cc v standby pin control voltage vstby l amp : off 0.0 0.5 v mute pin control voltage vmute h mute : off open - vmute l mute : on 0.0 1.5 v output offset detection detection threshold voltage vosdet 1.2 1.8 2.4 v * 0dbm = 0.775vrms
LV47002P package dimensions unit : mm (typ) 3236a pd max -- ta -40 -20 0 20 40 60 80 100 120 140 160 0 10 20 30 40 50 60 70 ambient temperature, ta -- c maximum power dissipation, pd max -- w infinite heat sink j-c=1c/w no heat sink j-a=39c/w heat sink( f=3.5c/w) j-c+f=4.5c/w sanyo : hzip25 2.0 29.2 25.6 (22.8) (2.6) (5.0) (12.3) (1.0) 0.52 (r1.7) 0.4 18.6 max (14.4) 4.5 (11.0) 3.5 21.7 14.5 4.2 4.0 (8.5) ( 2.5) 12 5 2.0 block diagram 10k 4.7k + - + - out 1 + v cc 3/4 v cc 1/2 ta b v cc out 1 - pwr gnd1 r l protective circuit mute circuit stand by switch pwr gnd2 pwr gnd3 pwr gnd4 pre gnd 0.1f 1f 2200f 11 9 7 8 12 1 6 20 + 2 22 13 + ac gnd 16 25 r l r l r l + - + - out 2 + out 2 - mute 5v offset diag 5 3 + - + - out 3 + out 3 - 15 17 19 18 + in 4 14 stby 24 protective circuit 4 - ++ - out 4 + out 4 - 21 23 low level mute on +5v st on 0.47f + ripple filter dc 10 22f + 0.47f + in 3 0.47f + in 2 0.47f + in 1 0.47f no.a1542-3/9
LV47002P external components part name recommended value purpose remarks c1 to c5 0.47 f cuts dc voltage the larger the constant value, the lower the cut-off frequency the values of c1 to c5 must be the same c6 22 f reduces ripples reduces pop noise the larger the constant value, th e longer the amplifier on/off time c7 2200 f ripple filter eliminat ing power supply ripples c8 0.1 f improves oscillation stability reducing high-frequency noise c9 1 f reduces pop noise the larger the constant value, the longer the mute on/off time r1 10k reduces pop noise the larger the constant value, the longer the mute on/off time r2 4.7k pull-up resistor * the components and constant values within the test circuit are used for confirmation of characteristics and are not guarantee s that incorrect or trouble will not occur in application equipment. description of operation 1. standby switch function (pin 4) threshold voltage of the pin 4 is set by about 2vbe. the amplifier is turned on by the applied voltage of 2.5v or more. also, the amplifier is turned off by the applied voltage of 0.5v or less. 4 stby 10k 30k fig1 standby equivalent circuit 2. muting function (pin 22) the muted state is obtained by setting pin 22 to the ground potential, enabling audio muting. the muting function is turned on by the applied voltage of 1v or less to the resistance of 10k . and the muting function is turn off when this pin opens. also, the time constant of the muting function is determined by external capacitor and resistor constants. it is concerned with a pop noise in amplifier on/off an d mute on/off. after enough examination, please set it. + mute mute off on 10k 18k 1f about 50a about 2.5v 200 22 fig2 mute equivalent circuit 3. acgnd pin (pin 16) the capacitor of the pin 16 must use the same capacitance value as the input capacitor. also, connect to the same pregnd as the input capacitor. no.a1542-4/9
LV47002P 4. self-diagnostics function (pin 25) by detecting the unusual state of the ic, the signal is output to the pin 25. also, by controlling the standby switch after the signal of the pin 25 is detected by the microcomputer, the burnout of the speaker can be prevented. (1) shorting to v cc /shorting to ground : the pin 25 becomes the low level. (2) load shorting : the pin 25 is alternated between the low level and the high level according to the output signal. (3) output offset detection : wh en the output offset voltage exceed s the detection threshold voltage, the pin 25 becomes the low level. * note: the output offset abnormality is thought of as the leakage current of the input capacitor. in addition, the pin 25 has become the npn open collector output (active low). the pin 25 must be left open when this function is not used. + - + - + + 16 25 5v speaker pin output voltage +1.8v (typical) -1.8v (typical) time time 0v offset diag out + out - rt in ac gnd output voltage 25 pin voltage fig3 self-diagnosis function diagram no.a1542-5/9
LV47002P no.a1542-6/9 5. sound quality (low frequencies) by varying the value of input capacitor, low-frequency characteristic can be improved. however, it is concerned the shock noise. please co nfirm in each set when the capacitance value varies. 6. pop noise for pop noise prevention, it is recommended to use the muting function at the same time. ? please turn on the muting function simultaneously with power supply on when the amplifier is turned on. next, turn off the muting function after the output dc potential stabilization. ? when the amplifier is turn off, turn off the power supply after turning on the muting function. 7. oscillation stability pay due attention on the following points because parasitic oscillation may occur due to effects of the capacity load, board layout, etc. (1) capacity load when the capacitor is to be inserted between each output pin and gnd so as to prevent el ectric mirror noise, select the capacitance of maximum 1500pf. (conditions : our recommended board, r l = 4 ) (2) board layout ? provide the v cc capacitor of 0.1 f in the position nearest to ic. ? pregnd must be independently wired an d connected to the gnd poin t that is as stable as possible, such as the minus pin of the 2200 f v cc capacitor. in case of occurrence of parasitic oscillation, any one of following parts may be added as a countermeasure. note that the optimum capacitance must be ch ecked for each set in the mounted state. ? series connection of cr (0.1 f and 2.2 ) between btl outputs ? series connection of cr(0.1 f and 2.2 ) between each output pin and gnd.
LV47002P no.a1542-7/9 0 50 100 150 200 250 0 2 4 6 8 10 12 14 61 6 8 10 12 14 8 10 12 14 16 18 0.01 10 10 0.1 23 57 23 57 23 57 11 0 2 3 57 2 3 57 2 3 57 2 3 57 100 1k 10k 100 10 100k supply voltage, v cc -- v quiescent current, i cco 0 10 20 30 40 0.1 1 2 3 5 7 2 3 5 7 2 3 5 7 50 0 5 10 15 20 25 81 01 21 41 6 237 5237 5237 5237 5 100 1k 10k 18 supply voltage, v cc -- v o thd -- p o 0.01 2 3 5 7 0.1 2 3 5 7 2 3 5 7 1 0.01 2 3 5 7 0.1 2 3 5 7 2 3 5 7 1 10 0.1 23 7 11 0 5237 5237 5 1 257 325 7 325 7 3 10 100 output power, p o -- w thd -- p o thd -- f 0.01 2 3 5 7 0.1 2 3 5 7 2 3 5 7 1 10 0.1 100 output power, p o -- w total harmonic distortion, thd -- % frequency, f -- hz total harmonic distortion, thd -- % 10 100k frequency, f -- hz output power, p o -- w 61 8 supply voltage, v cc -- v output midpoint voltage, v n -- v i cco -- v cc output power, p o -- w thd -- p o v n -- v cc p o -- v cc p o -- f -- ma output power, p - - w total harmonic distortion, thd - - % total harmonic distortion, thd - - % r l = open rg = 0 r l = open rg = 0 f = 1khz r l = 4 thd = 10% all channel is similar all channel is similar v cc = 14.4v r l = 4 thd = 1% v cc = 14.4v r l = 4 f = 1khz v cc = 14.4v r l = 4 f = 100hz ch2 ch4 ch1 ch3 ch4 ch2 v cc = 14.4v r l = 4 f = 10khz v cc = 14.4v r l = 4 p o = 4w ch1 ch3 ch2 ch4 ch1 ch3 ch2 ch4 ch3 ch1
LV47002P no.a1542-8/9 -- 3 -- 2 -- 1 0 1 0 50 100 150 10 100 23 57 23 57 23 57 23 57 1k 10k 100 23 57 23 57 23 57 23 57 1k 10k 100 23 57 23 57 23 57 23 57 1k 10k 100 2 3 57 2 3 57 2 3 57 2 3 57 1k 10k 100 2 3 57 2 3 57 2 3 57 2 3 57 1k 10k 100 23 57 23 57 23 57 23 57 1k 10k 100 23 57 23 57 23 57 23 57 1k 10k 100k 0 80 80 81 01 21 41 61 8 1 0 100k frequency, f -- hz response - - db 0 20 40 60 20 40 60 80 0 20 40 60 80 10 100k frequency, f -- hz ch.sep -- f 0 20 40 60 0 20 40 60 80 10 100k frequency, f -- hz ch.sep -- f svrr -- f r 0 20 40 60 80 10 100k frequency, f -- hz channel separation -- db ripple frequency, f r -- hz ripple rejection ratio, svrr -- db 10 100k frequency, f -- hz channel separation -- db 10 100k rg -- output noise voltage, v no -- v respomse -- f supply voltage, v cc -- v svrr -- v cc v no -- rg ch.sep -- f ch.sep -- f channel separation - - db channel separation - - db ripple rejection ratio, svrr - - db all channel is similar v cc = 14.4v r l = 4 v o = 0dbm v cc = 14.4v r l = 4 ch4 ch1 ch2 ch3 v cc = 14.4v r l = 4 rg = 10k v o = 0dbm (ch1) v cc = 14.4v r l = 4 rg = 10k v o = 0dbm (ch2) v cc = 14.4v r l = 4 rg = 10k v o = 0dbm (ch3) v cc = 14.4v r l = 4 rg = 10k v o = 0dbm (ch4) v cc r = 0dbm fr = 100hz rg = 0 r l = 4 v o = 0dbm v cc = 14.4v v cc r = 0dbm rg = 0 r l = 4 cv cc = 0.1f ch1 ch2 ch1 ch4 ch1 ch3 ch2 ch1 ch2 ch4 ch2 ch3 ch4 ch3 ch3 ch1 ch3 ch2 ch4 ch1 ch4 ch2 ch3 ch4 ch2 ch1 ch3 ch4 ch1 ch3 ch4 ch2
LV47002P ps no.a1542-9/9 sanyo semiconductor co.,ltd. assumes no responsib ility for equipment failures that result from using products at values that exceed, even momentarily, rate d values (such as maximum ra tings, operating condition ranges, or other parameters) listed in products specif ications of any and all sanyo semiconductor co.,ltd. products described or contained herein. sanyo semiconductor co.,ltd. strives to supply high-qual ity high-reliability products, however, any and all semiconductor products fail or malfunction with some probability. it is possible that these probabilistic failures or malfunction could give rise to acci dents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause dam age to other property. when designing equipment, adopt safety measures so that these kinds of accidents or e vents cannot occur. such measures include but are not limited to protective circuits and error prevention c ircuits for safe design, redundant design, and structural design. upon using the technical information or products descri bed herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of sanyo semiconductor co.,ltd. or any third party. sanyo semiconductor co.,ltd. shall not be liable f or any claim or suits with regard to a third party's intellctual property rights which has resulted from the use of the technical information and products mentioned above. information (including circuit diagr ams and circuit parameters) herein is for example only; it is not guaranteed for volume production. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equi pment, refer to the "delivery specification" for the sanyo semiconductor co.,ltd. product that you intend to use. in the event that any or all sanyo semiconductor c o.,ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities conc erned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any in formation storage or retrieval system, or otherwise, without the prior written consent of sanyo semiconductor co.,ltd. 0 1 2 3 4 0 10 20 30 40 50 60 81 01 21 41 6 2357 1 2 3 57 2 3 57 10 18 supply voltage, v cc -- v detection threshold voltage, vosdet - this catalog provides information as of august, 2009. specifications and information herein are subject to change without notice. - v 0 50 100 150 200 250 0 20 40 60 80 100 0 1.0 2.0 3.0 4.0 1.0 2.0 3.0 4.0 5.0 standby control voltage, vst -- v quiescent current, i cco -- ma 0 5.0 mute control voltage, v mute -- v mute attenuation, mute att -- db 0.1 100 output power, p o -- w power dissipation, pd -- w offset diag -- v cc pd -- p o i cco -- vst mute att -- v mute r l = 4 rg = 0 f = 1khz r l = 4 pd = v cc i cc - p o 4ch detection level v cc = 14.4v v cc = 16v v cc = 14.4v r l = open rg = 0 v cc = 14.4v r l = 4 v o = 20dbm


▲Up To Search▲   

 
Price & Availability of LV47002P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X